Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download 6N1135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6N1135/ 6N1136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Features
* * * * * * * * * Operating Temperature from -55 C to +110 C Isolation Test Voltage: 5300 VRMS TTL Compatible High Bit Rates: 1.0 MBd Bandwidth 2.0 MHz Open-Collector Output External Base Wiring Possible Lead-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
NC A C NC
1 2 3 4
8 7 6 5
C (VCC) B (VB) C (VO) E (GND)
i179081
e3
Pb
Pb-free
Agency Approvals
* UL 1577 - File No. E52744 System Code H or J * DIN EN 60747-5-2 (VDE0884) * CUL - File No. E52744, equivalent to CSA bulletin 5A
Signals can be transmitted between two electrically separated circuits up to frequencies of 2.0 MHz. The potential difference between the circuits to be coupled should not exceed the maximum permissible reference voltages
Description
The 6N1135 and 6N1136 are 110 C rated optocouplers with a GaAIAs infrared emitting diode, optically coupled with an integrated photo detector which consists of a photo diode and a high-speed transistor in a DIP-8 plastic package.
Order Information
Part 6N1135 6N1136 6N1135-X007 6N1136-X006 6N1136-X007 6N1136-X009 Remarks CTR 7 %, DIP-8 CTR 19 %, DIP-8 CTR 7 %, SMD-8 (option 7) CTR 19 %, DIP-8 400 mil (option 6) CTR 19 %, SMD-8 (option 7) CTR 19 %, SMD-8 (option 9)
For additional information on the available options refer to Option Information.
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltages Forward current Peak forward current Thermal resistance Power dissipation Tamb = 70 C t = 1.0 ms, duty cycle 50 % Maximum surge forward current t 1.0 s, 300 pulses/s Test condition Symbol VR IF IFM IFSM Rth Pdiss Value 5.0 25 50 1.0 700 45 Unit V mA mA A K/W mW
Document Number 83909 Rev. 1.5, 26-Oct-04
www.vishay.com 1
6N1135/ 6N1136
Vishay Semiconductors Output
Parameter Supply voltage Output voltage Emitter-base voltage Output current Maximum output current Base current Thermal resistance Power dissipation Tamb = 70 C Pdiss IB Test condition Symbol VCC VO VEBO IO Value - 0.5 to 15 - 0.5 to 15 5.0 8.0 16 5.0 300 100 Unit V V V mA mA mA K/W mW
Coupler
Parameter Isolation test voltage (between t = 1.0 s emitter and detector climate per DIN 50014 part 2, NOV 74 Storage temperature range Ambient temperature range Soldering temperature max. 10 s, dip soldering 0.5 mm from case bottom Test condition Symbol VISO Value 5300 Unit VRMS
Tstg Tamb Tsld
- 55 to + 125 - 55 to + 110 260
C C C
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Breakdown voltage Reverse current Capacitance Temperature coefficient, forward voltage Test condition IF = 16 mA IR = 10 A VR = 5.0 V VR = 0 V, f = 1.0 MHz IF = 16 mA Symbol VF VBR IR CI VF/TA 5.0 0.5 125 -1.7 10 Min Typ. 1.6 Max 1.9 Unit V V A pF mV/C
Output
Parameter Logic low supply current Supply current, logic high Output voltage, output low Test condition IF = 16 mA, VO open, VCC = 15 V IF = 0 mA, VO open, VCC = 15 V IF = 16 mA, VCC = 4.5 V, IO = 1.1 mA IF = 16 mA, VCC = 4.5 V, IO = 2.4 mA Output current, output high IF = 0 mA, VO = VCC = 5.5 V IF = 0 mA, VO = VCC = 15 V 6N1135 6N1136 Part Symbol ICCL ICCH VOL VOL IOH IOH Min Typ. 150 0.01 0.1 0.1 3.0 0.01 1 0.4 0.4 500 1 Max Unit A A V V nA A
www.vishay.com 2
Document Number 83909 Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors Coupler
Parameter Capacitance (input-output) Current Transfer Ratio Test condition f = 1.0 MHz IF = 16 mA, VO = 0.4 V, VCC = 4.5 V IF = 16 mA, VO = 0.5 V, VCC = 4.5 V 6N1135 6N1136 6N1135 6N1136 Part Symbol CIO CTR CTR CTR CTR 7 19 5 15 Min Typ. 0.6 16 35 Max Unit pF % % % %
Switching Characteristics
Parameter High-low Low-high Test condition IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k Part 6N1135 6N1136 6N1135 6N1136 Symbol tPHL tPHL tPLH tPLH Min Typ. 0.3 0.2 0.3 0.2 Max 1.5 0.8 1.5 0.8 Unit s s s s
Pulse generator ZO=50 tr,tf=5 ns duty cycle 10% t100 s
1 IF 2
IF Monitor
IF
t
8 7 6 5
RL
5V
VO
5V 1.5 V t
3
i 100
VO CL 15 pF
VOL tPHL
4
tPLH
i6n135_01
Figure 1. Switching Times
Common Mode Transient Immunity
Parameter High Low Test condition IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k Part 6N1135 6N1136 6N1135 6N1136 Symbol | CMH | | CMH | | CML | | CML | Min Typ. 1000 1000 1000 1000 Max Unit V/s V/s V/s V/s
Document Number 83909 Rev. 1.5, 26-Oct-04
www.vishay.com 3
6N1135/ 6N1136
Vishay Semiconductors
VCM 10 V IF 1 2 3 4 8 7 6 5 RL VO VO 5V A: IF=0 mA +VCM 5V 0V 10% tr tf 90% t 90% 10%
A B VFF
Pulse generator ZO=50 tr,tf=8 ns
VO
t
VOL
B: IF=16 mA t
i6n135_02
Figure 2. Common-Mode Interference Immunity
Safety and Insulation Ratings
As per IEC60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits. Parameter Climatic Classification (according to IEC 68 part 1) Pollution degree (DIN VDE 0109) Comparative tracking index per DIN IEC112/VDE 0303 part 1, group IIIa per DIN VDE 6110 VIOTM VIORM Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C PSI ISI TSI Creepage Clearance Insulation thickness VIOTM VIORM RIO RIO PSI ISI TSI 7.0 7.0 0.2 175 Test condition Symbol Min Typ. 55/110/21 2.0 399 Max Unit
8000 630 10
12
V V 500 300 175 mA mW C mm mm mm
1011
www.vishay.com 4
Document Number 83909 Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
2.3 2.1
V F - Forward Voltage ( V ) ICE0- Collector Emitter Leakage Current (nA)
1000 100 VCC = VCE = 15 V 10 1 0.1 VCC = VCE = 5 V
-55C 0C
1.9 1.7 1.5 1.3 1.1 0.9 0.7 0.01
25C 50C 110C
0.10
1.00
10.00
100.00
17585
IF - Forward Current ( mA )
0.01 -55 -35 -15 5 25 45 65 85 105 125 17590 Tamb - Ambient Temperature ( _C )
Figure 3. Forward Voltage vs. Forward Current
Figure 6. Collector-Emitter Dark Current vs. Ambient Temperature
12 11 10 9 8 7 6 5 4 3 2 1 0
2.0 IF = 25 mA
CTR Norm - Normalized CTR
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 Normalized to IF = 10 mA, Tamb = 25_C, VCC= 5 V VO = 0.4 V, saturated 25 45 65 85 105 125 10 mA 5 mA IF = 1 mA
I C - Collector Current ( mA )
20 mA 15 mA 10 mA
5 mA Tamb = 25_C, VCC= 5 V, non-saturated 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0.0 -55 -35 -15 5
17630
17586
VCE - Collector Emitter Voltage ( V )
Tamb - Ambient Temperature ( C )
Figure 4. Collector Current vs. Collector Emitter Voltage
Figure 7. Normalized Current Transfer Ratio vs. Ambient Temperature
8
I C - Collector Current ( mA ) CTR Norm - Normalized CTR
2.50 Tamb = 25_C, VCC= 5 V, saturated IF = 25 mA 20 mA 15 mA 10 mA 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 Normalized to IF = 16 mA, Tamb = 25_C, VCC= 5 V VO = 0.4 V, saturated 25 45 65 85 105 125 16 mA 10 mA 5 mA IF = 1 mA
7 6 5 4 3 2 1 0 0.0
5 mA 1 mA 0.1 0.2 0.3 0.4 0.5
0.00 -55 -35 -15 5
17631
17629
VCE - Collector Emitter Voltage ( V )
Tamb - Ambient Temperature ( C )
Figure 5. Collector Current vs. Collector Emitter Voltage
Figure 8. Normalized Current Transfer Ratio vs. Ambient Temperature
Document Number 83909 Rev. 1.5, 26-Oct-04
www.vishay.com 5
6N1135/ 6N1136
Vishay Semiconductors
7 IF = 20 mA
I C - Collector Current ( mA )
1.4 1.3 16 mA
Normalized h FE
6 5 4 3 2 1 1 mA 0 -55 -35 -15 5 25 45 65 85 105 125 Tamb - Ambient Temperature ( C ) VCC= 5 V, VO = 0.4 V, saturated 2 mA
50C
110C
1.2 1.1 25C 1.0 0.9 0.8 0.7 0.6 0.5 0.10
17634
10 mA
0C -55C Normalized to IB = 20 A, Tamb = 25_C, VO = 5 V, non saturated 1.00 10.00 IB - Base Current ( mA ) 100.00
17587
Figure 9. Output Current vs. Temperature
Figure 12. Normalized HFE vs. Base Current
2.0
CTR Norm - Normalized CTR
2.0 IF = 1 mA 5 mA
Normalized h FE
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.10
17635
110C 50C
10 mA
25C 0C -55C Normalized to IB = 20 A, Tamb = 25_C, VO = 0.4 V, saturated 1.00 10.00 100.00
Normalized to IF = 10 mA, Tamb = 25_C, VCC= 5 V VO = 5 V, non-saturated 25 45 65 85 105 125
0.0 -55 -35 -15 5
17632
Tamb - Ambient Temperature ( C )
IB - Base Current ( mA )
Figure 10. Normalized Current Transfer Ratio vs. Ambient Temperature
Figure 13. Normalized HFE vs. Base Current
2.0
CTR Norm - Normalized CTR
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
IF = 1 mA 5 mA
100.00 -55C
Ip - Photo Current ( mA )
10.00
0C
10 mA 16 mA Normalized to IF = 16 mA, Tamb = 25_C, VCC= 5 V VO = 5 V, non-saturated 25 45 65 85 105 125
1.00
25C 50C
0.10
110C VCC= 5 V
0.0 -55 -35 -15 5
17633
0.01 0.01
17636
0.10
1.00
10.00
100.00
Tamb - Ambient Temperature ( C )
IF - Forward Current ( mA )
Figure 11. Normalized Current Transfer Ratio vs. Ambient Temperature
Figure 14. Photo Current vs. Forward Current
www.vishay.com 6
Document Number 83909 Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors
10 1 0.1 25C 0.01 0.001 110C 50C VCC = 5 V normalized to IF = 16 mA 100.00 -55C 0C
1800
t P - Propagation Delay time ( ns )
1600 1400 1200 1000 800 600 400 200
VCC= 5 V, IF = 16 mA RL = 1.9 k, Tamb = 25 C tPLH ( 3V ) tPLH ( 1.5V ) tPHL ( 1.5V ) tPHL ( 3V )
Norm. Photo Current
0.0001 0.01
17637
0.10 1.00 10.00 IF - Forward Current ( mA )
17588
0 -55 -35 -15 5 25 45 65 85 105 125 Tamb - Ambient Temperature ( C )
Figure 15. Photo Current vs. Forward Current
Figure 18. Propagation Delay vs. Ambient Temperature
3000 VCC = VO = 5 V,
t - Switching Time ( ns )
3000
t P - Propagation Delay time ( ns )
Tamb = 25 C, VCC= 5 V, IF = 16 mA, RL = 4.1 k tPLH ( 3V )
2500 2000 1500 1000
IF = 16 mA Tamb = 25 C toff
2500 2000 1500 1000 500
tPLH ( 1.5V )
ton 500 0 0.0
tPHL ( 1.5V ) tPHL ( 3V ) 25 45 65 85 105 125
0.5
1.0
1.5
2.0
2.5
17589
0 -55 -35 -15 5
17638
RL - Load Resistance ( k )
Tamb - Ambient Temperature ( C )
Figure 16. Switching Time vs. Load Resistance
Figure 19. Propagation Delay vs. Ambient Temperature
25000 20000
t - Switching Time ( ns )
0.6 IF = 16 mA Tamb = 25 C toff
Small Signal Current Transfer Ratio
VCC = VO = 5 V,
0.5 0.4 0.3 0.2 VCC = VO = 5 V, 0.1 0.0 RL = 100 , RLED = 50 , Tamb = 25_C 0 5 10 15 20 25
15000 10000 5000 ton 0 0 5 10 15 20
17639
RL - Load Resistance ( k )
17591
IF - Forward Current ( mA )
Figure 17. Switching Time vs. Load Resistance
Figure 20. Small Signal CTR vs. Forward Current
Document Number 83909 Rev. 1.5, 26-Oct-04
www.vishay.com 7
6N1135/ 6N1136
Vishay Semiconductors
Figure 21. Small Signal Current Transfer Ratio vs. Quiescent Input Current
(VCC = 5.0 V, RL = 100 )
0.6
iF/iO / Small Signal Current Transfer Ratio
0.5 0.4 0.3 0.2 0.1 0 0 5 10 IF / mA 15 20 25
i6n135_11
Package Dimensions in Inches (mm)
pin one ID 4 .255 (6.48) .268 (6.81) 5 6 7 8
ISO Method A
3
2
1
.379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .031 (0.79) .130 (3.30) .150 (3.81) .050 (1.27) .018 (.46) .022 (.56)
i178006
.300 (7.62) typ.
10 .020 (.51 ) .035 (.89 ) .100 (2.54) typ. 3-9 .008 (.20) .012 (.30)
.230(5.84) .110 (2.79) .250(6.35) .130 (3.30)
www.vishay.com 8
Document Number 83909 Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18450
Document Number 83909 Rev. 1.5, 26-Oct-04
www.vishay.com 9
6N1135/ 6N1136
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 10
Document Number 83909 Rev. 1.5, 26-Oct-04


▲Up To Search▲   

 
Price & Availability of 6N1135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X