Part Number Hot Search : 
CL432BLP AO4716 SD125 EDGE6420 B3371V CL432BLP TIP117 RCR16C
Product Description
Full Text Search
 

To Download 5STB24N2800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSM ITAVM ITRMS ITSM VT0 rT
= = = = = =
2800 V 2430 A 3820 A 43000 A 0.85 V 0.160 m
Bi-Directional Control Thyristor
5STB 24N2800
Doc. No. 5SYA1041-03 Sep. 01
* Two thyristors integrated into one wafer * Patented free-floating silicon technology * Designed for traction, energy and industrial applications * Optimum power handling capability * Interdigitated amplifying gate.
The electrical and thermal data are valid for one thyristor half of the device.
Blocking
Part Number VSM VRM ISM IRM dV/dtcrit
VRM is equal to VSM up to Tj = 110C
5STB 24N2800 3000 V 2800 V
5STB 24N2600 2800 V 2600 V 400 mA 400 mA 1000 V/s
5STB 24N2200 2400 V 2200 V
Conditions f = 5 Hz, tp = 10ms f = 50 Hz,tp = 10ms VSM VRM Tj = 125C
@ Exp. to 0.67xVSM
Mechanical data
FM Mounting force nom. min. max. a Acceleration Device unclamped Device clamped m DS Da Weight Surface creepage distance Air strike distance 50 m/s2 100 m/s2 2.9 kg 53 mm 22 mm 90 kN 81 kN 108 kN
ABB Semiconductors AG reserves the right to change specifications without notice.
5STB 24N2800
On-state
ITAVM ITRMS ITSM I2t Max. average on-state t Max. RMS on-state current Max. peak non-repetitive surge current Limiting load integral 2430 A 3820 A 43000 A 46000 A 9245 kA2s 8781 kA2s VT VT0 rT IH IL On-state voltage Threshold voltage Slope resistance Holding current 1.35 V 0.85 V 0.160 m 50-250 mA 25-150 mA Latching current 100-500 mA 50-300 mA Tj Tj Tj Tj = 25C = 125C = 25C = 125C tp tp tp tp IT IT = = = = = = 10 ms Tj = 125C 8.3 ms After surge: 10 ms VD = VR = 0V 8.3 ms 3000 A 1500 - 4500 A Tj = 125C Half sine wave, TC = 70C
Switching
di/dtcrit Critical rate of rise of on-state current 250 A/s 500 A/s Cont. f = 50 Hz VD 0.67VDRM , Tj = 125C 60 sec. f = 50Hz VD = 0.4VDRM ITRM = 3000 A IFG = 2 A, tr = 0.5 s IFG = 2 A, tr = 0.5 s
td tq Qrr
Delay time Turn-off time
min max
3.0 s 400 s
VD 0.67VDRM ITRM = 3000 A, Tj = 125C dvD/dt = 20V/s VR > 200 V, diT/dt = -1.5 A/s
Recovery charge
1100 As 2000 As
Triggering
VGT IGT VGD IGD VFGM IFGM VRGM PG Gate trigger voltage Gate trigger current Gate non-trigger voltage Gate non-trigger current Peak forward gate voltage Peak forward gate current Peak reverse gate voltage Maximum gate power loss 2.6 V 400 mA 0.3 V 10 mA 12 V 10 A 10 V 3W Tj = 25C Tj = 25C VD = 0.4VRM VD = 0.4VRM Tj = 125C Tj = 125C
ABB Semiconductors AG reserves the right to change specifications without notice.
Doc. No. 5SYA1041-03 Sep. 01 page 2 of 5
5STB 24N2800
Thermal
Tj Tstg RthJC Operating junction temperature range Storage temperature range Thermal resistance junction to case -40...125 C -40...150 C 22.8 K/kW 22.8 K/kW 11.4 K/kW RthCH Thermal resistance case to heat sink
Analytical function for transient thermal impedance:
Anode side cooled Cathode side cooled Double side cooled Single side cooled Double side cooled
4 K/kW 2 K/kW
ZthJC [K/kW] 15 180 sine: add 1 K/kW 180 rectangular: add 1 K/kW 120 rectangular: add 1 K/kW 60 rectangular: add 2 K/kW
ZthJC(t) = a Ri(1 - e
i =1
i Ri(K/kW) i(s) 1 6.77 0.8651 2 2.51 0.1558 3 1.34 0.0212
n
- t/
i
)
4
10
5 Fm = 81..108 kN Double-side cooling 0 0.001
BN1
0.78 0.0075
0.010
0.100
1.000
10.000 t [s]
Fig. 1 Transient thermal impedance junction to case.
Fig. 2 On-state characteristics.
Fig. 3 On-state characteristics.
ABB Semiconductors AG reserves the right to change specifications without notice.
Doc. No. 5SYA1041-03 Sep. 01 page 3 of 5
5STB 24N2800
Tcase (C)
130 Double-sided cooling 125 120 115 110 105 100 95 90 85 80 75 70 0 500 1000 1500 2000 2500 3000 DC 180 rectangular 180 sine 120 rectangular
3500
ITAV (A)
Fig. 4 On-state power dissipation vs. mean onstate current. Turn - on losses excluded.
Fig. 5 Max. permissible case temperature vs. mean on-state current.
Fig. 6 Surge on-state current vs. pulse length. Half-sine wave.
Fig. 7 Surge on-state current vs. number of pulses. Half-sine wave, 10 ms, 50Hz.
ABB Semiconductors AG reserves the right to change specifications without notice.
Doc. No. 5SYA1041-03 Sep. 01 page 4 of 5
5STB 24N2800
5STB 24N2800
Fig. 8 Gate trigger characteristics.
Fig. 9 Max. peak gate power loss.
Fig. 10 Recovery charge vs. decay rate of onstate current.
Fig. 11 Peak reverse recovery current vs. decay rate of on-state current.
ABB Semiconductors AG reserves the right to change specifications without notice.
ABB Semiconductors AG Fabrikstrasse 3 CH-5600 Lenzburg, Switzerland Telephone Fax Email Internet +41 (0)62 888 6419 +41 (0)62 888 6306 abbsem@ch.abb.com www.abbsem.com
Doc. No. 5SYA1041-03 Sep. 01


▲Up To Search▲   

 
Price & Availability of 5STB24N2800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X