Part Number Hot Search : 
TSX920 2SJ551S BYZ50A22 4N35FVM 032000 4A15C2 AN1117 2A100
Product Description
Full Text Search
 

To Download 38780-0102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet for 76650-0233
General Information Kit Part Number: Connector Type: Solution: Molex Family: Certificates: Country of Origin: Specifications Circuit Size: Current Rating: Mounting Style: Pitch: Rows: Style/Mount: Voltage Rating: Wire Gauge (AWG): Product Hightlights 2, 3, 4 15A, 20A, 60A PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block 10.16mm (.400"), 11.1mm (.438"), 5.00mm (.197"), 5.08mm (.200"), 8.00mm (.315") Dual Row, Single Fixed (one-piece), Single Pluggable (two-piece) Screw Mounted, Vertical PCB Block 300V, 600V 18-10, 20-14, 22-12, 26-12 76650-0233 Terminal Blocks Off the Board Terminal Block Beau(R) Eurostyle(R), ESE , EurostyleTM Barrier Strip N/A Kit assembled in U.S.A
ESE terminal blocks provide economic benefits and enhance Molex's existing EurostyleTM terminal block offering. A wiring technique that is attractive for marketing requirements, as well as, easy for users to access, can greatly improve the success of end products that use power terminal blocks. All Two-Screw terminal strips meet applicable industry standards and have a flammability rating of UL 94V-2. In addition, they are designed with wire protectors to prevent wire damage and to ensure a reliable connection. Pre-drilled mounting holes allow for quick and easy installation in the field. Design engineers are looking to bring more power directly to the PCB, instead of using other costly and time-consuming methods, such as ring cable lugs or customized DIN-rail terminal blocks.
Features and Benefits * Modular design allows larger blocks to be easily cut into smaller circuit sizes * Contacts and screws are recessed in the housing to help prevent short circuits * Rising cage clamp wire termination provides secure, reliable contact * Multiple PCB terminals distribute power more evenly, reducing "hot spots" * Extended wire funnel entry surrounds the wire insulator, eliminating exposed wire strands and possible shorting * Fixed or pluggable product styles allow for maximum design flexibility * Captive screws in all terminal blocks mean that screws will not back out of housing or mounting ends * High temperature housing to withstand lengthy solder pre-heat conditions
Applications * Power supplies * Industrial Applications * Motor controls * HVAC equipment * Lighting controls * Security/fire alarm systems
Page 1
* Measurement and Control Systems * Elevators * Spa controls * Fuel cells * Solar power * Irrigation Systems * Factory and Process Automation * Traffic controls * Audible/visual warning systems
Page 2
Bill of Materials Molex Part No. 39531-1002 39100-0804 39531-1004 39533-2003 39544-3002 39970-0102 39970-0104 39544-3003 39531-1003 39533-2002 39533-2004 39544-3004 39970-0103 39100-0803 38780-0102 38780-0103 38780-0104 Description 2-Way 5.08mm (.200") ESE Vertical Header Terminal Block 4 Circuit, 8.00mm (.315") EurostyleTM PCB, White Terminal Strip 4-Way 5.08mm (.200") ESE Vertical Header Terminal Block 3-Way 5.08mm (.200") ESE Vertical Plug Terminal Block 2 Circuit, Vertical Mount PCB Terminal Block 2 Circuit, 10.16mm (.400") BeauTM EurostyleTM Fixed Mount, PCB Terminal Block, 60A 4 Circuit, 10.16mm (.400") BeauTM EurostyleTM Fixed Mount, PCB Terminal Block, 60A 3 Circuit, Vertical Mount PCB Terminal Block 3-Way 5.08mm (.200") ESE Vertical Header Terminal Block 2-Way 5.08mm (.200") ESE Vertical Plug Terminal Block 4-Way 5.08mm (.200") ESE Vertical Plug Terminal Block 4 Circuit, Vertical Mount PCB Terminal Block 3 Circuit, 10.16mm (.400") BeauTMEurostyleTM Fixed Mount, PCB Terminal Block, 60A 3 Circuit, 8.00mm (.315") EurostyleTM PCB, White Terminal Strip 11.1mm (.438") Pitch BeauTM Double Row Barrier Strip, 2 Circuits 11.1mm (.438") Pitch BeauTM Double Row Barrier Strip, 3 Circuits 11.1mm (.438") Pitch BeauTM Double Row Barrier Strip, 4 Circuits Quantity 3 3 3 3 3 2 1 3 3 3 3 3 1 3 2 1 1
Recommended Molex Tool Molex Part No. Descripition
Page 3


▲Up To Search▲   

 
Price & Availability of 38780-0102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X