Part Number Hot Search : 
95PFR140 B1060 EA100 1H221 AD9807 74HC173D 001M0 DLM5231B
Product Description
Full Text Search
 

To Download 3021003-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REV. A
REVISION DESCRIPTION Changed Pin Out
DATE 03-12-07
APPROVED DP
915 30
1 2 3 456 13
7.0 0.2
1 2 3 4 5 12 11 10 9 7 8
P1
4 3 2 1 12.2 0.4
FRONT
USB 4P(A)/M MOLDING TYPE (MOLD NO: G102-506)
MINI USB5P(B)/M MOLDING TYPE (MOLD NO: G102-718)
FRONT
No.
PARTS NAME USB 4P(A)/M - CONTACT USB 4P(A)/M - INSULATOR USB 4P(A)/M - SHELL 1 USB 4P(A)/M - SHELL 2 USB 4P(A)/M - COPPER FOIL USB 4P(A)/M - OUTER MOLD MINI USB(B)5P/M - CONTACT MINI USB(B)5P/M - INSULATOR MINI USB(B)5P/M - SHELL 1 MINI USB(B)5P/M - SHELL 2 MINI USB(B)5P/M - COPPER FOIL MINI USB(B)5P/M - OUTER MOLD CABLE MINI TIE POLYBAG
SPECIFICATION STANDARD BRASS / GOLD PLATED (CRIMPING TYPE) PBT + G,F / WHITE UL 94V-0 STEEL NICKEL PLATED STEEL NICKEL PLATED WIDTH 5xLENGTH 27 45P PVC / COLOR: BLACK BRASS / GOLD PLATED SOLDER TYPE PBT + G,F / BLACK UL 94V-0 SHELL / NICKEL PLATED SHELL / NICKEL PLATED WIDTH 5xLENGTH 27 45P PVC / COLOR: BLACK KL01103ABK01A PE / BLACK PE: 0.08x140x160
QTY REMARKS 4 1 1 1 1 1 5 1 1 1 1 1 1 2 1 SET
TAPE
PIN OUT
1
P1
100 20
15
P2
RED GREEN WHITE BLACK DRAIN BRAID 1 2 3 4 (NOT CONNECTED) 5
2 3 4 5 6 7 8 9 10 11 12 13 14 15
1 2
14
3 4 SHELL
NOTES: 1. CABLE: UL2725 28/28AWG (28AWGx1P+28AWGx2C+FOIL+DW+BD)x1 OUTER JACKET: BLACK, OD: 4.0 0.2mm PRINTING: "E166307 AWM 2725 28AWG 80C 30V VW-1 HI-SPEED USB2.0" 2. CONNECTORS: USB 4P(A) MALE TO USB MINI 5P(B) MALE 3. HOOD: MOLDED TYPE 4. ELECTRICAL TEST: <1>.100% OPEN SHORT & MISS WIRE TEST <2>. INSULATION RESISTANCE: DC400V 10M ohm MIN. <3>. CONDUCTOR RESISTANCE: 3 ohm MAX. 5. PACKING: 1PC/POLYBAG
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
Qualtek Electronics Corp.
WCI DIVISION
Part Number: Description:
3021003-03
USB 4P(A) MALE TO USB MINI 5P(B) MALE
REV. A
Drawn / Date B. Grubb 01-26-07 Checked / Date 01-26-07 Approved / Date JJH / 01-26-07


▲Up To Search▲   

 
Price & Availability of 3021003-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X