Part Number Hot Search : 
F60205K ADP31 6757U N4754 SM130DT AME4625 XR1016CN ICM515NB
Product Description
Full Text Search
 

To Download 2SC2688 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2688
DESCRIPTION *With TO-126 package *High breakdown voltage *High transition frequency APPLICATIONS *Designed for use in Color TV chroma output circuits.
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 10 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 300 300 5 0.2 1.25 W UNIT V V V A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Feedback capacitance CONDITIONS IC=50mA; IB=5mA IC=1mA; IB=0 VCB=200V; IE=0 VEB=5V; IC=0 IC=10mA ; VCE=10V IC=10mA ; VCE=30V IE=0 ; VCB=10V;f=1MHz 40 40 300 MIN
2SC2688
SYMBOL VCEsat V(BR)CEO ICBO IEBO hFE fT Cre
TYP.
MAX 1.5
UNIT V V
0.1 0.1 250
A A
MHz 3.0 pF
hFE Classifications N 40-80 M 60-120 L 100-200 K 160-250
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2688
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2688

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X