Part Number Hot Search : 
KAD1512D DP90S18 17BZC HYS64 AT216 A986A 10K3DCB0 IDTQS3
Product Description
Full Text Search
 

To Download 2SB1386 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1386
Elektronische Bauelemente
RoHS Compliant Product
PNP Silicon Low Frequency Transistor
Features
1)Low VCE(sat). 2)Excellent DC current gain characteristics 3)Complements the 2SD2098
3.EMITTER
SOT-89
1.BASE
D
2.COLLECTOR
D1 A
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC Limits -30 -20 -6 -5 -10 0.5 Collector power dissipation PC 2 Junction temperature Storage temperature Tj Tstg 150 -55~+150 W
2
E1
b1
Unit V
b C
V V A(DC) A(Pulse) 1 W
L
e e1
Symbol A b b1 c D D1 E E1
Dimensions In Millimeters Min 1.400 0.320 0.360 0.350 4.400 1.400 2.300 3.940 1.500TYP 2.900 0.900 3.100 1.100 Max 1.600 0.520 0.560 0.440 4.600 1.800 2.600 4.250 Min
E
Dimensions In Inches Max 0.063 0.020 0.022 0.017 0.181 0.071 0.102 0.167 0.060TYP 0.114 0.035 0.122 0.043
0.055 0.013 0.014 0.014 0.173 0.055 0.091 0.155
C C
e e1 L
1 Single pulse, Pw=10ms 2 When mounted on a 40x40x0.7 mm ceramic board.
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio
Transition frequency
Symbol BVCBO BVCEO BVEBO ICBO IEBO
Min. -30 -20 -6 - - - 82 - -
Typ. - - - - - - - 120 60
Max. - - - -0.5 -0.5 -1.0 390 - -
Unit V V V A A V - MHz pF IC=-50A IC=-1mA IE=-50A VCB=-20V VEB=-5V
Conditions
VCE(sat)
hFE fT Cob
IC/IB=-4A/-0.1A VCE=-2V, IC=-0.5A VCE=-6V, IE=50mA, f=30MHz VCB=-20V, IE=0A, f=1MHz

Output capacitance
Measured using pulse current.
Rank hFE
P 82~180
Q 120~270
R 180~390
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
2SB1386
Elektronische Bauelemente
PNP Silicon Low Frequency Transistor
-10 -5
COLLECTOR CURRENT : IC (A)
VCE=-2V
COLLECTOR CURRENT : IC (A)
-5
DC CURRENT GAIN : hFE
-2 -1 -500m -200m -100m -50m -20m -10m -5m -2m -1m 0
Ta=100C 25C -25C
-4
-50mA -45mA -40mA -35mA
Ta=25C mA -30 A -25m -20mA
5k 2k 1k 500 200 100 50 20 10
Ta=25C
-15mA
-3
-10mA
VCE=-5V
-2
-5mA
-2V -1V
-1
IB=0A
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4
BASE TO EMITTER VOLTAGE : VBE (V)
5
-1m -2m -5m-0.01-0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
0
-0.4
-0.8
-1.2
-1.6
-2.0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR CURRENT : IC (A)
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics
Fig.3 DC current gain vs. collector current ()
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
5k 2k
DC CURRENT GAIN : hFE
VCE=-1V
5k 2k
VCE=-2V
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
Ta=25C
1k 500 200 100 50 20 10 5
-1m-2m -5m-0.01-0.02-0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
DC CURRENT GAIN : hFE
1k 500 200 100 50 20 10 5
-1m-2m -5m-0.01-0.02-0.05-0.1 -0.2 -0.5 -1 -2 -5 -10
Ta=100C 25C -25C
Ta=100C 25C -25C
IC/IB=50/1 40/1 /1 30/1 10/1
-2m -5m -0.01-0.02-0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.4 DC current gain vs. collector current ()
Fig.5 DC current gain vs. collector current ()
Fig.6 Collector-emitter saturation voltage vs. collector current ()
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
lC/lB=10
lC/lB=30
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
-5 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
-5 -2 -1 -0.5 -0.2 -0.1
lC/lB=40
-25C
Ta=100C 25C
25C
Ta=100C 25C -25C
-25C
Ta=100C
-0.05 -0.02 -0.01
-2m -5m -0.01-0.02 -0.05 -0.1 -0.2 -0.5 -1 -2 -5 -10
-2m -5m -0.01-0.02-0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
-2m -5m -0.01-0.02 -0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.7 Collector-emitter saturation voltage vs. collector current ()
Fig.8 Collector-emitter saturation voltage vs. collector current ()
Fig.9 Collector-emitter saturation voltage vs. collector current (IV)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
2SB1386
Elektroni sche Bauelemente
PNP Silicon Low Frequency Transistor
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
TRANSEITION FREQUENCY : fT (MHz)
lC/lB=50
-25C 25C Ta=100C
-2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -0.01
500 200 100 50 20 10 5 2 1 1 2 5 10 20
Ta=25C VCE=-6V
COLLECTOR OUTPUT CAPACITANCE : Cob (pF)
-5
1 000
1000 500
Ta=25C f=1MHz IE=0A
200 100 50
20 10 -0.1 -0.2
-2m -5m -0.01 -0.02 -0.05 -0.1 -0.2 -0.5 -1 -2
-5 -10
50 100 200 500 1000
-0.5 -1
-2
-5 -10 -20
-50
COLLECTOR CURRENT : IC (A)
EMITTER CURRENT : IE (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.10 Collector-emitter saturation voltage vs. collector current (V)
Fig.11 Gain bandwidth product vs. emitter current
Fig.12 Collector output capacitance vs. collector-base voltage
EMITTER INTPUT CAPACITANCE : Cib (pF)
1000 500
Ta=25C f=1MHz IC=0A
200 100 50
20 10 -0.1
-0.2
-0.5
-1
-2
-5
-10
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.13 Emitter input capacitance vs. emitter-base voltage
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2SB1386

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X