Part Number Hot Search : 
HMM5144B 1344424 HT12C2T3 KIA7039 ADG221 T3904 25BD2 CM1622
Product Description
Full Text Search
 

To Download 257-003-6-10SL-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-5015 HOW TO ORDER:
EXAMPLE: PRODUCT SERIES BASIC NO 6 = PLUG ASSEMBLY SHELL SIZE, TABLE I INSERT ARRANGEMENT DASH NO CONTACT STYLE: P = PIN S = SOCKET ALTERNATE INSERT POSITION, OMIT FOR NORMAL M = MOLDING ADAPTER N = NO ADAPTER (CONNECTOR ONLY) OMIT FOR STANDARD OPTIONAL ENTRY, TABLE II, OMIT FOR STANDARD A DIA - TYP KNURL STYLE MFR OPTION - TYP DASH NO 03 04 06 08 10 12 14 16
ENVIRONMENT RESISTANT
257-003-6 Stainless Steel Plug Assembly 257-003 CONNECTOR, PLUG, MIL-DTL-5015 Type
257 - 003 - 6 -14S - 5 P W M 08
.125 TYP. SAND BLAST
SYM M - MOLDING ADAPTER OPTION
LENGTH - TYP
C - TYP CABLE GRIP
CABLE RANGE TYP
STYLE I O-RING - TYP
TABLE II: CABLE RANGE
C REF 5.12 (130.0) 5.75 (146.1) 7.00 (177.8) 7.12 (180.8) 7.37 (187.2) 9.00 (228.6) 8.00 (203.2) 9.00 (228.6)
CABLE RANGE MIN MAX .180 (4.6) .210 (5.3) .210 (5.3) .312 (7.9) .310 (7.9) .438 (11.1) .438 (11.1) .500 (12.7) .500 (12.7) .625 (15.9) .530 (13.5) .750 (19.1) .750 (19.1) .875 (22.2) .875 (22.2) 1.000 (25.4)
B HEX FLATS TYP
STYLE II
SHELL SIZE 10SL 12 14S 18 20 24 28
A MAX 1.031 (26.2) 1.125 (28.6) 1.219 (31.0) 1.406 (35.7) 1.531 (38.9) 1.781 (45.2) 2.031 (51.6)
B FLATS 1.00 (25.4) 1.38 (35.0) 1.00 (25.4) 1.22 (31.0) 1.50 (38.1) 1.50 (38.1) 1.50 (38.1)
TABLE I: CONNECTOR DIMENSIONS
LENGTH STD CABLE RANGE CONFIGURATION MAX MIN MAX MAX DASH NO 2 STYLE .210 (5.3) .312 (7.9) I 3.00 04 .500 (12.7) .625 (15.9) II 3.00 08 .210 (5.3) .312 (7.9) I 3.00 10 .310 (7.9) .438 (11.1) I 3.00 12 .530 (13.5) .750 (19.1) I 3.5 14 .530 (13.5) .750 (19.1) I 3.5 16 .530 (13.5) .750 (19.1) I 3.5 16
(c) 2004 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-12
257-003-6 Stainless Steel Plug Assembly MIL-DTL-5015 Type
INSERT ARRANGEMENTS FACE VIEW OF PIN INSERT SHOWN
INSERT ARRANGEMENT: 10SL-4 10SL-3 12-10 CONTACT SIZE & QUANTITY: 2 - #16 3 - #16 10 - #20 A A INST MS SERVICE RATING:
14S-2 4 - #16 INST
14S-5 5 - #16 INST
14S-6 6 - #16 INST
INSERT ARRANGEMENT: 18-1 CONTACT SIZE & QUANTITY: 10 - #16 MS SERVICE RATING: 4A 6 INST
20-29 17 - #16 A
24-11 6 - #12, 3 - #8 A
28-21 37 - #16 A
NOTES:
1. ASSEMBLY IDENTIFIED WITH MANUFACTURER'S NAME AND P/N, SPACE PERMITTING. 2. WHEN CABLE DIAMETER EXCEEDS 'MAX DASH NO' IN TABLE I, STYLE II WILL BE SUPPLIED. 3. GLENAIR 257-003 CONNECTOR FEATURES: A. BARREL & REAR ACCESSORY HARDWARE: PASSIVATED STAINLESS STEEL B. COUPLING NUT: NICKEL/ALUMINUM/BRONZE C. INSULATOR, O-RING, GROMMET: NITRILE/NEOPRENE D. GROMMET FOLLOWER: NYLON E. CONTACTS: GOLD PLATED COPPER ALLOY WITH SOLDER POTS F. CONTACT CURRENT RATING: #20-5 AMPS, #16-10 AMPS, #12-17 AMPS, #8-35 AMPS G. RATED OPERATING VOLTAGE: SERVICE RATING INST - 250 VDC SERVICE RATING A - 700 VDC H. DIELECTRIC W/STANDING VOLTAGE (HI-POT): SERVICE RATING INST - 1000 VRMS A - 2000 VRMS J. INSULATION RESISTANCE: 5000 MEGOHMS MINIMUM AT 500 VDC AND +25C K. TEMPERATURE RANGE: -55C TO +125C 4. ELECTRICAL SAFETY LIMITS MUST BE ESTABLISHED BY THE USER. PEAK VOLTAGES, SWITCHING SURGES, TRANSIENTS, ETC., SHOULD BE USED TO DETERMINE THE SAFETY OF APPLICATION.
(c) 2004 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
C-13
MIL-DTL-5015


▲Up To Search▲   

 
Price & Availability of 257-003-6-10SL-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X