Part Number Hot Search : 
S1500 L6741TR LTS367HR N3290A 1N4688 4720T HC4P55 HF321J
Product Description
Full Text Search
 

To Download 240-382JM15-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
MIL-DTL-38999 Series II Filter Connector Product Code
240-382J (Hermetic Version Shown) MIL-DTL-38999 Series II Filter Connector
Jam Nut Receptacle
Contact Gender P - Pin S - Socket Termination S - Solder Cup P - PC Tail
Alternate Key Position Per MIL-DTL-38999 A, B, C, D, N = Normal Capacitance (See Table II)
B
Insert Arrangement IAW MIL-STD-1560
240 - 382
J
H2
15-35
P
S
P
Filter Type P - Pi Circuit C - C Circuit
A
N
N
Shell Style J - Jam Nut
Connector Class (See Table I)
Flange Mounting Style N - Not Applicable
L Max.
J - Jam Nut
Master Key 90/85 B Dia. .409 (10.4) .362 (9.2) Panel Thickness
F .105 (2.7) .084 (2.1) EP Max. (Pin) EP Max. (Socket) O-Ring Solder-Cup Contact (P)
Contrasting Color Pin Ends 3 PL
Feedthrough (C) D C Flat
120 BSC TYP A Thread D
G
Nut Per MS27512
.175 (4.5) .125 (3.2)
H Flat
(c) 2008 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
B-16
240-382J (Hermetic Version Shown) MIL-DTL-38999 Series II Filter Connector
Jam Nut Receptacle
TABLE I: CONNECTOR CLASS
SYM M MT NF P ZN H2 CLASS Environmental Environmental Environmental Environmental Environmental Hermetic MATERIAL Aluminum Aluminum Aluminum Stainless Steel Aluminum Stainless Steel FINISH DESCRIPTION Electroless Nickel
Ni-PTFE 1000 Hour GreyTM Nickel Fluorocarbon Polymer
PANEL IV: JAM-NUT PANEL CUT-OUTS
SHELL SIZE 08 10 12 14 G .894 (22.7) .884 (22.5) 1.020 (25.9) 1.010 (25.7) 1.144 (29.1) 1.134 (28.8) 1.269 (32.2) 1.259 (32.0) 1.394 (35.4) 1.384 (35.2) 1.520 (38.6) 1.510 (38.4) 1.645 (41.8) 1.635 (41.5) 1.750 (44.5) 1.740 (44.2) 1.895 (48.1) 1.885 (47.9) H Flat .833 (21.2) .823 (20.9) .957 (24.3) .947 (24.1) 1.081 (27.5) 1.071 (27.2) 1.206 (30.6) 1.196 (30.4) 1.336 (33.9) 1.326 (33.7) 1.456 (37.0) 1.446 (36.7) 1.581 (40.2) 1.571 (39.9) 1.706 (43.3) 1.696 (43.1) 1.831 (46.5) 1.821 (46.3)
Cadmium O.D. Over Electroless Nickel Electro-Deposited Nickel Zinc-Nickel Over Electroless Nickel Electroless Nickel
TABLE II: CAPACITOR ARRAY CODE CAPACITANCE RANGE
CLASS X* Y* Z* A B C D E F G PI - CIRCUIT (pF) 160,000 - 240,000 80,000 - 120,000 60,000 - 90,000 38,000 - 56,000 32,000 - 45,000 18,000 - 33,000 8,000 - 12,000 3,300 - 5,000 800 - 1,300 400 - 600 C - CIRCUIT (pF) 80,000 - 120,000 40,000 - 60,000 30,000 - 45,000 19,000 - 28,000 16,000 - 22,500 9,000 - 16,500 4,000 - 6,000 1,650 - 2,500 400 - 650 200 - 300
Consult Factory for Additional Filter Types, TVS Diodes, and other Custom Filter Connector Configurations.
16 18 20 22 24
* Reduced DWV - Please consult factory.
TABLE III
SHELL SIZE A THREAD .1P- .03L-TS B DIA. C FLAT D A/F EP MAX. ES MAX. F G DIA. H L MAX.
08 10 12 14 16 18 20 22 24
1.391 (35.3) 1.359 (34.5) 1.516 (38.5) .1.000-20 UNEF 1.484 (37.7) 1.641 (41.7) 1.125-18 UNEF 1.609 (40.9) 1.766 (44.9) 1.250-18 UNEF 1.734 (44.0) 1.954 (49.6) 1.375-18 UNEF 1.922 (48.8) 2.032 (51.6) 1.500-18 UNEF 2.000 (50.8) 2.157 (54.8) 1.625-18 UNEF 2.125 (54.0) 2.281 (57.9) 1.750-18 UNS 2.249 (57.1) 2.406 (61.1) 1.875-16 UN 2.374 (60.3) .875-20 UNEF
.818 (20.8) .811 (20.6) .942 (23.9) .935 (23.7) 1.066 (27.1) 1.059 (26.9) 1.191 (30.3) 1.184 (30.1) 1.321 (33.6) 1.314 (33.4) 1.441 (36.6) 1.434 (36.4) 1.566 (39.8) 1.559 (39.6) 1.691 (43.0) 1.684 (42.8) 1.816 (46.1) 1.809 (45.9)
1.266 (32.2) 1.234 (31.3) 1.391 (35.3) 1.359 (34.5) 1.516 (38.5) 1.484 (37.7) 1.641 (41.7) 1.609 (40.9) 1.797 (45.6) 1.765 (44.8) 1.906 (48.4) 1.874 (47.6) 2.032 (51.6) 2.000 (50.8) 2.156 (54.8) 2.124 (53.9) 2.281 (57.9) 2.249 (57.1)
.281 (7.1) .281 (7.1) .281 (7.1) .281 (7.1) .281 (7.1) .281 (7.1) .250 (6.4) .250 (6.4) .250 (6.4)
.359 (9.1) .359 (9.1) .359 (9.1) .359 (9.1) .359 (9.1) .359 (9.1) .344 (8.7)
.743 (18.9) .733 (18.6) .743 (18.9) .733 (18.6) .743 (18.9) .733 (18.6) .743 (18.9) .733 (18.6) .743 (18.9) .733 (18.6) .743 (18.9) .733 (18.6) .769 (19.5) .759 (19.3)
.344 (8.7) .769 (19.5) .759 (19.3) .344 (8.7) .769 (19.5) .759 (19.3)
.894 (22.7) .884 (22.5) 1.020 (25.9) 1.010 (25.7) 1.144 (29.1) 1.134 (28.8) 1.269 (32.2) 1.259 (32.0) 1.394 (35.4) 1.384 (35.2) 1.520 (38.6) 1.510 (38.4) 1.645 (41.8) 1.635 (41.5) 1.750 (44.5) 1.740 (44.2) 1.895 (48.1) 1.885 (47.9)
.833 (21.2) .823 (20.9) .957 (24.3) .947 (24.1) 1.081 (27.5) 1.071 (27.2) 1.206 (30.6) 1.196 (30.4) 1.336 (33.9) 1.326 (33.7) 1.456 (37.0) 1.446 (36.7) 1.581 (40.2) 1.571 (39.9) 1.706 (43.3) 1.696 (43.1) 1.831 (46.5) 1.821 (46.3)
1.024 (26.0) 1.024 (26.0) 1.024 (26.0) 1.024 (26.0) 1.024 (26.0) 1.024 (26.0) 1.019 (25.9) 1.019 (25.9) 1.019 (25.9)
*Some dimensions do not apply. Consult factory (c) 2008 Glenair, Inc. www.glenair.com CAGE CODE 06324 Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
B-17
MIL-DTL-38999 Connectors
B


▲Up To Search▲   

 
Price & Availability of 240-382JM15-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X