Part Number Hot Search : 
BUZ383 SMP4861 W2010 TML05124 CZRA4744 MDV008E MX98702 E43CA
Product Description
Full Text Search
 

To Download 200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 Series
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/C and values down to 5 m
FEATURES
* Temperature Coefficient of Resistance (TCR): 5 ppm/C (0 to 60 C) (see table 1) Pb-free Available * Tolerance: to 0.02 % (see table 1) * Power Rating: 2 W at 25 C RoHS* COMPLIANT * Load Life Stability: 0.005 % at 25 C, 2000 hours at Rated Power * Resistance Range: 0.005 to 500 * Electrostatic Discharge (ESD) above 25 000 V * Non Inductive, Non Capacitive Design * Rise Time: 1.0 ns without ringing * Current Noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage Coefficient: < 0.1 ppm/V * Non Inductive: 0.08 H * Non Hot Spot Design * Terminal Finishes Available: Lead (Pb)-free Tin/Lead Alloy * Any value available within resistance range (e.g. 1K234) * Prototype samples available from 48 hours. For more information, please contact foil@vishay.com * For better performances, please see VCS300 series datasheet
Any value available within resistance range The VCS200 Series offers resistance values as low as 5 m and TCR's as low as 5 ppm/C with excellent long term stability. The resistors are conformally coated. The 4 terminal current sensing resistors can sustain 2 W continuously without an appreciable change in resistance (0.5 % maximum). The typical 50 % derating of the power specification associated with other technologies is not necessary. Our Application Engineering Department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
FIGURE 1 - DIMENSIONS AND SCHEMATIC in inches (millimeters)
Models VCS201, VCS202 and VCS232
L W H I D2 D1 LS LT Solder coated copper leads LL I1 E1 V R E2 I2 I
MODEL VCS201 VCS202, VCS232
L (Maximum) 1.060 (26.92) 1.240 (31.5)
H (Maximum) 0.374 (9.50) 0.512 (13.0)
W (Maximum) 0.177 (4.50) 0.177 (4.50)
LL (Minimum) 0.500 (12.7) 0.500 (12.7)
LS 0.020 ( 0.51) 0.530 (13.46) 0.689 (17.5)
LT 0.020 ( 0.51) 0.925 (23.5) 1.083 (27.51)
D1 (Nominal) 0.032 (0.81) 0.040 (1.02)
D2 (Nominal) 0.025 (0.64) 0.032 (0.81)
TABLE 1 - CHARACTERISTICS
MODEL NUMBER RESISTANCE RANGE 0.005 to 0.01 VCS201 & VCS202 > 0.01 to 0.05 > 0.05 to 0.2 0.2 to 1.0 VCS232 > 1 to 10 > 10 to 500 TIGHTEST RESISTANCE TOLERANCE % 1 0.5 0.1 0.05 0.05 0.02 TCR (ppm/C) 0 C to + 60 C 30 25 15 15 5 5 15 3 2W 2W MAXIMUM CURRENT - Amp 10 POWER RATING at + 25 C 1.5 W
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63017 Revision: 16-Jul-07 For any questions, contact: foil@vishay.com www.vishay.com 1
200 Series
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/C and values down to 5 m
VCS201, 202, 232 PERFORMANCE1) + 25 C + 150 C 0.1 % 0.1 % 0.05 % 0.05 % 0.1 % 0.1 % 0.05 % 0.1 % 0.1 % 0.5 % 0.2 V/C Maximum (E terminals)
TABLE 2 - VISHAY VCS201, VCS202, VCS232 PERFORMANCE
TEST OR CONDITION Maximum Ambient Temperature at Rated Power Maximum Ambient Temperature at Zero Power Thermal Shock Short Time Overload Resistance to Solder Heat Terminal Strength High Temperature Exposure Moisture Resistance Low Temperature Storage Shock (Specified Pulse) Vibration (High Frequency) Life (Rated Power, + 25 C, 2000 hours) Thermal EMF (Lead to Lead) Note 1. R's plus additional 0.0005 for measurement error
FIGURE 2 - TRIMMING TO VALUES (Conceptual Illustration)
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Mutual Inductance Reduction due to Change in Current Direction
Note: Foil shown in black, etched spaces in white
FIGURE 3 - POWER DERATING CURVE
- 55 C + 100 + 25 C
Percent of Rated Power
+ 75 + 50 + 25 0 - 50 0 + 50 + 100 + 150 + 200
Ambient Temperature (C)
(Further Derating Not Necessary)
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63017 Revision: 16-Jul-07
200 Series
Bulk Metal(R) Foil Technology Conformally Coated Vishay Foil Resistors Precision Current Sensing Resistors with TCR of 5 ppm/C and values down to 5 m
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y09550R00500F9L (preferred part number format) DENOTES PRECISION Y VALUE R= AER* 0 = Standard 9 = Lead (Pb)-free 1 - 999 = Custom
Y
0
9
5
5
0
R
0
0
5
0
0
F
9
L
PRODUCT CODE 0955 = VCS201 0941 = VCS202 0942 = VCS232
RESISTANCE TOLERANCE B = 0.1 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 %
PACKAGING L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0955 0R00500 F 9 L: TYPE: VCS201 VALUE: 0.005 ABSOLUTE TOLERANCE: 1.0 % TERMINATION: Lead (Pb)-free PACKAGING: Bulk Pack HISTORICAL PART NUMBER: VCS201T 0R0050 F B (will continue to be used) VCS201 MODEL VCS201 VCS202 VCS232 T TERMINATION T = Lead (Pb)-free None = Tin/Lead alloy 0R0050 OHMIC VALUE 0.005 F RESISTANCE TOLERANCE B = 0.1 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 % B PACKAGING B = Bulk Pack
Note * For non-standard requests, please contact Application Engineering.
Document Number: 63017 Revision: 16-Jul-07
For any questions, contact: foil@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X