Part Number Hot Search : 
VND5E 6200NU ML6XX28 ML6XX28 STK6772 CSNE121 SRF3080 10024
Product Description
Full Text Search
 

To Download 1624-K-H-ABCN-D-EGOP-I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules without line filter www.schurter.com/pg05 IEC Appliance Inlet C20 with Circuit Breaker
624-K
C20
70 C
Description
Appliance Inlet, - We recommend for new applications the new type 6136
Technical Data
Ratings IEC Ratings UL/CSA Allowable Operation Temp. Degree of Protection Protection Class Terminal Panel Thickness s
Material: Housing
PH AS
Dimensions
53.6 19 46
lenght of the terminal please find at the order code configuration table Dimension "X" please ref. to table order code
E2 43.2 - 0 43
+0.2
16 A / 250 VAC; 50 Hz 21 A / 250 VAC; 60 Hz -25 C to 85 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 1 acc. to IEC 61140 Quick connect terminals 6.3 x 0.8 mm Screw Mounting screw torque max 0 Nm Snap-in 1 mm Thermoplastic, black, UL 94V-0
OU
References Weblinks
General Product Information Appliance Inlet
Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
"X"
33
Connectors
T
C20 acc. to IEC/EN 60320-1 UL 498, CSA C22.2 no. 42 (for cold conditions) pin-temperature 70 C, 16 A, Protection Class 1
50.8 - 0
+0.2
R
R
3
<2
624-K
www.schurter.com/pg05 Config. Code 1624-K|-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I|
The characters are placeholders for the correspondingly keys of selections from the key tables.
Power entry modules without line filter
Product Configurator
1624-K|-| H |-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Type
Type combination frame Configuration key K
Color jet black; RAL9005 silver grey; RAL7001 pure white; RAL9010 standard color: black
Terminal L short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) blade terminal (2,8x0,8mm) blade terminal (4,8x0,8mm) blade terminal (6,3x0,8mm)
Configuration key 2 3 7 8 9
OU
1624-K|-|H|-|A|B|C|N|-|D|-| E |G|O|P|-|I| = Style
Style snap-in (x=panel thickness) Dimension "X" 15 25
1624-K|-|H|-| A |B|C|N|-|D|-|E|G|O|P|-|I| = Terminals
1624-K|-|H|-|A|B|C|N|-|D|-|E| G |O|P|-|I| = Dimension X
Configuration key
1624-K|-|H|-|A| B |C|N|-|D|-|E|G|O|P|-|I| = Terminals
Terminal N short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) blade terminal (2,8x0,8mm) blade terminal (4,8x0,8mm) blade terminal (6,3x0,8mm) Symbols similar as in table A
E2 3 7 8 9 Features Configuration key 2 3 7 8 9
Configuration key
The dimension "X" is dispalyed in (1/10 mm). This information is also valid for the order code
1624-K|-|H|-|A|B|C|N|-|D|-|E|G| O |P|-|I| = Features
Configuration key A B C D E F
thermal circuit breaker for rated current 4A
1624-K|-|H|-|A|B| C |N|-|D|-|E|G|O|P|-|I| = Terminals
Terminal Ground
thermal circuit breaker for rated current 6A thermal circuit breaker for rated current 8A thermal circuit breaker for rated current 10A thermal circuit breaker for rated current 15A thermal circuit breaker for rated current 20A
PH AS
short solder terminal (L=4,8mm) long solder terminal (L=8,5mm) blade terminal (2,8x0,8mm) blade terminal (4,8x0,8mm) blade terminal (6,3x0,8mm) Symbols similar as in table A
1624-K|-|H|-|A|B|C|N|-|D|-|E|G|O| P |-|I| = Latching Action
Switch
Latching Action Switch
1624-K|-|H|-|A|B|C| N |-|D|-|E|G|O|P|-|I| = Terminal Fuseholder
Terminal Fuseholder without terminal
Configuration key 0
1624-K|-|H|-|A|B|C|N|-|D|-|E|G|O|P|-| I | = Circuit breaker
Circuit breaker unipolar switch, single pole fuse, 6,3mm blade terminals, black rocker Configuration key A B C
unipolar switch, single pole fuse, 6,3mm blade terminals, rocker red illuminated unipolar switch, single pole fuse, 6,3mm blade terminals, rocker green illuminated
2
Connectors
T
Configuration key A B D Configuration key 4 Configuration key
1624-K|-|H|-|A|B|C|N|-| D |-|E|G|O|P|-|I| = Color
Power entry modules without line filter www.schurter.com/pg05 Variants
Config. Code 1624-K-K-9990-A-415-E-A Description 1624-K, IEC Power Entry Module C20, 70C, , version: 1, L: blade terminal (6,3x0,8mm), N: blade terminal (6,3x0,8mm), ground: blade terminal (6,3x0,8mm), color: jet black; RAL9005, design: snap-in (x=panel thickness), dimension X: 15, features: thermal circuit breaker for rated current 15A, features: unipolar switch, single pole fuse, 6,3mm blade terminals, black rocker
624-K
Order Number 4304.6043
Packaging unit
50 Pcs
Mating Outlets/Connectors
Category / Description Connector Overview complete IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight Connector further types to 1624-K
Power Cord Overview complete Power Cord with IEC Connector C19, Straight Power Cord further types to 1624-K
Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 16 A
E-
Power Supply or Interconnection Cord further types to 1624-K
PH AS
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.
OU
0104 1651 1652 4790 4795 1654 Kabelverbindung/16 A
T
The listet variants should be available from stock Other versions on request www.schurter.com/contact


▲Up To Search▲   

 
Price & Availability of 1624-K-H-ABCN-D-EGOP-I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X