Part Number Hot Search : 
44200 N2436 20PFI PST9139 035CT C3061 00010 1M35V10
Product Description
Full Text Search
 

To Download ZGDC6-362HP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product Announcement!
High Power Directional Coupler
50 6dB 380 to 3600 MHz
Click here for data sheet
ZGDC6-362HP+
The Big Deal
* HighPowerHandling:250W * LowInsertionLoss:0.20dB* * RuggedIP67Weatherproofcase
CASESTYLE:HT1398
Pricing: $169.95 (QTY 1-9)
Product Overview
The Mini-Circuits ZGDC6-362HP+ broadband high power directional coupler offers excellent performance across a wide range of popular frequency bands. Built using low loss suspended substrate construction, the ZGDC6-362HP+ can pass up to 3A of DC current from input to output and handle up to 250W CW. The rugged sealed construction makes this coupler ideal for use in field applications or remote monitoring sites; however, it is also ideal for high power lab testing.
Key Features
Feature
Excellent Insertion Loss , 0.20 dB Typ*
Advantages
With extremely low insertion loss, this coupler is ideal for critical high power applications.
Ultra High Return Loss, 30 dB Typ
Outstanding Return loss makes this coupler ideal for sensitive power measurement and other signal distribution applications. Up to 250W CW power handling, combined with low insertion loss and excellent VSWR support operation in high power applications such as transmitters, base stations and high power device characterization. Covering 380-3600 MHz, the ZGDC6-362HP+ covers the most popular Cellular, PCS, DCS, WiMAX, and LTE bands. Typical 28 dB directivity and 0.6 dB of Coupling flatness provides accurate signal sampling of forward or reflected power. Capable of passing 3A current, input to output; this coupler is suited for application using remote antenna control or other remote motorized requirements. With an Ingress Protection rating of IP67, the ZGDC6-362HP+ is designed to operate in harsh outdoor applications.
High Power Handling, 250W
Wide bandwidth
Excellent Directivity and Coupling Flatness
Passes DC Current, 3A
IP67 Weatherproof Case *Does not include coupling loss
ISO 9001 ISO 14001 AS 9100 CERTIFIED P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
IF/RF MICROWAVE COMPONENTS
Mini-Circuits
(R)
For detailed performance specs & shopping online see web site
TM
Provides ACTUAL Data Instantly at minicircuits.com
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit's applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, "Standard Terms"); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits' website at www.minicircuits.com/MCLStore/terms.jsp.
Page 1


▲Up To Search▲   

 
Price & Availability of ZGDC6-362HP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X