Part Number Hot Search : 
MD100 1206C MA300RW C471MPD MAX3246E BZA100 1N5239B THV310
Product Description
Full Text Search
 

To Download TDJ-200-16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDJ Series * General Purpose Transformers
Features * SMD packages are designed for pick and place compatability and provide consistent and reliable coplanarity * excellent quality at extremely competitive price due to high volume production * Manufactured in an ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility * Fully RoHS compliant and meets lead free reflow level J-STD-020C Electrical Specifications Ratings@ 25C ambient Dielectric strength between windings: 500 Vrms Power Rating: 250mW Operating Temperature Range: -10 to +85C Storage Temperature: -25C to +125C Insulation Resistance: 10,000 MOhm minimum Test Frequency: Inductance measured @ 100kHz/20mVrms
T D S e rie s * S MD Ge n e ra l P u rp o s e Tra n s fo rme rs
Part Number TDJ-30-16A TDJ-50-16A TDJ-100-16A TDJ-200-16A TDJ-500-16A TDJ-30-16B TDJ-50-16B TDJ-100-16B TDJ-200-16B TDJ-500-16B OCL (H 30% ) 30 50 100 200 500 30 50 100 200 500 Turns Ratio 2% 1:1 1:1 1:1 1:1 1:1 2:1 2:1 2:1 2:1 2:1 LL Pri/Sec (H Max) 0.35 0.40 0.35 0.45 0.60 0.60 0.70 0.60 0.80 1.00 CC Pri/Sec (pF Max) 8 9 10 15 25 5 6 7 10 13 Primary ET (V-S Min) 1.5 2.5 2.1 3.0 4.3 1.5 2.5 2.1 3.1 4.3 RCUP (mOhms) 110 150 150 210 330 170 220 220 310 500 RCUS (mOhms) 110 150 150 210 330 85 110 110 165 250 Schematic A A A A A B B B B B
TDJ A
0.406 0.354 (10.30) (9.00) 0.085 (2.15)
TALEMA IN WK/YR Part Number
Schematic B
1
16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8
1
Suggested Pad Layout
0 - 8
:
2
:
1
16 15 14 13 12 11 10 9
1 2
0.700 (17.78) 0.787 (20.00)
0.472 (12.00) 0.050 (1.27) 0.700 (17.78)
3 4 5 6 7 8
0.236 0.189 (6.00) (4.80)
0.020 x 0.12 (0.50 x 0.30)
0.118 (3.00)
Dimensions: Inches (Millimeters) Tolerance: 0.010 (0.25) unless specified otherwise Surface coplanarity will be 0.004 (0.01) maximum
USA: AlfaMag Electronics LLC | 945 Parkwood | PO Box 668 | Rolla, MO 65402 Germany: Int.+49 89 - 841 00-0 * Ireland: Int.+35 374 - 954 8666 * Czech Rep: support@alfamag.com * India: Int.+91 427 - 244 1325 Phone: 1-800-413-6693 FAX: 1-364-5390 EMail: Int.+420 377 - 338 351 http://www.alfamag.com http://www.talema-nuvotem.com (10-06) Communications \ TDJ (10-06)


▲Up To Search▲   

 
Price & Availability of TDJ-200-16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X