Part Number Hot Search : 
BSS414 74LVC08 63000 LTP747E AN1240 F060293 R2001 IB300
Product Description
Full Text Search
 

To Download TAAC336K016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hermetic Axial Capacitors
TAA Series
SOLID TANTALUM HERMETICALLY SEALED AXIAL LEADED CAPACITORS
TAA: Fully hermetically sealed, of rugged construction and high reliability for use in military and professional equipment. 1. Extremely low leakage current. 2. Excellent capacitance to size ratio. 3. Available taped and reeled for automatic insertion. 4. Marked with AVX logo, capacitor type, capacitance, capacitance tolerance, rated voltage, polarity indication and date of manufacture. 5. Conforming to the limits of MIL-C-39003 style CSR, CTS 13 and CTS 32.
CASE DIMENSIONS:
L2
millimeters (inches) Case Size A B C D L1 max. L2 max. D max. Lead Length d Weight min. nom. max. g 28.0 (1.100) 28.0 (1.100) 23.0 (0.900) 22.0 (0.800) 0.50 0.50 0.60 0.60 0.7 1.3 4.7 7.4
Polarity Mark
+
L1
d
7.20 (0.280) 10.7 (0.420) 3.60 (0.140) 12.0 (0.470) 15.5 (0.610) 4.90 (0.190) 17.3 (0.680) 20.9 (0.820) 7.50 (0.290) 19.9 (0.780) 23.4 (0.920) 9.00 (0.350)
D
Note: The tabulated dimensions are for non-insulated capacitors. Insulated capacitors are standard, dimension L1 will increase by 0.8mm maximum, and dimension D by 0.2mm maximum.
HOW TO ORDER
TAA A 105 M 035 G
Type
Case Size
Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow)
Capacitance Tolerance K = 10% M = 20%
Rated DC Voltage
TAA Packaging Suffixes (see page 106)
*Not recommended for new designs
103
Hermetic Axial Capacitors
TAA Series
TECHNICAL SPECIFICATIONS
Construction: Capacitance Range: Capacitance Tolerance: Measuring Conditions: Rated Voltage VDC Category Voltage VDC Surge Voltage VDC Surge Voltage VDC +85C: +125C: +85C: +125C: Hermetically sealed; axial terminations 0.10 F to 330 F 20%; 10% 120 Hz, 20C 6.3 10 16 20 25 35 4 8 5 6.3 10 13 17 23 13 20 26 33 46 9 12 16 21 28 50 33 65 40 Approvals: Temperature Range: Environmental Classification: Dissipation Factor: (tan ) -55C to +125C 55/125/56 (IEC 68-2) 0.04 for C=0.1 to 4.7F 0.06 for C= 6.8 to 100F 0.08 for C= 150 to 330F BS CECC 30 201-801
Capacitance Range (letter denotes case size) Capacitance F 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 Cap Code 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 A A A A B B B B B C C D D B C C D D B B C C C D D B B B B C C C D D B B Rated voltage DC 6.3V 10V 16V 20V 25V 35V A A A A A A A B B B B B C C C D D 50V A A A A A A A B B B B C C C D
A A
A A A A
C D
104
Hermetic Axial Capacitors
TAA Series
RATINGS AND PART NUMBER REFERENCE
AVX Part No. Case Size Capacitance F DCL (A) Max. DF % Max. ESR Max. () @ 100 kHz AVX Part No. Case Size Capacitance F DCL (A) Max. DF % Max. ESR Max. () @ 100 kHz
6.3 volt @ 85C (4 volt @ 125C)
TAAA225(*)006 TAAA335(*)006 TAAA475(*)006 TAAA685(*)006 TAAB156(*)006 TAAB336(*)006 TAAB476(*)006 TAAC686(*)006 TAAC157(*)006 TAAD227(*)006 TAAD337(*)006 TAAA475(*)010 TAAB106(*)010 TAAB336(*)010 TAAC476(*)010 TAAC107(*)010 TAAD157(*)010 TAAD227(*)010 TAAA335(*)016 TAAB685(*)016 TAAB156(*)016 TAAB226(*)016 TAAC336(*)016 TAAC476(*)016 TAAC686(*)016 TAAD107(*)016 TAAD157(*)016 TAAA155(*)020 TAAA225(*)020 TAAB475(*)020 TAAB685(*)020 TAAB106(*)020 TAAB156(*)020 TAAC226(*)020 TAAC336(*)020 TAAC476(*)020 TAAD686(*)020 TAAD107(*)020 A A A A B B B C C D D A B B C C D D A B B B C C C D D A A B B B B C C C D D 2.2 3.3 4.7 6.8 15 3.3 47 68 150 220 330 4.7 10 33 47 100 150 220 3.3 6.8 15 22 33 47 68 100 150 1.5 2.2 4.7 6.8 10 15 22 33 47 68 100 0.5 0.5 0.5 0.5 1.0 1.0 3.0 4.5 9.5 14.0 20.0 0.5 1.0 3.5 3.0 10.0 15.0 20.0 0.5 0.8 2.4 3.5 5.8 7.3 10.0 15.0 20.0 0.5 0.5 0.8 1.0 2.0 3.0 4.5 7.0 9.5 13.5 20.0 4 4 4 6 6 6 6 6 8 8 8 6 6 6 6 6 8 8 6 6 6 6 6 6 6 6 8 4 4 4 6 6 6 6 6 6 6 6 N/A N/A N/A 5.0 2.3 2.0 1.6 1.0 0.8 0.6 0.5 5.0 2.6 1.6 1.1 1.0 0.8 0.5 6.0 2.5 2.0 1.6 1.2 1.0 0.8 0.7 0.5 9.0 6.5 3.0 2.5 2.6 1.8 1.3 1.2 0.9 0.8 0.5
25 volt @ 85C (17 volt @ 125C)
TAAA684(*)025 TAAA155(*)025 TAAB475(*)025 TAAB106(*)025 TAAC336(*)025 TAAD686(*)025 TAAA104(*)035 TAAA154(*)035 TAAA224(*)035 TAAA334(*)035 TAAA474(*)035 TAAA684(*)035 TAAA105(*)035 TAAB155(*)035 TAAB225(*)035 TAAB335(*)035 TAAB475(*)035 TAAB685(*)035 TAAC106(*)035 TAAC156(*)035 TAAC226(*)035 TAAD336(*)035 TAAD476(*)035 TAAA104(*)050 TAAA154(*)050 TAAA224(*)050 TAAA334(*)050 TAAA474(*)050 TAAA684(*)050 TAAA105(*)050 TAAB155(*)050 TAAB225(*)050 TAAB335(*)050 TAAB475(*)050 TAAC685(*)050 TAAC106(*)050 TAAC156(*)050 TAAD226(*)050 A A B B C D A A A A A A A B B B B B C C C D D A A A A A A A B B B B C C C D 6.8 1.5 4.7 10 33 68 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 0.5 0.5 1.2 2.5 8.5 15.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.5 2.5 3.5 5.0 7.5 10.0 10.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.1 1.7 2.4 3.4 5.0 7.5 11.0 4 4 4 6 6 6 4 4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 9.5 7.5 2.8 2.0 1.0 0.6 N/A N/A N/A N/A N/A 10.0 8.0 6.0 6.0 3.5 2.5 2.0 1.6 1.2 1.0 0.8 0.6 N/A N/A N/A N/A N/A 10.0 8.0 6.0 6.0 3.5 2.5 2.0 1.6 1.2 1.0
35 volt @ 85C (23 volt @ 125C)
10 volt @ 85C (6.3 volt @ 125C)
16 volt @ 85C (10 volt @ 125C)
50 volt @ 85C (33 volt @ 125C)
20 volt @ 85C (13 volt @ 125C)
(*) Insert capacitance tolerance code; M for 20% and K for 10% NOTE: Voltage ratings are minimum values. AVX reserves the right to supply higher voltage ratings in the same case size.
105
Axial Capacitors
Tape and Reel Packaging
SOLID TANTALUM AXIAL TAR AND TAA TAPE AND REEL PACKAGING FOR AUTOMATIC COMPONENT INSERTION
TAR and TAA series are supplied as standard on axial bandolier, in reel format or `ammo' pack for use on high speed axial automatic insertion equipment, or preforming machines. The tape format is compatible with standards for component taping set out by major manufacturers of axial automatic insertion equipment.
TAPE SPECIFICATION
REEL CONFIGURATION
Taper this end
Colored tape -
+ White tape G 30 max. 400 max.
P
n Shape: Circular or Octagonal K 7.00 max. L E
PACKAGING QUANTITIES TAR
For reels
Case Size Q R S W Number of Pieces 3000 3000 2000 2000
DIMENSIONS:
E max G max K L P leader max trailer max Number of Pieces 3500 2500 500 400 Number of Pieces 1500 1000 250 250 n
millimeters (inches)
1.60 (0.063)
PACKAGING QUANTITIES TAA
For reels, Standard Suffix G
Case Size A B C D
1.20 (0.047) Component body shall be located centrally within a window, width K, where K is 1.40 (0.060) greater than the primary body length 52.4 1.50 (2.060 0.060) 5.00 0.50 (0.200 0.020) 400 (15.75) 30.0 (1.200) Will allow for unhindered reeling and unreeling of the taped components. Preferred dimensions 73.0 (2.870) spacing.
For reels, Suffix K
Case Size A B C D
106


▲Up To Search▲   

 
Price & Availability of TAAC336K016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X