Part Number Hot Search : 
FDP26N40 160NTD 030CT 2SC5435 BB1110RC SDS2836F EF80N SMCJ120
Product Description
Full Text Search
 

To Download SWE1250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWE1250(12V5.0AH)
Outer dimensions (mm)
90 70
SW
(1 2
E1
V5
.0 A
25
Terminal Type (mm)
0
h)
101
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 5.0Ah 106mm (4.17 inches) 101mm (3.98 inches) 90mm (3.54 inches) 70mm (2.76 inches)
Capacity(%)
3.2 6.35
4.75
106
3.4 7.85
T1
T1
0.8
T2
Curves of cycle life(25 )
120 100 80 60
1.7Kg (3.74 lbs)
100%DOD Idis=0.25C 3h
Ich=0.10C 9h
70%DOD
Idis=0.25C 2h
50%DOD
Idis=0.25C 1.5h
Characteristics
20 hour rate(0.25 A) 10 hour rate(0.46 A) 5 hour rate(0.85 A) 1 hour rate(3.00 A) 5.00 AH 4.60 AH 4.25 AH 3.00 AH
Ich=0.10C
6h
Ich=0.10C
4.5h
Idis=0.25C
0.8
30%DOD
1.0h
40 20 0 800 1000 1200
Ich=0.10C
6.35
3.0h
Capacity 25 (77 )
200
400
600
1400
1600
Number of cycles(cycles)
Internal Resistance Full charged Battery at 25 (77 ) 21 m Capacity affected by Temperature (20hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 01 2
2.0A 5.0A 18A 15A 10A
0.25A 1.0A 0.50A
T1 Initial Charging Current less than 2.0 A Cycle Voltage 14.40-14.70V Voltage 13.50-13.80V Float
4 6 8 10
20
4060
2
4 6 8 10 20 40
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
)
10h
0.47 5.48 0.47 5.38 0.46 5.33 0.45 5.21 0.44 5.10
5min
10min
15min
30min
1h
3.00 34.6 2.82 32.5 2.73 31.5 2.63 30.6 2.54 30.2
2h
1.75 20.3 1.68 19.4 1.65 19.1 1.60 18.7 1.56 18.5
3h
1.29 14.90 1.25 14.48 1.23 14.23 1.21 14.06 1.15 13.65
4h
1.03 11.96 1.00 11.58 0.95 11.00 0.93 10.86 0.92 10.83
5h
0.88 10.15 0.86 9.96 0.85 9.90 0.81 9.46 0.78 9.25
8h
0.58 6.69 0.57 6.58 0.56 6.52 0.55 6.25 0.53 6.04
20h
0.26 3.00 0.25 2.92 0.25 2.90 0.24 2.83 0.24 2.81
R


▲Up To Search▲   

 
Price & Availability of SWE1250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X