Part Number Hot Search : 
4N2X08 045984 NTE3056 7808P 7808P 20120 M52979E GAL20V8
Product Description
Full Text Search
 

To Download SWE12120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWE12120(12V12AH)
Outer dimensions (mm)
151 98
SW E1 (1 2V 21 20 12 AH )
(12 S WV E1 2 1 2A 120 H)
Terminal Type (mm)
Specifications
3.4 7.85
6.35 0.8
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx
12V 12Ah 100 mm (3.94 inches) 94 mm (3.70 inches) 151 mm (5.94 inches) 98 mm (3.86 inches)
Capacity(%)
T251
T251
Curves of cycle life(25 )
120 100 80 60
3.6 Kg (7.96 lbs)
94
100
100%DOD Idis=0.25C 3h
Ich=0.10C 9h
70%DOD
Idis=0.25C 2h
50%DOD
Idis=0.25C 1.5h
30%DOD
4.5h
Characteristics
Capacity 25 (77 ) 20 hour rate(0.60 A) 10 hour rate(1.10 A) 5 hour rate(2.04 A) 1 hour rate(7.20 A) 12 AH 11.0 AH 10.2 AH 7.20 AH 16 m 102% 100% 85% 65% 91% 82% 64%
Ich=0.10C
6h
Ich=0.10C
Idis=0.25C
1.0h
40 20 0 800 1000 1200
Ich=0.10C
3.0h
200
400
600
1400
1600
Number of cycles(cycles)
Internal ResistanceFull charged Battery at 25 (77 ) Capacity affected by Temperature (20hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage
Discharge Curves 25 (77 )
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 01 2 4
4.8A 12A 36A 43A 24A
2.4A
1.2A
0.6A
T251 Initial Charging Current less than4.80A Cycle Voltage 14.40-14.70V Float Voltage 13.50-13.80V
6 8 10
20
40 60
2
4
6 8 10 20 40
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
5min
10min
15min
30min
1h
7.20 83.0 6.76 78.0 6.54 75.7 6.32 73.5 6.10 72.5
2h
4.20 48.6 4.03 46.7 3.95 45.8 3.85 44.8 3.75 44.5
3h
3.09 35.75 3.00 34.75 2.95 34.15 2.90 33.75 2.75 32.75
4h
2.48 28.70 2.40 27.80 2.28 26.40 2.24 26.08 2.20 26.00
5h
2.11 24.35 2.06 23.90 2.04 23.75 1.95 22.70 1.87 22.20
8h
1.39 16.05 1.37 15.80 1.35 15.65 1.31 15.00 1.28 14.50
10h
1.13 13.15 1.12 12.90 1.10 12.80 1.07 12.50 1.05 12.25
20h
0.62 7.20 0.61 7.00 0.60 6.95 0.59 6.80 0.57 6.75
R


▲Up To Search▲   

 
Price & Availability of SWE12120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X