Part Number Hot Search : 
9160B201 HTA10 A2702 TX14D HC253 UP307 851933 14NM50N
Product Description
Full Text Search
 

To Download SWE121200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (12 SHENZHEN SUNNYWAYVBATTERY TECH CO.,LTD. 12 (1 2V
R
12
0A
0A
H)
H)
SWE121200(12V120AH)
Outer dimensions (mm)
407
174
407
174
233
43
277
314
SW
SW E1 (1 2V 21 12 20 0 0A H)
SW
E1
E1
21
21
20
20
0
Terminal Type (mm)
0
3
Specifications
9
14
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx
12V 120 Ah 233 mm (9.17 inches) 209 mm (8.23 inches) 407 mm (16.0 inches) 174mm (6.85 inches) 38 Kg (83.98 lbs)
Capacity(%)
25
43
24
M6
5
16
T11
Curves of cycle life(25 )
120 100 80 60 40
T16
Characteristics
Capacity 25 (77 ) 10 hour rate(12.0 A) 5 hour rate(19.2 A) 1 hour rate(72.0 A) 120 AH 96 AH 72 AH
Approx 4.0 m
100%DOD
50%DOD
30%DOD
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C Ich=0.10C
2.5h 5.0h
Idis=0.17C Ich=0.10C
1.5h 3.0h
20 0 800 1000 1200 1400
233
200
400
600
1600
Number of cycles(cycles)
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 )
102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 1 2 4
(77
)
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
60A 24A 120A 253A 6 8 10 204060 2 (Min) 4
12A
T11 T16 Initial Charging Current less than 48 A Voltage 14.10-14.40V Voltage 13.50-13.80V
6 8 10 20 40 (h)
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time 5min
A W A W A W A W A W
)
10h 20h
10min
15min
30min
1h
2h
3h
4h
5h
8h
9.60V 10.20V 10.50V 10.80V 11.10V


▲Up To Search▲   

 
Price & Availability of SWE121200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X