Part Number Hot Search : 
MMDF2P0 TEH7222 1N5227 K9F1208 2KBB05 MA3Z367 C324MS8 CMPTA14
Product Description
Full Text Search
 

To Download SWDM531HA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fused Single-Mode WDM (1310/1550nm)
SWDM53 Series
Product Description
Oplink's 1310/1550nm fused single-mode wavelength division multiplexers are manufactured using the proven fused biconical taper technology and Oplink's stringent quality procedures. With low insertion loss and flat passband, this device is ideal for combining or separating optical signals in the 1310 and 1550nm bands. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Port 1 In
L
Port 2 Signal
Port 4 (terminated for 1x2 configuration)
O
Port 3 Pump
Performance Specificationns
SWDM53 Series Standard High Isolation Unit
Features
Ultra Low Insertion Loss Ultra High Isolation Low Polarization Sensitivity High Directivity High Stable & Reliable Bidirectional
Grade (P=Premium, A=Grade A) Operating Wavelength Insertion Loss Wavelength Dependent Loss Temperature Dependent Loss Isolation Polarization Dependent Loss Directivity Maximum Power Handling Operating Temperature Storage Temperature Fiber Type Package Dimensions **
P < 0.3 < 0.15 < 0.15 > 17 < 0.1
A < 0.5 < 0.20 < 0.20 > 16 > 55 500 - 10 to + 70 - 40 to + 85
P < 0.7 < 0.15 < 0.15 > 34 < 0.2
A < 0.1 < 0.20 < 0.20 > 30 dB dB dB dB dB dB mW C C
1295~1325nm / 1528~1565nm
Applications
Telecommunications CATV Subscriber Loop
Corning SMF-28 P1: 250m SMF-28 fiber P2: 900m loose tube P3: 3mm cable P4: (o) 3.0 x (L) 54.0 (o) 3.0 x (L) 60.0 (L) 96 x (W) 12 x (H) 6.4 (L)100 x (W) 80 x (H) 7.0 mm
Local Area Networks Laboratory R&D
Note: * Values are referenced without connector loss. ** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified. *** Return loss includes PDL and WDL.
R01.20080624
Fused Single-Mode WDM (1310/1550nm)
SWDM53 Series
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
SWDM
5
3
0
0
Wavelength
1550/1310nm= 53
Premium Grade= P A Grade= A
Grade
Fiber Length
0.5 Meter = H 1.0 Meter = 1 1.5 Meters = 5 2.0 Meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Type
Standard= S High Isolation= H*(P4 only)
Configuration
1x2 = 1 2x2 = 2 **
Package & Fiber Type
P1+ 250m bare fiber = 11 P2+ 900m loose tube = 22 P3+ 3mm cable = 33 P4+ 900m loose tube = 42 P4+ 3mm cable = 43
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Notes : * Must be P4 package ** Not available for high isolation model
R01.20080624
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of SWDM531HA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X