Part Number Hot Search : 
337M00 IRF3205 UC2843A RTD15024 FDMS7680 ADG1414 MC12429 SMD2440
Product Description
Full Text Search
 

To Download ST2SC2785 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC2785
NPN Silicon Epitaxial Planar Transistor for switching and AF amplifier applications. The transistor is subdivided into four groups, O, Y, G and L, according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC Ptot Tj TS Value 60 50 5 150 250 150 -55 to +150 Unit V V V mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC2785
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=6V, IC=1mA Current Gain Group O Y G L Collector Base Breakdown Voltage at IC=100A Collector Emitter Breakdown Voltage at IC=10mA Emitter Base Breakdown Voltage at IE=10A Collector Cutoff Current at VCB=40V Emitter Cutoff Current at VEB=3V Collector Saturation Voltage at IC=100mA, IB=10mA Gain Bandwidth Product at VCE=6V, IC=10mA Output Capacitance at VCB=6V, f=1MHz Noise Figure at VCE=6V, IE=0.5mA at f=1KHz, RS=500 NF 4 dB COB 2.5 pF fT 300 MHz VCE(sat) 0.15 0.3 V IEBO 0.1 A ICBO 0.1 A V(BR)EBO 5 V V(BR)CEO 50 V V(BR)CBO 60 V hFE hFE hFE hFE 70 120 200 350 140 240 400 700 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SC2785

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X