Part Number Hot Search : 
MCP6241 HV841 DAC10FX FN3158 2815S SMB5925B LA4425PV OM5234
Product Description
Full Text Search
 

To Download ST2SC2362 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC2362
NPN Silicon Epitaxial Planar Transistor High -Voltage Low-Noise Amp applications The transistor is subdivided into three groups F, G and H, according to its DC current gain.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC ICP Ptot Tj TS Value 120 100 5 50 100 400 125 -55 to +125 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/5/2004
ST 2SC2362
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=6V, IC=1mA Current Gain Group F G H Collector Base Breakdown Voltage at IC=10A Collector Emitter Breakdown Voltage at IC=1mA Emitter Base Breakdown Voltage at IE=10A Collector Cutoff Current atVCB=80V Emitter Cutoff Current atVEB=4V Collector Emitter Saturation Voltage at IC=10mA, IB=1mA Gain Bandwidth Product at VCE=6V, IC=1mA Output Capacitance at VCB=10V, f=1MHz Noise Level at VCC=30V, IC=1mA at Rg=56K,VG=77dB/1kHz Noise Peak Level at VCC=30V, IC=1mA at Rg=56K,VG=77dB/1kHz CNO(peak) 200 mV CNO(ave) 35 mV COB 1.8 pF fT 130 MHz VCE(sat) 0.5 V IEBO 1 A ICBO 1 A V(BR)EBO 5 V V(BR)CEO 100 V V(BR)CBO 120 V hFE hFE hFE 160 280 480 320 560 960 Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/5/2004


▲Up To Search▲   

 
Price & Availability of ST2SC2362

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X