Part Number Hot Search : 
256AI C1741A LT6010 MAX1839 SB1100 MC143 MC35001N MBI5036
Product Description
Full Text Search
 

To Download SR150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp SCHOTTKY RECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
SR120 . . . 180 Series
Description
.031 typ.
Features
n EXTREMELY LOW VF n LOW POWER LOSS HIGH EFFICIENCY
n LOW STORED CHARGE; MAJORITY CARRIER CONDUCTION n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25 O C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 1/2 Wave, 8.3mS Forward Voltage...VF @ IF = 1.0 Amps DC Reverse Current...IR @ Rated DC Blocking Voltage Typical Junction Capacitance...CJ Typical Thermal Resistance...RJA Operating Temperature Range...TJ Typical Reverse Characteristics
TJ = 125 C
o
SR120...180 Series SR120 20 20 20 SR130 30 30 30 SR140 40 40 40 SR150 50 50 50 SR160 60 60 60 SR180 80 80 80
Units Volts Volts Volts Amps Amps
............................................. 1.0 ............................................... ............................................. 4 0 ...............................................
.55 T L = 25C
.60
.65
< ................. .70 ................ >
Volts
............................................. 1.0 ............................................... mAmps 110 < ................................. 71 ................................... > < ............. -65 to 150 ............. > pF C / W C ............................................. 5 0 ............................................... < ............. -65 to 125 .......... >
Forward Current Derating Curve Forward Current (Amps)
SR150...180
Typical Junction Capacitance
Reverse Current (mA)
SR120...140
pF
TJ = 75oC
SR120...140 SR150...180
TJ = 25oC
Reverse Voltage (Volts)
Lead Temperature (oC)
Reverse Voltage (VR) - Volts
Page 7-4


▲Up To Search▲   

 
Price & Availability of SR150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X