Part Number Hot Search : 
BC807 W20N60 LBT7026 STB8NC50 CRS0806 LTC4071 GE710 E003332
Product Description
Full Text Search
 

To Download SF502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SF501 THRU SF506
SUPER FAST RECTIFIER
Reverse Voltage: 50 to 400 Volts Forward Current:5.0Amperes
SILICON RECTIFIER
WWW.JIFUSEMICON.COM
SEMICONDUCTOR
FEATURES
Low forward voltage drop High current capability High reliability High surge current capability Super fast recovery time Good for use in switching mode circuits Plastic package has Underwriters Laboratory Flammability Classification 94V-0
DO-201AD
JF
1.0(25.4) MIN 0.210(5.3) 0.190(4.8) DIA 0.375(9.50) 0.285(7.20)
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.042ounce, 1.18 grams Dimensions in inches and (millimeters) 0.052(1.32) 0.048(1.22) DIA 1.0(25.4) MIN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,60HZ,resistive or inductive load. For capacitive load,derate current by 20%.)
Symbols
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm)lead length at TA=55 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0 A Maximum DC Reverse Current at rated DC blocking voltage TA=25 C TA=100 C
SF 501
50 35 50
SF 502
100 70 100
SF 503
150 105 150 3.0 150 0.95 5.0
SF 504
200 140 200
SF 505
300 210 300
SF 506
400 280 400
Units
VRRM VRMS VDC I(AV) IFSM VF IR
Volts Volts Volts Amps Amps
1.25
Volts A
50
Maximum reverse recovery time(Note1) Typical junction capacitance(Note2) Operating Junction And Storage Temperature Range
Trr CJ TJ TSTG
35 50 -55 to+150 30
ns PF C
Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts.
8-26
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096
RATINGS AND CHARACTERISTIC CURVES SF501 THRU SF506
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
10 NON INDUCTIVE
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT (A)
6.0 5.0 4.0 3.0 2.0 1.0 0 Single Phase Half Wave 60hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
50 NON INDUCTIVE
Trr +0.5A
() 25Vdc (APPROX) (-)
D.U.T.
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE1)
0 -0.25A
1 NON INDUCTIVE
NOTES:1.Rise Time=7ns max. input impedance=1 megohm 22pF 2.Rise Time=10ns max. source impedance =50 ohms
-1.0A 1cm
SET TIME BASE FOR 10 ns/cm
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE ( C)
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT( AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT ,(mA)
100 10 1 0.1 0.010.2 0 0.40.6 1.01.2 0.8 1.4
INSTANTANEOUS FORWARD V OLTAGE (VOL TS)
TA=25 C Pulse Width=300 s 1% Duty Cycle SF501-SF505
100
TJ=150 C
10
TJ=100 C
1.0 0.1
TJ=25 C
SF506
0.01 20 40 60 80 100 140 0 120
PERCENT OF RATED PEAK REVERSE VOLT AGE(%)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
175 150
FIG.6-TYPICAL JUNCTION CAPACITANCE
200 100 60 40 20 10 6 4
TJ=25 C SF506
JUNCTION CAPACITANCE(pF)
SF501-SF505
PEAK FORWARD SURGE CURRENT(AMPERES)
125 100 75 50 25 0 1 5 10
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
2 1 0.1 0.2
50 100
0.4
1
2
4
10
20
40
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE. (V)
8-27
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SILICON RECTIFIER


▲Up To Search▲   

 
Price & Availability of SF502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X