Part Number Hot Search : 
NB100 DTC124E 2940T FRF1030 34063AD D2150 9435A FRM234R
Product Description
Full Text Search
 

To Download SB8100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB820 thru SB8100
SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 100 VOLTS CURRENT - 8.0 AMPERES
TO-220AC
FEATURES
Plastic package has Underwriters laboratory Flammability Classification 94V-0 utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MILS-19500 / 228 Low power loss,high efficiency Low forward voltage . high current capability High surge capability For use in low voltage,high frequency inverters Free wheeling. And polarlity protection applications High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request
MECHANICAL DATA
Case TO220AC full molded plastic package Terminals Lead solderable per MIL-STD-202, Method 208 Polarity As marked. Mounting Position Any Weight 0.08 ounce, 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
SYMBOL SB820 Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375 (9.5mm) ead length at TC=1000C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 8.0A Maximum DC Reverse Current TA=25 C at Rated DC Blocking Voltage TA=1000C Typical Thermal Resistance Operating and Storage Temperature Range Storage Temperature Range R
0
SB830 30 21 30
SB840 40 28 40
SB850 50 35 50 8.0
SB860 60 42 60
SB880 SB8100 80 56 80 100 70 100
UNITS
Volts Volts Volts Amps
VRRM VRMS VDC I(AV)
20 14 20
IFSM VF IR
JC
150 0.55 0.5 50 6 0.75 0.85
Amps Volts mA
0
C/W
0
TJ TJ TSTG
-50 to +150 -50 to +150
C C
0
www.paceleader.tw
1
SB820 thru SB8100
SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SB820 THRU SB8100
Fig. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
10 8 6
Fig. 2 - TYPICAL REVERSE CHARACTERISTICS
10
0 TC=150C
INSTANTANEOUS REVERSE CURRENT, (mA)
SB 850 B ~S SB 82 0
1.0
4 2 0 0 50
=1 TC
2 5C
0
B ~S 840
100
0
8 80
150
= TC
75
0
C
.1
= TC 25
0
C
LEAD TEMPERATURE, C
.01
Fig. 3 - MAXIMUM NON-REPETITIVE FORWARD
PEAK FORWARD SURGE CURRENT, (A)
SURGE CURRENT
175 150 125 100 75 50 25 1 10 100
8.3ms Single Half Sine-Wave JEDEC Method
SB820~SB840 SB850~SB880
.001 20 40 60 80 100 120
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
NUMBER OF CYCLES AT 60 Hz INSTANTANEOUS FORWARD CURRENT, (A)
50
Fig. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig. 5 - TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE, (pF)
4000 2000 1000 800 600 400
SB820~SB840
10
SB820~SB840
SB850~SB880
1.0
200 100 .1
SB850~SB880
TJ=250C Pulse Width-300 s 1% DUTY CYCLE
1.0
10
100
.1 .1 .2 .3 .4 .5 .6 .7 .8 .9 1.0
REVERSE VOLTAGE, (V)
INSTANTANEOUS FORWARD VOLT AGE, (V)
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SB8100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X