Part Number Hot Search : 
CP150 I15E5 2N6969 RT964 MC33269D P4KE68 MAX3011 G1004
Product Description
Full Text Search
 

To Download RV103YP215RB100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RV103 Series
TOCOS
PA N E L C O N T R O L S
(R)
10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103YN
RV103YP
RV103YP3
Features
10mm diameter, single-turn industrial panel controls Carbon film element Single unit, single shaft Linear taper 3mm diameter metal shafts in slot, flat or round end styles Standard 10mm or 15mm shaft length Molded plastic construction for housing and bushing Center detent option Panel or PC board mounting styles Lug or pin terminals Right angle or vertical mount Bracket mount models
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100 to 2M Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Peak Noise (C.R.V.) . . . . . . . 1% or 2, whichever is greater Power Rating . . . . . . . . 0.25 watt at 40 C, 0 watt at 85 C Maximum Input Voltage . . . . . . . . 300VDC or power rating, whichever is smaller Insulation Resistance . . . . . . . 100M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 270 10
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . 10 C to 85 C Low Temperature Exposure . . . 10 C, 1 hour without load T/R ) 2.5% Load Life . . . . . . . . . . 40 C, 90 minutes on, 30 minutes off, 1,000 hours with rated load T/R ) 10%
Moisture Resistance . . . . . . . . . . . . . . . 40 C, 90-95%RH, 96 hours without load T/R ) 10% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . . 10 C ~ 85 C, 5 cycles without load T/R ) 10% Shock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50G, 6 m /s T/R ) 2.5% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each T/R ) 5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 2% Rotational Life . . . . . . . . . . . . . . .10,000 cycles without load T/R ) 10%
T/R = Total Resistance Change
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 300 10 Shaft Torque . . . . . . . . 20 to 150 gf*cm (0.28 to 2.08 oz*in) Stop Strength . . . . . . . . . . . . 2.5 kgf* cm (34.66 oz*in) max. Mounting Nut Torque . . . . . . 3.5 kgf* cm (48.52 oz*in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . Model type, taper, resistance code, date code
12
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV103 Series
Dimensions
Unit: mm
RV103YN & RV103YN-4C with Center Detent Panel Mount, Single Unit, Single Shaft Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern
Recommended Panel Mounting Hole
RV103YP & RV103YP-4C with Center Detent
PCB Mount, Single Unit, Single Shaft Rear Exit Vertical Mount Pin Terminals, 3-Pin Triangular Pattern
Recommended PCB Mounting Holes
RV103YP2 & RV103YP2-4C with Center Detent
PCB Mount, Single Unit, Single Shaft Rear Exit Right Angle Mount Pin Terminals, 3-Pin Inline Pattern
Recommended PCB Mounting Holes
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
13
RV103 Series
RV103YP3 & RV103YP3-4C with Center Detent
Dimensions
Unit: mm
PCB Mount, Single Unit, Single Shaft Rear Exit Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Front Support Bracket
Recommended PCB Mounting Holes
RV103YPB & RV103YP-4CB with Center Detent PCB Mount, Single Unit, Single Shaft Rear Exit Vertical Mount Pin Terminals, 3-Pin Inline Pattern, 4-Pin Mounting Bracket
Recommended PCB Mounting Holes
14
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV103 Series
Part Numbering System
NOTE: FMS = From Mounting Surface
RV 103 Y P -4C B 10 S B 103 K
Resistance Tolerance: K =
10% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 105 = 1,000,000 ). See table for standard resistance values. Resistance Taper: B = Linear. Shaft End Style: S = Slotted. F = Flatted. R = Round. Standard Shaft Length: 10 = 10mm FMS. 15 = 15mm FMS. Up to 30mm shaft length available (special order ). PCB Bracket: B = Mounting Bracket with PCB Pin Terminals. Blank = No Bracket (standard). Detent: -4C = Center Detent. Blank = No Detent. Style: N = Panel Mount, Single Unit, Single Shaft, Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern. P = PCB Mount, Single Unit, Single Shaft, Rear Exit Vertical Mount Pin Terminals, 3-Pin Triangular Pattern. P2 = PCB Mount, Single Unit, Single Shaft, Rear Exit Right Angle Mount Pin Terminals, 3-Pin Inline Pattern. P3 = PCB Mount, Single Unit, Single Shaft, Rear Exit Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Front Support Bracket. PB = PCB Mount, Single Unit, Single Shaft, Rear Exit Vertical Mount Pin Terminals, 3-Pin Inline Pattern, 4-Pin Mounting Bracket. Operating Temperature Range: Y = 10 C to 85 C.
Size and Style: 10 = 10mm Diameter; 3 = Style of 10mm Size. TOCOS Series Name: RV = Carbon Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 100 200 500 Code 101 201 501 Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 500,000 Code 104 204 504 Resistance ( ) 1,000,000 2,000,000 Code 105 205
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
15


▲Up To Search▲   

 
Price & Availability of RV103YP215RB100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X