Part Number Hot Search : 
ATSTK502 N6804 MGF4919E 0NF03 2SB1240 MK1704A 1V0DS00 V22CH8
Product Description
Full Text Search
 

To Download RT314524 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Interface Power Relay RT
I I I I I I I I
1 pole 12 / 16 A, 2 pole 8 A, 1 CO contact or 2 CO contacts DC- or AC coil Sensitive coil 400 mW Reinforced insulation, protection class II (VDE 0700) 5 kV / 10 mm coil-contact 1pole 12 A with 3.5 or 5 mm pinning Recycleable packaging RoHS compliant (Directive 2002/95/EC) as per product date code 0413
F0269-B
Applications Panel boards, mechanical engineering Approvals
V REG.-Nr.of6106, Z on request E214025 Technical data approved types
Contact data 1-pole 2-pole
Contact configuration 1 CO 2 CO Contact set single contact Type of interruption micro disconnection Rated current 12 / 16 A 8A Rated voltage / max.switching voltage AC 240/400 VAC Maximum breaking capacity AC 3000 / 4000 VA 2000 VA Limiting making capacity,max 4 s, df 10% 25 / 30 A 15 A Contact material AgNi 90/10 Mechanical endurance DC coil > 30 x 106 >30 x 106 AC coil > 10 x 106 >5 x 106 Rated frequency of operation with / without load 6 / 1200 min-1 Contact Type RT314 RT314 RT314 RT314 RT314 RT314 RT314 RT314 RT314 RT314 RT424 RT424 RT424 RT424 RT424 ratings Load Cycles 16 A, 250 VAC, NO contact, 85C, DF 10%, UL508 50x103 16 A, 250 VAC, NC contact, 70C, 30min-1 53x103 16 A, 250 VAC, CO contact, VDE 0435 30 x 103 1000 W incandescent lamp, 250 VAC 1.2x103 10 A, 250 VAC, cos=0.6, CO contact, 70C 200x103 5 A / 2 A, 250 VAC, cos=1, motor, NO contact, 10min-1, 70C 1.1x106 Pilot duty A300 (NO contact), B300 (CO/NC contact), UL508 1hp @ 240 VAC, 1/2hp @ 120 VAC, NO contact, UL508 AC15, 6 A, 250 VAC, NO and NC contact, 85C, EN60947-5-1 DC13, 2 A / 24 VDC, 0.2 A / 250 VDC, NO and NC contact, 85C, EN60947-5-1 8 A, 250 VAC, NO contact, 70C, EN61810-1 100x103 6(2) A, 250 VAC, NO/NC contact, 85C; EN60730-1 100x103 1/2hp @ 240 VAC, 1/4hp @ 120 VAC, UL508 Pilot duty B300, UL508 8 A, 30 VDC, General Purpose, UL508
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range Coil insulation system according UL1446 5...110 VDC 24...230 VAC typ 400 mW typ 0.75 VA 2 class F
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Interface Power Relay RT (Continued)
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 006 6 4.2 0.6 90+10% 400 012 12 8.4 1.2 360+10% 400 + 024 24 16.8 2.4 1440+10% 400 048 48 33.6 4.8 5520+10% 417 060 60 42.0 6.0 8570+12% 420 110 110 77.0 11.0 28800+12% 420 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request Coil versions, AC-coil 50Hz Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power 50 Hz 50 Hz 50 Hz VAC VAC VAC Ohm VA + 524 24 18.0 3.6 350+10% 0.76 615 115 86.3 17.3 8100+15% 0.76 + 730 230 172.5 34.5 32500+15% 0.74 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 5000 Vrms 1000 Vrms 2500 Vrms W 10 / 10 mm W IIIa PTI 250 V reinforced functional basic 250 V 3 240/400 V III
Terminal assignment
Bottom view on pins
1 CO contact 12 A
Other data
1-pole
2-pole
S0163-BC
RoHS - Directive 2002/95/EC compliant as per product date code 0413 Flammability class according to UL94 V-0 Ambient temperature range DC coil -40...+85C AC coil -40...+70C Operate- / release time DC coil typ 7 / 3 ms typ 7 / 2 ms Bounce time DC coil, NO / NC contact typ 1 / 3 ms typ 1 / 3 ms Vibration resistance (function), NO / NC contact 20 / 5 g, 30 ... 500 Hz Shock resistance (destruction) 100 g Category of protection RTII Mounting distance 0 mm, dense packing Relay weight 14 g Packaging unit 20 / 500 pcs
1 CO contact 16 A
S0163-BE
2 CO contacts 8 A
S0163-BJ
Accessories
For Details see datasheet Accessories Interface Power Relay RT Dimensions
Relay Packages
Complete packages consisting of a relay mounted on a socket see Package RT
S0272-BA
2
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Interface Power Relay RT (Continued)
Product key Type Version 1 1-pole, 12 A, pinning 3.5 mm 3 1-pole, 16 A, pinning 5 mm 2 1-pole, 12 A, pinning 5 mm 4 2-pole, 8 A, pinning 5 mm Contact configuration 1 1 CO contact 2 2 CO contacts Contact material 4 AgNi 90/10 Coil Coil code: please refer to coil versions table, preferred types in bold print Wash tight version on request
RT
4
Product key RT114024 RT114524 RT114615 RT114730 RT214024 RT214524 RT214615 RT214730 RT314024 RT314524 RT314615 RT314730 RT424024 RT424524 RT424615 RT424730
Version 1-pole, 12 A pinning 3.5 mm 1-pole, 12 A pinning 5 mm 1-pole, 16 A pinning 5 mm 2-pole, 8 A pinning 5 mm
Contacts 1 CO contact
Cont. material AgNi 90/10
Coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil
2 CO contacts
DC-coil AC-coil
Coil 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC
Part number 1-1393239-3 1-1393239-7 1-1393239-8 1-1393239-9 5-1393239-5 5-1393239-9 6-1393239-0 0-1419108-6 9-1393239-8 0-1393240-4 0-1393240-6 0-1393240-7 6-1393243-8 7-1393243-6 7-1393243-8 7-1393243-9
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of RT314524

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X