Part Number Hot Search : 
74C32N 74HC401 M1010 XXXBC 128EVLK 2SC334 2SC334 RS480
Product Description
Full Text Search
 

To Download RNS1CCT26A1001B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RNS
MIL approved metal film leaded resistor
EU
features * MIL-R-10509 approved and listed on the QPL * Suitable for automatic machine insertion * Marking: Blue-gray body color with alpha-numeric black marking per military requirements * Products with lead-free terminations meet EU RoHS and China RoHS requirements
dimensions and construction
L D Trimming Line Ceramic Core d l Type RNS1/8 RNS1/4 RNS1/2 Insulation Coating Resistive Film End Cap Lead Wire RNS1 L (ref.) .250.04 (6.351) .374.04 (9.51) .531.04 (13.51) .610.04 (15.51) Dimensions inches (mm) D d .091.02 (2.30.5) .138.02 (3.50.5) .138.02 (3.50.5) .216.02 (5.50.5) .031 (0.8) .024 (0.6) 1.496 (38) l
ordering information
New Part # RNS Type 1/8 Power Rating 1/8: 0.125W 1/4: 0.25W 1/2: 0.5W 1: 1W E T.C.R. Y: 5 T: 10 E: 25 C: 50 C Termination Material C: SnCu T52 Taping and Forming T26, T52 R Packaging A: Ammo R: Reel 1001 Nominal Resistance 3 significant figures + 1 multiplier "R" indicates decimal on value <100 F Tolerance B: 0.1% C: 0.25% D: 0.5% F: 1.0%
For further information on packaging, please refer to Appendix C.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/11/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
101
resistors
RNS
resistors
MIL approved metal film leaded resistor
applications and ratings
Part Designation Power Rating Resistance Resistance Resistance Resistance Absolute T.C.R. Range Range Maximum Range Range (ppm/C) E-24, E-192 E-24, E-192 E-24, E-192 E-24, E-96 Working Max. Voltage (B0.1%) (C0.25%) (D0.5%) (F1.0%) Y: 5 RNS1/8 0.125W T: 10 E: 25 C: 50 E: 25 RNS1/4 RNS1/2 0.25W 0.50W C: 50 E: 25 C: 50 E: 25 1W C: 50
100 - 100k 100 - 100k 100 - 100k 100 - 100k 100 - 200k 100 - 200k 100 - 200k 100 - 200k 5.1 - 750k 5.1 - 1.62M 0.2 - 2M 5.1 - 750k 5.1 - 1.62M 0.2 - 2M 5.1 - 1M 5.1 - 1.5M 5.1 - 1.5M 5.1 - 2M 5.1 - 2M 5.1 - 2M 5.1 - 2M 5.1 - 2M 0.2 - 2M 0.2 - 2M 0.2 - 2M 0.2 - 2M
Absolute Minimum Operating Rated Maximum Dielectric Ambient Temperature Overload Withstanding Temperature Range Voltage Voltage -25C to +85C
200V
400V
500V
0.2 - 5.1M 0.2 - 5.1M 0.2 - 2.4M 0.2 - 4.7M
250V 300V
500V 600V
700V 700V
70C
-55C to +165C
5.1 - 2.4M 0.2 - 5.1M 0.2 - 5.1M 5.1 - 2.4M 0.2 - 5.1M 0.2 - 5.1M
RNS1
5.1 - 2.4M 5.1 - 2.4M 0.2 - 5.1M 0.2 - 6.8M
350V
700V
1000V
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -20 -55
Surface Temperature Rise
Surface Temperature Rise (C) 60 50 40 30 20 10 0 0 0.25 0.5 0.75 1 RNS1/8 RNS1/2 RNS1/4 RNS1
0
80 100 120 140 160 70 165 Ambient Temperature (C) Requirement R (% + 0.05) Limit Typical Within specified -- tolerance Within specified -- T.C.R. 0.25% 0.15% 0.2% 0.075% 0.2% 0.075% 0.75% 0.5% 0.5% 0.35%
20
40
60
Loaded Wattage (W)
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C
Test Method 25C Y, T: +25C/+65C; E, C: +25C/+125C Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is lower 350C 10C, 3.5 seconds 0.5 second -55C (30 minutes), +85C (30 minutes), 5 cycles 40C 2C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
102
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com


▲Up To Search▲   

 
Price & Availability of RNS1CCT26A1001B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X