Part Number Hot Search : 
HFS2N70S 148SXN SLASF3 2N5681 00120 SFR204 00120 HFS2N70S
Product Description
Full Text Search
 

To Download RL206GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
RL201GP THRU RL207GP
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
DO-15
Features
* * * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability Glass Passivated Junction
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance (R JA) 50C/W Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D
Catalog Number RL201GP RL202GP RL203GP RL204GP RL205GP RL206GP RL207GP
---------------
A Cathode Mark B
D
C
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 2A TA = 75C Current Peak Forward Surge IFSM 60A 8.3ms, half sine Current IFM = 2.0A; Maximum 1.0V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 5.0A TA = 25C Rated DC Blocking 50A TA = 100C Voltage Typical Junction CJ 20pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
DIMENSIONS INCHES MIN .230 .104 .026 1.000 MM MIN 5.80 2.60 .70 25.40
DIM A B C D
MAX .300 .140 .034 ---
MAX 7.60 3.60 .90 ---
NOTE
www.cnelectr.com
RL201GP thru RL207GP
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 Volts Instantaneous Forward Current - MicroAmperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 0 .5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 1.0 2.0 3.0 Figure 2 Forward Derating Curve
1.5
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
RL201GP thru RL207GP
Figure 4 Typical Reverse Characteristics 10 6 4 80 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 Volts Instantaneous Reverse Current - Ampsversus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=25C TJ=100C Amps 60 40 20 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 120 100 Figure 5 Peak Forward Surge Current
2
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of RL206GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X