Part Number Hot Search : 
2SK26 TMP47C IRFB320 13100 SG12232Q TMP47C 1SMB13 B5114
Product Description
Full Text Search
 

To Download RG240160-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RG240160-B
.......OUTLINE DIMENSION & BLOCK DIAGRAM
MECHNICAL SPECIFICATION
Overall Size View Area Dot Size Dot Pitch 74.6 x 54.9 mm 67.6 x 47.5 mm 0.225 x 0.225 mm 0.24 x 0.24 mm Module W/O B/L EL B/L LED B/L H2 / H1 2.9 / 5.0 3.2 / 7.0 -/Symbol VDD-VSS VDD-VEE VIN Condition 25C 25C 25C Min. 4.5 NW
20.1 19.6 18.6 -
PIN ASSIGNMENT
Pin No. Symbol Function CL2(SCP) Data shift pulse 1 CL1(LP) Data latch pulse 2 FLM Scan start-up signal 3 M Frame reverse signal(Alternate signal) 4 D0 Data display 5 D1 Data display 6 D2 Data display 7 D3 Data display 8 VEE Power supply voltage for LCD(+V) 9 VDD Power supply voltage for logic 10 VSS Ground 11 BLE EL enable/disable 12 VELG Power supply for EL(-) 13 VEL Power supply for EL(+) 14
ABSOLUTE MAXIMUM RATING
Item Supply for logic voltage LCD driving supply voltage Input Voltage Item
Power supply voltage
Min. -0.3 -0.3 -0.3 Typical 5.0 NW
21.5 20.7 19.6 18.7 17.7 0.3 3.0 40.0
Max. Units 7.0 V 30.0 V Vdd+0.3 V Max. Units 5.5 V NWV V - 21.3 V - 20.2 V - 19.3 V V mA mA -mA
ELECTRICAL CHARACTERISTICS
Symbol Condition VDD-VSS 25C TOP -20C 0C VOP 25C 50C 70C IDD VDD=5V IEE VDD=5V EL VOP=5V
LCD operation voltage
LCM current consumption (No B/L) Backlight current consumption
REMARK LCD option: STN, FSTN Backlight Option: EL backlight feature, other specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of RG240160-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X