Part Number Hot Search : 
10A06 AOZ1010 FDB308 4016B 2SB106 UPC1366 PFB6000 K9WAG08U
Product Description
Full Text Search
 

To Download RE5005W1MCC3P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
RE High Precision Low TCR Resistors
High Precision Low TCR Resistors
Token Ultra Precision Ten-Times More Accurate
Preview The RE Series from Token Electronics is capped ultra precision metal-film resistors, as well as a complete selection of MIL-PRF-55182 and GJB244A-2001 quality standards. Token offers a low-cost alternative to traditional solutions for precision applications. The RE is available in a resistance range of 10 ~ 15M with a precision tolerance of 0.02% and a temperature coefficient of resistance (TCR) of 5PPM/C, although other tolerances and TCRs are available. The resistance element in these devices is a precisely controlled thin film of metal alloy deposited on a high quality alumina substrate. Plated caps are force-fitted before the assembly is trimmed using advanced laser techniques to ensure excellent performance and low electrical noise. Leads are welded to the end caps prior to the resistor being coated with epoxy. Products equate Vishay, Ohmite, Caddock, IRC, EBG, Panasonic Precision Devices with more competitive price and fast delivery. Detailed precision RE specifications, both mechanical and electrical, please contact our sales representative for more information. Production Standard :
Which is made referencing to Chinese National Quality Standard GJB244A-2001 standards, and USA Military/Established Reliability MIL-PRF-55182 in environmental and dimensional requirements.
Power Rating : Power ratings are based on the following two conditions, - 2.0 % maximum R in 10 000 h load life. - + 175 C maximum operating temperature. Applications : - Measuring and calibration equipment, - Telecom, Industrial process control systems, - Test and measurement, Space and aircraft electronics. Features : - Power rating from 0.125W to 1.5W. - Covers all general type precision resistors. - Military/Established Reliability and Stability. - Extreme precision tolerance tight to 0.02%. - Temperature coefficient narrowed to 5PPM/C. - Industrial grades, RoHS Compliant, metal film lacquer coated.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
RE High Precision Low TCR Resistors
Metal Film (RE) Dimensions & Technical Characteristics
100 (Rated power)%
L A
D
50 0 -55 70 175 (C)
High Precision Resistor Coating Type (RE) Dimensions
High Precision Resistor Coating Type (RE) Power - Temperature Curve
Type 70 C Rated Wattage (W) 125 C Max. Working Voltage (V) L 0.3 Dimensions (mm) D 0.4 A 0.05 Resistance Range () Working Temperature Range Nominal Resistance Tolerance Temperature Coefficient PPM Normal test range(+25C ~ +85C) Special require range(-10C ~ +50C)
RE50 0.125 0.05 200 4.0 1.40 0.40 20 ~ 200K
RE60 RE65 RE70 RE75 0.5 0.75 1.0 1.5 0.125 0.25 0.5 1.0 250 300 350 500 9.6 11.8 13.9 17.7 3.15 3.75 4.65 7.20 0.60 0.60 0.80 0.80 10 ~ 5M 10 ~ 10M 10 ~ 15M 10 ~ 15M -55C ~ +175C B(0.10%), C(0.25%), D(0.50%), F(1.00%) between 5 to 3M can be reached to A5(0.05%) and A2(0.02%) C6(10PPM/C), C5(15PPM/C), C3(25PPM/C), C2(50PPM/C) between 5 to 3M can be reached to C7(5PPM/C)
RE55 0.25 0.10 200 6.7 2.05 0.60 10 ~ 3M
Remark: Please contact Token's Representatives if your requirement is not in above range.
Metal Film (RE) Dimensions & Technical Characteristics
Type Item Life time Method GJB244A (MIL-PRF-55182) 4.8.18 Rated Wattage,125C,2000h 10000h GJB244A (MIL-PRF-55182) 4.8.18 -10C ~ +65C, RH<90% Rated Wattage, Cycle 240h. GJB244A 4.8.19 175C 2000h GJB244A (MIL-PRF-55182) 4.8.12/4.8.23/4.8.10 GJB244A (MIL-PRF-55182) 4.8.11/4.8.16/4.8.17 Requirement GJB244A (MIL-PRF-55182) 3.24 R(0.5%R+0.01) R(2%R+0.01) GJB244A (MIL-PRF-55182)3.21 R(0.4%R+0.01) GJB244A (MIL-PRF-55182)3.25 R(2.0%R+0.01) GJB244A (MIL-PRF-55182) 3.18/3.29/3.16 R(0.15%R+0.01) no physical damage, arc,isolation break through GJB244A (MIL-PRF-55182) 3.17/3.22/3.23 R(0.20%R+0.01) no physical damage GJB244A (MIL-PRF-55182)3.20 R(0.10%R+0.01) no physical damage
Long Period
Humidity
High temp exposed Dielectric voltage
Short Period
Lead strength Impact High frequency vibration Solderability
GJB244A (MIL-PRF-55182) 4.8.14
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
How to Order
RE High Precision Low TCR Resistors
RE60
0.5W
RE60, RE65, RE70, RE75.
10R
D
C5
P
Part Number: RE50, RE55,
Rated Power (W)
Code RE50 RE55 RE60 RE65 RE70 RE75 RE50 RE55 RE60 RE65 RE70 RE75 Temperature Rated Power (W) 0.125 0.25 0.5 0.75 1.0 1.5 0.05 0.10 0.125 0.25 0.5 1.0
Resistance Tolerance (%)
Code B C D F Resistance Tolerance (%) 0.10 0.25 0.50 1.00
70 C
Temperature Coefficient (ppm/C)
Code C6 C5 C3 C2 Temperature Coefficient (ppm/C) 10 ppm/C 15 ppm/C 25 ppm/C 50 ppm/C
125 C
Resistance Value ():
Code 10R 100R 1K1 1M 10M Resistance Value () 10 100 1.1K 1M 10M
Packaging: P (Bulk)
Back to 1st Page - High Precision Resistors (RE)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of RE5005W1MCC3P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X