Part Number Hot Search : 
SKIIP AEP135SI 1V221M 01547 SMBJ16 AM326 20N60S V3040
Product Description
Full Text Search
 

To Download PSWD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECO-PACTM 2
Half Three Phase Rectifier Bridge
Preliminary Data Sheet
VRSM VDSM (V) 800 1200 1400 1600 1800 VRRM Type VDRM (V) 800 PSWD 100/08 1200 PSWD 100/12 1400 PSWD 100/14 1600 PSWD 100/16 1800 PSWD 100/18
PSWD 100 PSVD 100
IdAV = 100 A VRRM= 800-1800V
T-X18
X13-15 H-K10
T-X18 X13-15 H-K10
PSVD 100/08 PSVD 100/12 PSVD 100/14 PSVD 100/16 PSVD 100/18
A4-6
A4-6
PSWD
PSVD
Features
Symbol IdAV IFSM
Test Conditions TC = 85C; module, sinusoidal 120 TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 100 480 510 420 450 1150 1090 880 850 -40...+150 150 -40...+125 A A A A A A2 s A2 s A2 s A2s C C C V~ V~ Nm lb.in. g
* * * * * * * * * * * * *
Package with DCB ceramic base plate Isolation voltage 3000 V Planar glass passivated chips Low forward voltage drop Leads suitable for PC board soldering
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
Applications
Supplies for DC power equipment Input rectifier for PWM inverter Battery DC power supplies Field supply for DC motors
TVJ TVJM Tstg VISOL Md Weight Symbol IR VF VT0 rT RthJC RthJH dS dA a 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s
Advantages
Easy to mount with two screws Space and weight savings Improved temperature and power cycling capability Small and light weight
2500 3000 1.5 - 2 14 - 18 24
Mounting torque (M4) typ. Test Conditions VR = VRRM; VR = VRRM; IF = 80 A; TVJ = 25C TVJ = TVJM TVJ = 25C
Package style and outline
Dimensions in mm (1mm = 0.0394")
Characteristic Values 0.05 3 1.5 0.8 6.6 1.2 0.4 1.5 0.5 11.2 9.7 50 mA mA V V m K/W K/W K/W K/W mm mm m/s 2
For power-loss calculations only per diode; DC current per module per diode, DC current (typ.) per module (typ.) Creeping distance on surface Creepage distance in air Max. allowable acceleration
Data according to IEC 60747 refer to a single diode unless otherwise stated for resistive load at bridge output.
POWERSEM GmbH, Walpersdorfer Str. 53 2005 POWERSEM reserves the right to change limits, test conditions and dimensions D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20


▲Up To Search▲   

 
Price & Availability of PSWD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X