Part Number Hot Search : 
200248FI 00190 6066R HIN232 4VHC08 20240 1N4763 1T450CH2
Product Description
Full Text Search
 

To Download PSC100ACW132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSC AC Series
100-240 WATTS AC/DC SINGLE MULTI OUTPUT
EURO CASSETTE
Features
* * * * * * Convection cooled Operating temperature to 70C Meets IP30 Conformal coated IEC61000-4-4, EN61000-6-2 IEC60950, EN60950
Specifications
INPUT
Voltage Current at No Load (max) Protection See table. 3W-5W Fuse on board, reverse voltage protection Input - Output: 2.5kVac / 4kVdc. Input - Case: 2.5kVac / 4kVdc. Output - Case: 2kVdc. Alarm - Input: 2.5kVac / 4kVdc. Yes with inrush current limit
MECHANICAL
Case Dimensions Connectors Eurocassette See drawing examples. Consult sales office for full details 15 Pole DIN standard 41612 H15
OPTIONS
A - Overvoltage protection (OVP) A built in SCR thyristor short circuits the output when an overvoltage occurs. The trigger voltage is 15% higher than the nominal output voltage. B - Undervoltage alarm with relay. C - Series diode on output For parallel redundant applications built in series diodes can be provided. The output power may be derated depending upon the model. E2 - Same as E1 but also 2.5kVAC between output/case. L - Front panel for eurorack 10, 12, 14 TE N - Wall mounting brackets H15-S - H15 female screw connector H15-T - H15 fast on 6.3mm connector. S - Remote sense
Isolation
Soft Start
OUTPUT
Power Voltage Adjustment Current Limit Ripple & Noise pk-pk Regulation Temperature Coefficient Transient Response Overvoltage Protection See table. -10% to +10%. 105% 10mV pk-pk typical Line: 0.2% L1 to H1; Load: 0.2% NL to FL 0.02% per C 10% up to 100% typical <2mS Option.
Reverse Voltage Protection Option. Efficiency AC 80%-91% typical ACW 78%-87% typical ACR 80%-91% typical
ENVIRONMENTAL
Operating Temperature Storage Temperature Derating Cooling -25C to +70C (Single outputs > 10V). -25C to +55C (Single outputs < 10V). -25C to +55C (Dual and triple outputs). -40C to +85C No Convection
STANDARDS AND APPROVALS
Safety standards C-Tick EMI standards EMC standards IEC950, IEC 60950 AS/NZS CISPR11: 2002 Group1 Class A EN55011/EN55022, EN61000-6-3 EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5
Your dependable power partner - www.powerbox.com.au
419
EURO CASSETTE
PSC AC Series
100-240 WATTS AC/DC SINGLE MULTI OUTPUT
Selection Table- Single Outputs
MODEL NUMBER PSC240ACR15 PSC240ACR24 PSC240ACR48 PSC240ACR110 PSC100AC5 PSC150AC5 PSC100AC12 PSC150AC12 PSC100AC13.2 PSC150AC13.2 PSC100AC15 PSC150AC15 PSC240AC15 PSC100AC24 PSC150AC24 PSC240AC24 INPUT 85-135Vac 85-135Vac 85-135Vac 85-135Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac OUTPUT 15V 24V 48V 110V 5V 5V 12V 12V 13.6V 13.6V 15V 15V 15V 24V 24V 24V 16A 10A 5A 2.2A 20A 30A 8.3A 12.5A 7.4A 11A 6.7A 10A 16A 4.2A 6.3A 10A CASE 12TE 12TE 12TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 12TE 10TE 12TE 12TE OUTPUT POWER 240W 240W 240W 240W 100W 150W 100W 150W 100W 150W 100W 150W 240W 100W 150W 240W MODEL NUMBER PSC100AC48 PSC150AC48 PSC240AC48 PSC240AC110 PSC100ACW5 PSC150ACW5 PSC100ACW12 PSC150ACW12 PSC100ACW13.2 PSC150ACW13.2 PSC100ACW15 PSC150ACW15 PSC100ACW24 PSC150ACW24 PSC100ACW48 PSC150ACW48 INPUT 176-264Vac 176-264Vac 176-264Vac 176-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac 85-264Vac OUTPUT Vdc 48V 2.1A 48V 48V 110V 5V 5V 12V 12V 13.6V 13.6V 15V 15V 24V 24V 48V 48V 3.1A 5A 2.2A 20A 30A 8.3A 12.5A 7.4A 11A 6.7A 10A 4.2A 6.3A 2.1A 3.1A CASE 10TE 12TE 12TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE OUTPUT POWER 100W 150W 240W 240W 100W 150W 100W 150W 100W 150W 100W 150W 100W 150W 100W 150W
Selection Table- Dual Outputs
MODEL NUMBER PSC100ACR5S12 PSC150ACR5S12 PSC100ACR5S15 PSC150ACR5S15 PSC100ACR12S5 PSC150ACR12S5 INPUT 85-135Vac 85-135Vac 85-135Vac 85-135Vac 85-135Vac 85-135Vac MASTER OUTPUT 5V 17A 5V 5V 5V 12V 12V 12V 12V 15V 15V 24V 24V 25A 17A 25A 7.3A 11A 7A 11A 5.5A 9A 3A 5A AUX OUTPUT 12V 1.2A 12V 15V 15V 5V 5V 12V 12V 12V 12V 24V 24V 1.2A 1.2A 1.2A 2.5A2. 2.5A2. 1.2A 1.2A 1.2A 1.2A 1.2A 1.2A CASE OUTPUT POWER 10TE 100W 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 150W 100W 150W 100W 150W 100W 150W 100W 150W 100W 150W MODEL NUMBER PSC100AC5S12 PSC150AC5S12 PSC100AC5S15 PSC150AC5S15 PSC100AC12S5 PSC150AC12S5 PSC100AC12S12 PSC150AC12S12 PSC100AC15S12 PSC150AC15S12 PSC100AC24S24 PSC150AC24S24 INPUT 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac 176-264Vac MASTER OUTPUT 5V 17A 5V 5V 5V 12V 12V 12V 12V 15V 15V 24V 24V 25A 17A 25A 7.3A 11A 7A 11A 5.5A 9A 3A 5A AUX OUTPUT 12V 1.2A 12V 15V 15V 5V 5V 12V 12V 12V 12V 24V 24V 1.2A 1.2A 1.2A 2.5A2. 2.5A2. 1.2A 1.2A 1.2A 1.2A 1.2A 1.2A CASE OUTPUT POWER 10TE 100W 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 10TE 12TE 150W 100W 150W 100W 150W 100W 150W 100W 150W 100W 150W
PSC100ACR12S12 85-135Vac PSC150ACR12S12 85-135Vac PSC100ACR15S12 85-135Vac PSC150ACR15S12 85-135Vac PSC100ACR24S24 85-135Vac PSC150ACR24S24 85-135Vac
Note: 2. Common zero on the output The secondary output voltages are only factory adjustable. Operating temperature range -25C to +55C. For 70C derate PSC100 to 75W and PSC150 to 110W.
Selection Table- Triple Outputs
MODEL INPUT NUMBER PSC100ACR5S12-12 85-135Vac PSC150ACR5S12-12 85-135Vac PSC100ACR5S15-15 85-135Vac PSC150ACR5S15-15 85-135Vac MASTER OUTPUT 5V 14A 5V 5V 5V 23A 14A 23A AUX CASE OUTPUT OUTPUT POWER 100W 12V 1.2A 10TE MODEL INPUT NUMBER PSC100AC5S12-12 176-264Vac PSC150AC5S12-12 176-264Vac PSC100AC5S15-15 176-264Vac PSC150AC5S15-15 176-264Vac MASTER OUTPUT 5V 14A 5V 5V 5V 23A 14A 23A AUX OUTPUT 12V 1.2A CASE OUTPUT POWER 10TE 100W 12TE 10TE 12TE 150W 100W 150W
12V 15V 15V
1.2A 1.2A 1.2A
12TE 10TE 12TE
150W 100W 150W
12V 15V 15V
1.2A 1.2A 1.2A
Note: Operating temperature range -25C to +55C. For 70C derate PSC100 to 75W and PSC150 to 110W. The two secondary output uses common zero for 12 or 15V application or to supply 24V and 30V The secondary voltages are only factory adjustable.
420
EURO CASSETTE
PSC AC Series
100-240 WATTS AC/DC SINGLE MULTI OUTPUT
Pin-out, Single output
Pin-out, 2 & 3 output
Front & connector side of PSC100
Front & connector side of PSC150
Front Panel 3HE option L
Your dependable power partner - www.powerbox.com.au
421


▲Up To Search▲   

 
Price & Availability of PSC100ACW132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X