Part Number Hot Search : 
NM3SOL3 080CT C1206 24151 74F139 MP23070 74LV2 PC603
Product Description
Full Text Search
 

To Download PSC-60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 60W Single Output with Battery Charger(UPS Function)
Features :
Universal AC input / Full range
PSC-60
series
Protections: Short circuit / Overload / Over voltage Battery low protections / Battery polarity protection by fuse Alarm signal for AC OK and Bat. low Cooling by free air convection 100% full load burn-in test 2 years warranty
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE BATTERY CUT OFF AC OK FUNCTION BATTERY LOW WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE ISOLATION RESISTANCE PSC-60A CH1 13.8V 2.8A 0 ~ 4.3A 59.34W ----------------------------1600ms, 50ms/115VAC at full load 10ms/115VAC at full load 127 ~ 370VDC 84% CH2 13.8V 1.5A -------PSC-60B CH1 27.6V 1.4A 0 ~ 2.15A 59.34W 240mVp-p CH1: 24 ~ 29V 1.0% 0.5% 0.5% ----------------------------CH2 27.6V 0.75A --------
RIPPLE & NOISE (max.) Note.2 120mVp-p CH1: 12 ~ 15V VOLTAGE TOLERANCE Note.3 1.0% 0.5% 0.5% 800ms, 50ms/230VAC 50ms/230VAC 90 ~ 264VAC 47 ~ 63Hz 84%
1.6A/115VAC 1A/230VAC COLD START 30A/115VAC 60A/230VAC <1mA / 240VAC 105 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed CH1:14.49 ~ 18.63V CH1:28.98 ~ 37.26V Protection type : Hiccup mode, recovers automatically after fault condition is removed 21 1V 10.5 0.5V TTL open collector output, ON : AC OK ; OFF : AC Fail ; Ice : max. 30mA@ 50VDC TTL open collector output, ON : Battery Low ; OFF : Battery OK ; Ice : max. 30mA@ 50VDC Battery low voltage < 11V -20 ~ +70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) on CH1 output 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC / 70% RH Battery low voltage < 22V
SAFETY & EMC
(Note 4)
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25 EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 HARMONIC CURRENT EMS IMMUNITY MTBF 589.7K hrs min. MIL-HDBK-217F (25 )
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 101.6*50.8*29mm (L*W*H) 0.13Kg; 96pcs/13.5Kg/0.89CUFT
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time. 6. Heat Sink HS1,HS2 can not be shorted. 7. Heat Sink HS1 must have safety isolation distance with system case.
File Name:PSC-60-SPEC 2008-11-04
60W Single Output with Battery Charger(UPS Function)
Mechanical Specification
101.6
PSC-60
series
Unit:mm
3.175
95.25
3.175
HS2 FS1 3 2 1 CN1 AC FUSE T2.5A/250V SVR1 1 2 3 4 5 6 HS1 CN2
50.8
44.45
4- 3.3
29
3 max.
1.HS1,HS2 can not be shorted. 2.HS1 must have safety isolation distance with system case.
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No. 1 2 3 Assignment AC/N No Pin AC/L Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
DC Output Connector (CN2) : JST B6P-VH or equivalent
Pin No. 1 2 3 Assignment Bat. Low AC OK Battery Pin No. Assignment Battery + 4 DC Output + 5 6 DC Output COM Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
Block Diagram
ALARM CIRCUIT EMI FILTER RECTIFIERS & FILTER POWER SWITCHING RECTIFIERS & FILTER DETECTION CIRCUIT O.L.P. CONTROL O.V.P. AC OK Bat. Low
I/P
+V -V Bat. + Bat. Battery Charger & Back up Control
FG
Output Derating
Output Derating VS Input Voltage
Ta=25
100
100 90
80
80
60
70
LOAD (%)
LOAD (%)
0 10 20 30 40 50 60 70 (HORIZONTAL)
40
60 50 40
20
-20
90
95
100
115
120
140
160
180
200
220
240
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:PSC-60-SPEC 2008-11-04


▲Up To Search▲   

 
Price & Availability of PSC-60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X