Part Number Hot Search : 
T100A LC2272 C2111 74AUP ATR0620 P1020 S1404 SH10DC40
Product Description
Full Text Search
 

To Download PS-LD0101-2-010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED-CONVERTER UNIT
PS-LD0101-x-yyy(S) (9 W)
DESCRIPTION : This low profile LED-Converter is developed for max. 1 LED-line APPLICABLE: 1 LED line Pout LED Voltage Lamp Current Input Voltage FEATURES : Independent Open LED Detection Voltage or Ext. PWM Dimming 1000:1 dimming ratio with external PWM Remote ON / OFF Wide Input Voltage Range RoHS compliant (S) TEMPERATURE & HUMIDITY : Operating Temperature Range Storage Temperature Range Humidity (PRELIMINARY INFORMATION)
max. 9 Watt max. 35V max. 300 mAdc 10.8 ~ 13.2 Vdc
Connector style
-20C ~ +70C -20C ~ +85C 95 %RH max
DIMENSIONS :
LxWxH
64 x 32 x 10.5 mm
Weight :5 (g) typ. Tolerance: 0.3mm
Note: Please use plastic screw in case of a non-insulating mounting base!
Components No. 1 2 3 Part Description PCB Connector CN1 Connector CN2 Qty. 1 1 1 Material UL94V-0 (FR-4 or CEM-3) 53261-0890 53261-0590 Note t=1.0m m Molex Molex
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.387, 21st May 2010
All specifications are subject to change without notice.
LED-CONVERTER UNIT
PS-LD0101-x-yyy(S) (9 W)
(PRELIMINARY INFORMATION)
Input side CN1: Pin No. CN 1-1 CN 1-2 CN 1-3 CN 1-4 CN 1-5 CN 1-6 CN 1-7 CN 1-8 Symbols Ratings Vin 10.8 ~ 13.2 Vdc Vin 10.8 ~ 13.2 Vdc Vrm t 0 ~ 0.8 = OFF / 2.5 ~ 5.0 = ON Ext. PWM 0 ~ 0.5 = LOW / 2.5 ~ 5 = HIGH Vbr 0.0 ~ 5.0 (5V=low brightnes s ) GND GND GND -
Output side CN2 Pin No. CN 2-1 CN 2-2 CN 2-3 CN 2-4 CN 2-5 Symbols Ratings RTN1 (-) LED STRING 1 RETURN RTN1 (-) LED STRING 1 RETURN NC Vhigh (+) 35 Vdc Vhigh (+) 35 Vdc
Output Current Select Control Jumper Break Break Break Break Break JP 1 JP 2 JP 3 JP 4 JP 5 Output Current +10 mA +20 mA +40 mA +80 mA +120 mA
Example: 30mA (Output Current Min.) + 10mA (JP1) = 40mA 30mA (Output Current Min.) + 80mA (JP4) = 110mA JP1 ~ JP5 OPEN = 300mA For more information, please visit our web-site.
ELECTRICAL CHARACTERISTICS :
Conditions Parameters Output Current Output Current Input Current Open Load Shutdow n Output Pow er Symbols Iout Im in Iin Vbias Pout Vin (V) 10.8 10.8 10.8 10.8 10.8 ~ 13.2 ~ 13.2 ~ 13.2 ~ 13.2 ~ 13.2 Vbr (V) 0 5 0 0 0 Tu (C) -20~+70 -20~+70 -20~+70 -20~+70 -20~+70 Min. TBD 0.03 TBD Specification Typ. 30 25 35 9 Max. TBD 0.5 TBD Unit m Adc % Adc Vdc Watt Note
Dut y 100 % d ut y cycle
Note 1 : Note 2 : Note 3: Note 4 : Note 5 :
Do not use analog dimming function and external PWM for dimming at the same time. Pin terminal style converters have Molex connectors mounted. Above output current is the default value. Correct output current is to be selected by user and under his sole responsibility. Exceeding currents will damage the LED backlight. External PWM-signal is LOW active. If using external PWM for dimming, please connect Pin CN1-5 to GND.
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.387, 21st May 2010
All specifications are subject to change without notice.
LED-CONVERTER UNIT
PS-LD0101-x-yyy(S) (9 W)
(PRELIMINARY INFORMATION)
TEST CIRCUIT :
ORDER KEY : PS-LD0101-x-yyy With order of this converter please give the following key: -x to be replaced by: -1 for connectors -2 for Pin-Terminal in case of quantity orders (300+ pcs), the proper current selection can be ordered: -yyy to be replaced by: three digit value for output current per LED line (from 030 to 300 including) Attention: * if no value is mentioned, 30 mA output current per LED line will be set as default * a selection of incorrect LED current may decrease lifetime or destroy the backlight * orders for preconfigured converters can't be cancelled Examples: PS-LD0101-1-040 (S) 40 mA output current PCB with connectors PS-LD0101-2-150 (S) 150 mA output current PCB with Pin-Terminal CABLES : for input: 500 mm, stripped and tinned ends, order key for output: 500 mm, stripped and tinned ends, order key
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (3)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.387, 21st May 2010
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PS-LD0101-2-010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X