Part Number Hot Search : 
MSD2N60 SD215 ERB4410 MSD2N60 CO601A57 1N1205C ELM311 BPC351
Product Description
Full Text Search
 

To Download PDTB123T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDTB123T series
PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k, R2 = open
Rev. 03 -- 16 November 2009 Product data sheet
1. Product profile
1.1 General description
PNP Resistor-Equipped Transistors (RET) family.
Table 1. Product overview Package NXP PDTB123TK PDTB123TS[1] PDTB123TT
[1]
Type number
NPN complement JEITA SC-59A SC-43A JEDEC TO-236 TO-92 TO-236AB PDTD123TK PDTD123TS PDTD123TT
SOT346 SOT54 SOT23
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
Built-in bias resistors Simplifies circuit design 500 mA output current capability Reduces component count Reduces pick and place costs
1.3 Applications
Digital application in automotive and industrial segments Controlling IC inputs Cost-saving alternative for BC807 series in digital applications Switching loads
1.4 Quick reference data
Table 2. Symbol VCEO IO R1 Quick reference data Parameter collector-emitter voltage output current (DC) bias resistor 1 (input) Conditions open base Min 1.54 Typ 2.2 Max -50 -500 2.86 Unit V mA k
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
2. Pinning information
Table 3. Pin SOT54 1 2 3 input (base) output (collector) GND (emitter)
1 2 3
001aab347 006aaa217 R1
Pinning Description Simplified outline Symbol
2
1
3
SOT54A 1 2 3 input (base) output (collector) GND (emitter)
1 2 3
001aab348 006aaa217 R1
2
1
3
SOT54 variant 1 2 3 input (base) output (collector) GND (emitter)
1 2 3
001aab447 006aaa217 R1
2
1
3
SOT23; SOT346 1 2 3 input (base) GND (emitter) output (collector)
1 1 2
006aaa144 sym009
3
R1
3
2
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
2 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
3. Ordering information
Table 4. Ordering information Package Name PDTB123TK PDTB123TS[1] PDTB123TT
[1]
Type number
Description plastic surface mounted package; 3 leads plastic surface mounted package; 3 leads
Version SOT346 SOT23
SC-59A SC-43A -
plastic single-ended leaded (through hole) package; 3 leads SOT54
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4. Marking
Table 5. Marking codes Marking code[1] F1 TB123TS *1U Type number PDTB123TK PDTB123TS PDTB123TT
[1] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China
5. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCBO VCEO VEBO VI Parameter collector-base voltage collector-emitter voltage emitter-base voltage input voltage positive negative IO Ptot output current (DC) total power dissipation SOT346 SOT54 SOT23 Tstg Tj Tamb
[1]
Conditions open emitter open base open collector
Min -
Max -50 -50 -5 +5 -12 -500 250 500 250 +150 150 +150
Unit V V V V V mA mW mW mW C C C
Tamb 25 C
[1]
-65 -65
storage temperature junction temperature ambient temperature
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
3 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
6. Thermal characteristics
Table 7. Symbol Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to ambient SOT346 SOT54 SOT23
[1]
Conditions in free air
[1]
Min
Typ
Max
Unit
-
-
500 250 500
K/W K/W K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7. Characteristics
Table 8. Characteristics Tamb = 25 C unless otherwise specified. Symbol ICBO ICEO IEBO hFE VCEsat R1 Cc Parameter collector-base cut-off current Conditions VCB = -40 V; IE = 0 A VCB = -50 V; IE = 0 A Min 100 1.54 VCB = -10 V; IE = ie = 0 A; f = 100 MHz Typ 250 2.2 11 Max -100 -100 -0.5 -100 -0.3 2.86 mV k pF Unit nA nA A nA
collector-emitter cut-off VCE = -50 V; IB = 0 A current emitter-base cut-off current DC current gain collector-emitter saturation voltage bias resistor 1 (input) collector capacitance VEB = -5 V; IC = 0 A VCE = -5 V; IC = -50 mA IC = -50 mA; IB = -2.5 mA
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
4 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
103
006aaa455
-10-1
006aaa456
hFE
VCEsat (V)
(1) (1) (2) (2) (3) (3)
102 -10-1
-1
-10
-102
IC (mA)
-103
-10-2 -10-1
-1
-10
IC (mA)
-102
VCE = -5 V (1) Tamb = 100 C (2) Tamb = 25 C (3) Tamb = -40 C
IC/IB = 20 (1) Tamb = 100 C (2) Tamb = 25 C (3) Tamb = -40 C
Fig 1.
DC current gain as a function of collector current; typical values
Fig 2.
Collector-emitter saturation voltage as a function of collector current; typical values
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
5 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
8. Package outline
3.1 2.7 3 0.6 0.2 1.3 1.0 4.2 3.6 0.45 0.38
3.0 1.7 2.5 1.3 4.8 4.4 1 2 0.50 0.35 0.26 0.10 04-11-11 5.2 5.0 Dimensions in mm 14.5 12.7
0.48 0.40 1 2 2.54 3 1.27
1.9 Dimensions in mm
04-11-16
Fig 3.
Package outline SOT346 (SC-59A/TO-236)
Fig 4.
Package outline SOT54 (SC-43A/TO-92)
0.45 0.38
4.2 3.6
0.45 0.38 0.48 0.40 1
4.2 3.6
1.27
3 max
2.5 max 1
0.48 0.40 2 2.54 3 1.27
4.8 4.4
2 5.08 2.54 3 5.2 5.0 14.5 12.7 04-06-28 5.2 5.0 Dimensions in mm 14.5 12.7 4.8 4.4
Dimensions in mm
05-01-10
Fig 5.
Package outline SOT54A
Fig 6.
Package outline SOT54 variant
3.0 2.8
3
1.1 0.9
0.45 0.15 2.5 1.4 2.1 1.2
1
2
1.9 Dimensions in mm
0.48 0.38
0.15 0.09 04-11-04
Fig 7.
Package outline SOT23 (TO-236AB)
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
6 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
9. Packing information
Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number PDTB123TK PDTB123TS Package SOT346 SOT54 SOT54A Description 4 mm pitch, 8 mm tape and reel bulk, straight leads tape and reel, wide pitch tape ammopack, wide pitch SOT54 variant bulk, delta pinning PDTB123TT
[1]
Packing quantity 3000 -115 -215 5000 -412 -112 10000 -135 -116 -126 -235
SOT23
4 mm pitch, 8 mm tape and reel
For further information and the availability of packing methods, see Section 12.
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
7 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
10. Revision history
Table 10. Revision history Release date 20091116 Data sheet status Product data sheet Change notice Supersedes PDTB123T_SER_2 Document ID PDTB123T_SER_3 Modifications:
*
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal definitions and disclaimers. No changes were made to the technical content. Product data sheet Product data sheet PDTB123TK_1 -
PDTB123T_SER_2 PDTB123TK_1
20050804 20050519
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
8 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
11. Legal information
11.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
11.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
11.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
11.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PDTB123T_SER_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 16 November 2009
9 of 10
NXP Semiconductors
PDTB123T series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k, R2 = open
13. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 11.1 11.2 11.3 11.4 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 3 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Thermal characteristics . . . . . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6 Packing information . . . . . . . . . . . . . . . . . . . . . 7 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8 Legal information. . . . . . . . . . . . . . . . . . . . . . . . 9 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Contact information. . . . . . . . . . . . . . . . . . . . . . 9 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 16 November 2009 Document identifier: PDTB123T_SER_3


▲Up To Search▲   

 
Price & Availability of PDTB123T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X