Part Number Hot Search : 
BAS70TPT HSB285S A0723008 ACM1602 A0723008 101M10 50STT3 ACM1602
Product Description
Full Text Search
 

To Download PDCS6290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC POWER MODULES 2 AMP ADJUSTABLE HIGH INPUT
FEATURES
l l l l l l Efficiency up to 94% (ISR) ON/OFF control (ground off) Adjustable Outpur Voltage. Internal short circuit protection. Wide input range. Non-Isolation
PART NUMBER PDCS6233 PDCS6250 PDCS6290 PDCS6212 * * * *
INPUT VOLTAGE RANGE (Vdc)
OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE ADJUST RANGE (Vdc)
OUTPUT CURRENT (Adc)
9 9 12 15
-
26 38 38 38
3.3 5.0 9.0 12.0
1.8 1.8 3.3 5.0
-
6.0 11.0 12.0 18.0
2.0 2.0 2.0 2.0
* NOTE: ADD "V" FOR VERTICAL PACKAGE, "H" FOR HORIZONTAL PACKAGE
PACKAGE DIMENSIONS IN inches (mm) Tol: .01" ( .25mm)
1
PIN ASSIGNMENTS
PIN # 1 2 3 4 5 6 7 8 9 10 11 12
FUNCTION INHIBIT (10V max) Vin Vin Vin GND GND GND GND Vout Vout Vout Vout Adj
P PDCS62xxV M YYWW
1.27 (32.2) .01 x .03 (.25 x .75)
12
.10 (2.54)
.028 (.70) .36 (9.1)
.157 (4.0)
.59 (15.0)
VERTICAL
1
P PDCS62xxH M YYWW
.10 (2.54) .01 x .03 (.25 x .75)
12
1.27 (32.2)
.157 (4.0)
.59 (15.0) .36 (9.1)
HORIZONTAL
PDCx62xx 12/03
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1


▲Up To Search▲   

 
Price & Availability of PDCS6290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X