|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PCF8564A Real time clock and calendar Rev. 1 -- 8 October 2009 Product data sheet 1. General description The PCF8564A is a CMOS1 real-time clock and calendar optimized for low power consumption. A programmable clock output, interrupt output and voltage low detector are also provided. All addresses and data are transferred serially via a two-line bidirectional I2C-bus. Maximum bus speed is 400 kbit/s. The built-in word address register is incremented automatically after each written or read data byte. 2. Features I Provides year, month, day, weekday, hours, minutes, and seconds based on a 32.768 kHz quartz crystal I Century flag I Wide clock operating voltage: 1.0 V to 5.5 V I Low back-up current typical 250 nA at 3.0 V and 25 C I 400 kHz two-wire I2C interface (1.8 V to 5.5 V) I Low-voltage detector I Alarm and timer functions I Two integrated oscillator capacitors I Programmable clock output for peripheral devices (32.768 kHz, 1.024 kHz, 32 Hz and 1 Hz) I Internal Power-On Reset (POR) I I2C slave address: read A3h, write A2h 3. Applications I I I I Mobile telephones Portable instruments Electronic metering Battery powered products 1. The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20. NXP Semiconductors PCF8564A Real time clock and calendar 4. Ordering information Table 1. Ordering information Package Name Die type 1[1] PCF8564AU PCF8564AU PCF8564AU wire bond die; 9 bonding pads wire bond die; 9 bonding pads wire bond die; 9 bonding pads unsawn wafer; thickness 280 m unsawn wafer; thickness 687 m wafer sawn on FFC; thickness 200 m unsawn wafer; thickness 280 m unsawn wafer; thickness 687 m wafer sawn on FFC; thickness 200 m wafer sawn on FFC; thickness 200 m; die with solder bumps tape and reel; thickness 200 m; die with solder bumps PCF8564AU PCF8564AU PCF8564AU PCF8564AU/5BD/1 PCF8564AU/5GE/1 PCF8564AU/10AA/1 Die type 2 PCF8564AU/5BB/1 PCF8564AU/5GB/1 PCF8564AU/10AB/1 Die type 3 PCF8564ACX9/1 PCF8564ACX9 wafer level chip-size package; 9 bumps; 1.27 x 1.9 x 0.29 mm PCF8564ACX9 wafer level chip-size package; 9 bumps; 1.27 x 1.9 x 0.29 mm PCF8564ACX9 PCF8564AU PCF8564AU PCF8564AU wire bond die; 9 bonding pads wire bond die; 9 bonding pads wire bond die; 9 bonding pads PCF8564AU PCF8564AU PCF8564AU Description Delivery form Version Type number PCF8564ACX9/B/1 PCF8564ACX9 [1] Not to be used for new designs. 5. Marking Table 2. Die type 1 PCF8564AU/5BD/1 PCF8564AU/5GE/1 PCF8564AU/10AA/1 Die type 2 PCF8564AU/5BB/1 PCF8564AU/5GB/1 PCF8564AU/10AB/1 Die type 3 PCF8564ACX9/1 PCF8564ACX9/B/1 PC8564A-1 PC8564A-1 PC8564A-1 PC8564A-1 PC8564A-1 PC8564A-1 PC8564A-1 PC8564A-1 Marking codes Marking code Type number PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 2 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 6. Block diagram CLKOE OSCI OSCILLATOR 32.768 kHz OSCO MONITOR 00h 01h 0Dh POWER ON RESET TIME 02h 03h VDD VSS 04h 05h 06h 07h WATCH DOG 08h Seconds Minutes Hours Days Weekdays Months Years CONTROL Control_1 Control_2 CLKOUT_ctrl DIVIDER CLOCK OUT CLKOUT ALARM FUNCTION 09h 0Ah SDA SCL I2C INTERFACE 0Bh 0Ch Minute_alarm Hour_alarm Day_alarm Weekday_alarm INTERRUPT TIMER FUNCTION INT PCF8564A 0Eh 0Fh Timer_ctrl Timer 001aah660 Fig 1. Block diagram of PCF8564A PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 3 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 7. Pinning information 7.1 Pinning OSCI OSCO 1 2 9 CLKOE OSCI 1 8 9 CLKOE VDD 8 y 7 0,0 x 6 VDD OSCO CLKOUT 2 7 y x 6 CLKOUT 0,0 SCL INT 3 SCL INT 3 PCF8564AU 5 SDA VSS 4 PCF8564ACX 5 SDA VSS 4 013aaa032 013aaa033 Viewed from pad side. For mechanical details, see Figure 27. Viewed from bump side. For mechanical details, see Figure 28. Fig 2. Pinning diagram of PCF8564AU Fig 3. Pinning diagram of PCF8564ACX9 7.2 Pin description Table 3. Symbol OSCI OSCO INT VSS SDA SCL CLKOUT VDD CLKOE [1] Pin description Pin 1 2 3 4 5 6 7 8 9 Description oscillator input oscillator output interrupt output, open-drain, active LOW ground[1] serial data input and output serial clock input clock output, push-pull supply voltage CLKOUT output enable The substrate (rear side of the die) is wired to VSS but should not be electrically contacted. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 4 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8. Functional description The PCF8564A contains sixteen 8-bit registers with an auto-incrementing address register, an on-chip 32.768 kHz oscillator with integrated capacitors, a frequency divider which provides the source clock for the RTC, a programmable clock output, a timer, a voltage low detector, and a 400 kHz I2C-bus interface. All sixteen registers (see Table 4) are designed as addressable 8-bit parallel registers although not all bits are implemented. The first two registers (memory address 00h and 01h) are used as control and/or status registers. The addresses 02h through 08h are used as counters for the clock function (seconds up to years counters). Address locations 09h through 0Ch contain alarm registers which define the conditions for an alarm. Address 0Dh controls the CLKOUT output frequency. 0Eh and 0Fh are the timer control and timer registers, respectively. The seconds, minutes, hours, days, weekdays, months, years, as well as the minute alarm, hour alarm, day alarm, and weekday alarm registers are all coded in BCD format. 8.1 CLKOUT output A programmable square wave is available at the CLKOUT pin. Frequencies of 32.768 kHz, 1.024 kHz, 32 Hz and 1 Hz can be generated for use as a system clock, microcontroller clock, input to a charge pump, or for calibration of the oscillator. CLKOUT is a CMOS push-pull output, and if disabled it becomes logic 0. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 5 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.2 Register organization Table 4. Register overview Bit positions labelled as - are not implemented. Bit positions labelled as N should always be written with logic 0. After reset, all registers are set according to Table 27. Address Register name Bit 7 Control registers 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh Control_1 Control_2 Seconds Minutes Hours Days Weekdays Months Years Minute_alarm Hour_alarm Day_alarm Weekday_alarm CLKOUT_ctrl Timer_ctrl Timer TEST1 N VL C N N STOP N N TI_TP TESTC AF N TF N AIE N TIE 6 5 4 3 2 1 0 Time and date registers SECONDS (0 to 59) MINUTES (0 to 59) HOURS (0 to 23) DAYS (1 to 31) WEEKDAYS MONTH (1 to 12) YEARS (0 to 99) AE_M AE_H AE_D AE_W FE TE MINUTE_ALARM (0 to 59) HOUR_ALARM (0 to 23) DAY_ALARM (1 to 31) WEEKDAY_ALARM FD TD Alarm registers CLKOUT control register Timer registers TIMER_VALUE PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 6 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.3 Control registers 8.3.1 Register Control_1 Table 5. Bit 7 Control_1 - control and status register 1 (address 00h) bit description Symbol TEST1 Value 0[1] 1 6 5 N STOP 0[2] 0[1] 1 4 3 N TESTC 0[2] 0 1[1] 2 to 0 [1] [2] Description normal mode; Reference Section 8.9 * must be set to logic 0 during normal operations EXT_CLK test mode (see Section 8.9) default value RTC source clock runs Section 8.10 * * RTC divider chain flip-flops are asynchronously set to logic 0 the RTC clock is stopped (CLKOUT at 32.768 kHz is still available) Section 8.11.1 default value Power-On Reset (POR) override facility is disabled; * N 000[2] set to logic 0 for normal operation (see Section 8.11.1) Power-On Reset (POR) override is enabled default value Default value. Bits labeled as N should always be written with logic 0. 8.3.2 Register Control_2 Table 6. Bit 7 to 5 4 N TI_TP Control_2 - control and status register 2 (address 01h) bit description Symbol Value 000[1] 0[2] 1 Description default value INT is active when TF is active (subject to the status of TIE) INT pulses active according to Table 7 (subject to the status of TIE); Section 8.3.2.1 and Section 8.8 Section 8.3.2.1 Section 8.3.2.1 Section 8.3.2.1 Section 8.3.2.1 Reference * 3 2 1 0 AF TF AIE TIE 0[2] 1 0[2] 1 0[2] 1 0[2] 1 [1] [2] Remark: note that if AF and AIE are active then INT will be permanently active alarm flag inactive alarm flag active timer flag inactive timer flag active alarm interrupt disabled alarm interrupt enabled timer interrupt disabled timer interrupt enabled Bits labeled as N should always be written with logic 0. Default value. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 7 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.3.2.1 Interrupt output Bits TF and AF: When an alarm occurs, AF is set to 1. Similarly, at the end of a timer countdown, TF is set to 1. These bits maintain their value until overwritten using the interface. If both timer and alarm interrupts are required in the application, the source of the interrupt can be determined by reading these bits. To prevent one flag being overwritten while clearing another, a logic AND is performed during a write access. TE TI_TP TF: TIMER SET CLEAR PULSE GENERATOR 2 TRIGGER CLEAR from interface: clear TF AF: ALARM FLAG SET CLEAR from interface: clear AF 013aaa087 to interface: read TF 0 1 TIE E.G.AIE 0 1 COUNTDOWN COUNTER INT to interface: read AF AIE set alarm flag, AF When bits TIE and AIE are disabled, pin INT will remain high-impedance. Fig 4. Interrupt scheme Bits TIE and AIE: These bits activate or deactivate the generation of an interrupt when TF or AF is asserted respectively. The interrupt is the logical OR of these two conditions when both AIE and TIE are set. Countdown timer interrupts: The pulse generator for the countdown timer interrupt uses an internal clock and is dependent on the selected source clock for the countdown timer and on the countdown value n. As a consequence, the width of the interrupt pulse varies (see Table 7). Table 7. INT operation (bit TI_TP = 1)[1] INT period (s) n = 1[2] 4096 64 1 1 60 1 1 1 1 8192 128 64 64 Source clock (Hz) n>1 1 4096 1 64 1 64 1 64 [1] [2] TF and INT become active simultaneously. n = loaded countdown value. Timer is stopped when n = 0. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 8 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.4 Time and date registers The majority of the registers are coded in the BCD format to simplify application use. 8.4.1 Register Seconds Table 8. Bit 7 Seconds - seconds and clock integrity status register (address 02h) bit description Value 0 1[1] 6 to 4 SECONDS 0 to 5 3 to 0 [1] Start-up value. Symbol VL Place value Description ten's place unit place clock integrity is guaranteed integrity of the clock information is not guaranteed actual seconds coded in BCD format, see Table 9 0 to 9 Table 9. Seconds coded in BCD format Upper-digit (ten's place) Bit 6 0 0 0 0 0 1 1 Bit 5 0 0 0 0 0 0 0 Bit 4 0 0 0 0 1 1 1 Digit (unit place) Bit 3 0 0 0 1 0 1 1 Bit 2 0 0 0 0 0 0 0 Bit 1 0 0 1 0 0 0 0 Bit 0 0 1 0 1 0 0 1 Seconds value in decimal 00 01 02 : 09 10 : 58 59 8.4.1.1 Voltage low detector and clock monitor The PCF8564A has an on-chip voltage low detector. When VDD drops below Vlow the VL (Voltage Low) flag is set to indicate that the integrity of the clock information is no longer guaranteed. The VL flag can only be cleared by using the interface. mgr887 VDD normal power operation period of battery operation Vlow t VL set Fig 5. Voltage low detection PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 9 of 44 NXP Semiconductors PCF8564A Real time clock and calendar The VL flag is intended to detect the situation when VDD is decreasing slowly, for example under battery operation. Should the oscillator stop or VDD reach Vlow before power is re-asserted, then the VL flag will be set. This indicates that the time is possibly corrupted. 8.4.2 Register Minutes Table 10. Bit 7 3 to 0 Minutes - minutes register (address 03h) bit description Value 0 to 5 0 to 9 Place value Description ten's place unit place unused actual minutes coded in BCD format Symbol 6 to 4 MINUTES 8.4.3 Register Hours Table 11. Bit 7 to 6 5 to 4 HOURS 3 to 0 Hours - hours register (address 04h) bit description Value 0 to 2 0 to 9 Place value Description ten's place unit place unused actual hours coded in BCD format Symbol 8.4.4 Register Days Table 12. Bit 5 to 4 3 to 0 [1] Days - days register (address 05h) bit description Value 0 to 3 0 to 9 Place value Description ten's place unit place unused actual day coded in BCD format Symbol DAYS[1] 7 to 6 - The PCF8564A compensates for leap years by adding a 29th day to February if the year counter contains a value which is exactly divisible by 4, including the year 00. 8.4.5 Register Weekdays Table 13. Bit 7 to 3 2 to 0 WEEKDAYS Weekdays - weekdays register (address 06h) bit description Value 0 to 6 Description unused actual weekday values, see Table 14 Symbol PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 10 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Weekday assignments Bit 2 1 0 0 1 1 0 0 1 0 0 1 0 1 0 1 0 0 0 0 0 1 1 1 Table 14. Day[1] Sunday Monday Tuesday Wednesday Thursday Friday Saturday [1] Definition may be re-assigned by the user. 8.4.6 Register Months Table 15. Bit 7 C[1] Months - months and century flag register (address 07h) bit description Value 0[2] 1 6 to 5 4 3 to 0 [1] [2] Symbol Place value Description ten's place unit place indicates the century is x indicates the century is x + 1 unused actual month coded in BCD format, see Table 16 0 to 1 0 to 9 MONTHS This bit may be re-assigned by the user. This bit is toggled when the register Years overflows from 99 to 00. Table 16. Month Month assignments coded in BCD format Upper-digit (ten's place) Bit 4 0 0 0 0 0 0 0 0 0 1 1 1 Digit (unit place) Bit 3 0 0 0 0 0 0 0 1 1 0 0 0 Bit 2 0 0 0 1 1 1 1 0 0 0 0 0 Bit 1 0 1 1 0 0 1 1 0 0 0 0 1 Bit 0 1 0 1 0 1 0 1 0 1 0 1 0 January February March April May June July August September October November December PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 11 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.4.7 Register Years Table 17. Bit 3 to 0 [1] Years - years register (08h) bit description Value 0 to 9 0 to 9 Place value Description ten's place unit place actual year coded in BCD format[1] Symbol 7 to 4 YEARS When the register Years overflows from 99 to 00, the century bit C in the register Months is toggled. The PCF8564A compensates for leap years by adding a 29th day to February if the year counter contains a value which is divisible by 4, including the year 00. 8.5 Setting and reading the time Figure 6 shows the data flow and data dependencies starting from the 1 Hz clock tick. 1 Hz tick SECONDS MINUTES HOURS LEAP YEAR CALCULATION DAYS WEEKDAY MONTHS YEARS C 013aaa092 Fig 6. Data flow for the time function During read/write operations, the time counting circuits (memory locations 02h through 08h) are blocked. This prevents * Faulty reading of the clock and calendar during a carry condition * Incrementing the time registers, during the read cycle After this read/write access is completed, the time circuit is released again and any pending request to increment the time counters, that occurred during the read access, is serviced. A maximum of 1 request can be stored; therefore, all accesses must be completed within 1 second (see Figure 7). PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 12 of 44 NXP Semiconductors PCF8564A Real time clock and calendar t<1s START slave address data data data STOP 013aaa215 Fig 7. Access time for read/write operations As a consequence of this method, it is very important to make a read or write access in one go, that is, setting or reading seconds through to years should be made in one single access. Failing to comply with this method could result in the time becoming corrupted. As an example, if the time (seconds through to hours) is set in one access and then in a second access the date is set, it is possible that the time may increment between the two accesses. A similar problem exists when reading. A roll over may occur between reads thus giving the minutes from one moment and the hours from the next. Recommended method for reading the time: 1. Send a START condition and the slave address for write (A2h). 2. Set the address pointer to 2 (seconds) by sending 02h. 3. Send a RE-START condition or STOP followed by START. 4. Send the slave address for read (A3h). 5. Read the seconds. 6. Read the minutes. 7. Read the hours. 8. Read the days. 9. Read the weekdays. 10. Read the century and month. 11. Read the years. 12. Send a STOP condition. 8.6 Alarm registers 8.6.1 Register Minute_alarm Table 18. Bit 7 Minute_alarm - minute alarm register (address 09h) bit description Value 0 1[1] 6 to 4 MINUTE_ALARM 3 to 0 [1] Default value. Symbol AE_M Place value Description ten's place unit place minute alarm is enabled minute alarm is disabled minute alarm information coded in BCD format 0 to 5 0 to 9 PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 13 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.6.2 Register Hour_alarm Table 19. Bit 7 6 3 to 0 [1] Default value. Hour_alarm - hour alarm register (address 0Ah) bit description Value 0 1[1] 0 to 2 0 to 9 Place value Description ten's place unit place hour alarm is enabled hour alarm is disabled unused hour alarm information coded in BCD format Symbol AE_H - 5 to 4 HOUR_ALARM 8.6.3 Register Day_alarm Table 20. Bit 7 6 3 to 0 [1] Default value. Day_alarm - day alarm register (address 0Bh) bit description Value 0 1[1] 0 to 3 0 to 9 Place value Description ten's place unit place day alarm is enabled day alarm is disabled unused day alarm information coded in BCD format Symbol AE_D - 5 to 4 DAY_ALARM 8.6.4 Register Weekday_alarm Table 21. Bit 7 Weekday_alarm - weekday alarm register (address 0Ch) bit description Value 0 1[1] 6 to 3 2 to 0 WEEKDAY_ALARM 0 to 6 [1] Default value. Symbol AE_W Description weekday alarm is enabled weekday alarm is disabled unused weekday alarm information coded in BCD format 8.6.5 Alarm flag By clearing the MSB of one or more of the alarm registers AE_x (Alarm Enable), the corresponding alarm condition(s) are active. When an alarm occurs, AF is set to logic 1. The asserted AF can be used to generate an interrupt (INT). The AF is cleared using the interface. The registers at addresses 09h through 0Ch contain alarm information. When one or more of these registers is loaded with a valid minute, hour, day or weekday and its corresponding Alarm Enable bit (AE_x) is logic 0, then that information is compared with the current minute, hour, day and weekday. When all enabled comparisons first match, the Alarm Flag (AF in register Control_2) is set to logic 1. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 14 of 44 NXP Semiconductors PCF8564A Real time clock and calendar The generation of interrupts from the alarm function is controlled via bit AIE. If bit AIE is enabled, the INT pin follows the condition of bit AF. AF will remain set until cleared by the interface. Once AF has been cleared it will only be set again when the time increments to match the alarm condition once more. Alarm registers which have their AE_x bit at logic 1 are ignored. check now signal AE_M MINUTE ALARM = MINUTE TIME example AE_M= 1 1 0 AE_H HOUR ALARM = HOUR TIME set alarm flag, AF(1) AE_D DAY ALARM = DAY TIME AE_W WEEKDAY ALARM = WEEKDAY TIME 013aaa088 (1) Only when all enabled alarm settings are matching. It's only on increment to a matched case that the alarm flag is set, see Section 8.6.5. Fig 8. Alarm function block diagram 8.7 Register CLKOUT_ctrl and clock output A programmable square wave is available at pin CLKOUT. Operation is controlled by the FE bit in register CLKOUT_ctrl at address 0Dh and the CLKOUT output enable pin (CLKOE). To enable pin CLKOUT pin CLKOE must be set HIGH. Frequencies of 32.768 kHz (default), 1.024 kHz, 32 Hz and 1 Hz can be generated for use as a system clock, microcontroller clock, input to a charge pump, or for calibration of the oscillator. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 15 of 44 NXP Semiconductors PCF8564A Real time clock and calendar CLKOUT_ctrl - CLKOUT control register (address 0Dh) bit description Value 0 1[1] Description the CLKOUT output is inhibited and CLKOUT output is set to logic 0 the CLKOUT output is activated unused frequency output at pin CLKOUT 00[1] 01 10 11 32.768 kHz 1.024 kHz 32 Hz 1 Hz Table 22. Bit 7 FE Symbol 6 to 2 1 to 0 FD[1:0] - [1] Default value. 8.8 Timer function The 8-bit countdown timer at address 0Fh is controlled by the timer control register at address 0Eh. The timer control register determines one of 4 source clock frequencies for the timer (4.096 kHz, 64 Hz, 1 Hz, or 160 Hz) and enables or disables the timer. The timer counts down from a software-loaded 8-bit binary value. At the end of every countdown, the timer sets the TF (Timer Flag) to logic 1. The TF may only be cleared using the interface. The generation of interrupts from the timer function is controlled via bit TIE. If bit TIE is enabled the INT pin follows the condition of bit TF. The interrupt may be generated as a pulsed signal every countdown period or as a permanently active signal which follows the condition of the timer flag TF. TI_TP is used for this mode control. When reading the timer, the current countdown value is returned. 8.8.1 Register Timer_ctrl Table 23. Bit 7 TE Timer_ctrl - timer control register (address 0Eh) bit description Value 0[1] 1 6 to 2 1 to 0 TD[1:0] 00 01 10 11[2] [1] [2] Default value. These bits determine the source clock for the countdown timer; when not in use, TD[1:0] should be set to 1 Hz for power saving. 60 Symbol Description timer is disabled timer is enabled unused timer source clock frequency select[2] 4.096 kHz 64 Hz 1 Hz 1 60 - Hz PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 16 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 8.8.2 Register Timer Table 24. Bit Timer - timer register (address 0Fh) bit description Value Description n CountdownPeriod = -------------------------------------------------------------SourceClockFrequency Table 25. Bit 7 128 6 64 5 32 4 16 3 8 2 4 1 2 0 1 Timer register bits value range Symbol 7 to 0 TIMER_VALUE[7:0] 00h to FFh countdown value = n; The timer register is an 8-bit binary countdown timer. It is enabled or disabled via the timer control register. The source clock for the timer is also selected by the timer control register. Other timer properties such as single or periodic interrupt generation are controlled via the register Control_2 (address 01h). For accurate read back of the count down value, the I2C-bus clock (SDA) must be operating at a frequency of at least twice the selected timer clock. Since it is not possible to freeze the countdown timer counter during read back, it is recommended to read the register twice and check for consistent results. 8.9 EXT_CLK test mode The test mode is entered by setting the TEST1 bit of register Control_1 to logic 1. The CLKOUT pin then becomes an input. The test mode replaces the internal 64 Hz signal with that applied to the CLKOUT pin. Every 64 positive edges applied to CLKOUT then generates an increment of one second. The signal applied to the CLKOUT pin should have a minimum pulse width of 300 ns and a maximum period of 1000 ns. The 64 Hz clock, now sourced from CLKOUT, is divided down to 1 Hz by a 26 divide chain called a prescaler. The prescaler can be set to a known state by using the STOP bit. When the STOP bit is set, the prescaler is reset to logic 0. (STOP must be cleared before the prescaler can operate.) From a STOP condition, the first 1 second increment will take place after 32 positive edges on CLKOUT. Thereafter, every 64 positive edges will cause a 1 second increment. Remark: Entry into EXT_CLK test mode is not synchronized to the internal 64 Hz clock. When entering the test mode, no assumption as to the state of the prescaler can be made. 8.9.1 Operation example 1. Set EXT_CLK test mode (Bit 7 Control_1 = 1). 2. Set STOP (Bit 5 Control_1 = 1). 3. Clear STOP (Bit 5 Control_1 = 0). 4. Set time registers to desired value. 5. Apply 32 clock pulses to CLKOUT. 6. Read time registers to see the first change. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 17 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 7. Apply 64 clock pulses to CLKOUT. 8. Read time registers to see the second change. Repeat 7 and 8 for additional increments. 8.10 STOP bit function The function of the STOP bit is to allow for accurate starting of the time circuits. The STOP bit function will cause the upper part of the prescaler (F2 to F14) to be held in reset and thus no 1 Hz ticks will be generated (see Figure 9). The time circuits can then be set and will not increment until the STOP bit is released (see Figure 10 and Table 26). OSC STOP DETECTOR 32768 Hz 16384 Hz 8192 Hz reset 4096 Hz F0 F1 F2 RES F13 RES 2 Hz F14 1 Hz tick RES stop OSC 1 Hz 32 Hz 1024 Hz 32768 Hz 013aaa089 CLKOUT source Fig 9. STOP bit functional diagram The STOP bit function will not affect the output of 32.768 kHz on CLKOUT, but will stop the generation of 1.024 kHz, 32 Hz and 1 Hz. The lower two stages of the prescaler (F0 and F1) are not reset and because the I2C-bus is asynchronous to the crystal oscillator, the accuracy of re-starting the time circuits will be between zero and one 8.192 kHz cycle (see Figure 10). 8192 Hz stop released 0 s to 122 s 001aaf912 Fig 10. STOP bit release timing PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 18 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Table 26. Bit STOP 0 1 1 0 First increment of time circuits after STOP bit release Prescaler bits F0F1-F2 to F14 01-0 0001 1101 0100 [1] 1 Hz tick Time hh:mm:ss 12:45:12 12:45:12 08:00:00 08:00:00 Comment Clock is running normally prescaler counting normally prescaler is reset; time circuits are frozen prescaler is reset; time circuits are frozen prescaler is now running : 0 to 1 transition of F14 increments the time circuits : 0 to 1 transition of F14 increments the time circuits STOP bit is activated by user. F0F1 are not reset and values cannot be predicted externally XX-0 0000 0000 0000 New time is set by user XX-0 0000 0000 0000 STOP bit is released by user XX-0 0000 0000 0000 0.507813- 0.507935 s XX-1 0000 0000 0000 XX-0 1000 0000 0000 XX-1 1000 0000 0000 : 11-1 1111 1111 1110 00-0 0000 0000 0001 10-0 0000 0000 0001 08:00:00 08:00:00 08:00:00 : 08:00:00 08:00:01 08:00:01 : 08:00:01 08:00:01 08:00:01 : 08:00:01 08:00:02 013aaa076 11-1 1111 1111 1111 00-0 0000 0000 0000 10-0 0000 0000 0000 : 11-1 1111 1111 1110 00-0 0000 0000 0001 [1] F0 is clocked at 32.768 kHz. The first increment of the time circuits is between 0.507813 s and 0.507935 s after STOP bit is released. The uncertainty is caused by the prescaler bits F0 and F1 not being reset (see Table 26) and the unknown state of the 32 kHz clock. 8.11 Reset The PCF8564A includes an internal reset circuit which is active whenever the oscillator is stopped. In the reset state the I2C-bus logic is initialized including the address pointer and all registers are set according to Table 27. I2C-bus communication is not possible during reset. PCF8564A_1 1.000000 s : (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 19 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Register reset values[1] Register name Control_1 Control_2 Seconds Minutes Hours Days Weekdays Months Years Minute_alarm Hour_alarm Day_alarm Weekday_alarm CLKOUT_ctrl Timer_ctrl Timer Bit 7 6 0 0 x x x x x x x x x x x x x x 5 0 0 x x x x x x x x x x x x x x 4 0 0 x x x x x x x x x x x x x x 3 1 0 x x x x x x x x x x x x x x 2 0 0 x x x x x x x x x x x x x x 1 0 0 x x x x x x x x x x x 0 1 x 0 0 0 x x x x x x x x x x x 0 1 x 0 0 1 x x x x x x 1 1 1 1 1 0 x Table 27. Address 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh [1] Registers marked `x' are undefined at power-on and unchanged by subsequent resets. 8.11.1 Power-On Reset (POR) override The POR duration is directly related to the crystal oscillator start-up time. Due to the long start-up times experienced by these types of circuits, a circuit has been implemented to disable the POR and speed up functional test of the module. The setting of this mode requires that the I2C signals on the pins SDA and SCL are toggled as illustrated in Figure 11. All timings shown are required minimums. Once the override mode has been entered, the chip immediately stops, being reset, and normal operation may begin, i.e., entry into the EXT_CLK test mode via I2C access. The override mode may be cleared by writing logic 0 to TESTC. TESTC must be set to logic 1 before re-entry into the override mode is possible. Setting TESTC to logic 0 during normal operation has no effect, except to prevent entry into the POR override mode. 500 ns SDA 2000 ns SCL 8 ms power up override active mgm664 Allow 500 ns between the edges of either signal. Fig 11. POR override sequence PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 20 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 9. Characteristics of the I2C-bus The I2C-bus is for bidirectional, two-line communication between different ICs or modules. The two lines are a Serial Data Line (SDA) and a Serial Clock Line (SCL). Both lines must be connected to a positive supply via a pull-up resistor. Data transfer may be initiated only when the bus is not busy. 9.1 Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as a control signal (see Figure 12). SDA SCL data line stable; data valid change of data allowed mbc621 Fig 12. Bit transfer 9.2 START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH, is defined as the START condition (S). A LOW-to-HIGH transition of the data line, while the clock is HIGH, is defined as the STOP condition (P), see Figure 13. SDA SDA SCL S START condition P STOP condition SCL mbc622 Fig 13. Definition of START and STOP conditions 9.3 System configuration A device generating a message is a transmitter, a device receiving a message is the receiver. The device that controls the message is the master; and the devices which are controlled by the master are the slaves (see Figure 14). PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 21 of 44 NXP Semiconductors PCF8564A Real time clock and calendar SDA SCL MASTER TRANSMITTER / RECEIVER SLAVE TRANSMITTER / RECEIVER MASTER TRANSMITTER / RECEIVER mba605 SLAVE RECEIVER MASTER TRANSMITTER Fig 14. System configuration 9.4 Acknowledge The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge cycle. * A slave receiver, which is addressed, must generate an acknowledge after the reception of each byte. * Also a master receiver must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. * The device that acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). * A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a STOP condition. Acknowledgement on the I2C-bus is shown in Figure 15. data output by transmitter not acknowledge data output by receiver acknowledge SCL from master S START condition clock pulse for acknowledgement mbc602 1 2 8 9 Fig 15. Acknowledgment on the I2C-bus PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 22 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 10. I2C-bus protocol 10.1 Addressing Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is always carried out with the first byte transmitted after the start procedure. The PCF8564A acts as a slave receiver or slave transmitter. Therefore, the clock signal SCL is only an input signal, but the data signal SDA is a bidirectional line. Two slave addresses are reserved for the PCF8564A: Read: A3h (1010 0011) Write: A2h (1010 0010) The PCF8564A slave address is shown in Figure 15. 1 0 1 0 0 0 1 R/W group 1 group 2 mce189 Fig 16. Slave address 10.2 Clock and calendar READ or WRITE cycles Figure 17, Figure 18, and Figure 19 show the I2C-bus configuration for the different PCF8564A READ and WRITE cycles. The word address is a 4-bit value that defines which register is to be accessed next. The upper four bits of the word address are not used. acknowledgement from slave acknowledgement from slave acknowledgement from slave S SLAVE ADDRESS 0A WORD ADDRESS A DATA A P R/W n bytes auto increment memory word address mbd822 Fig 17. Master transmits to slave receiver (WRITE mode) PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 23 of 44 NXP Semiconductors PCF8564A Real time clock and calendar acknowledgement from slave acknowledgement from slave acknowledgement from slave acknowledgement from master S SLAVE ADDRESS 0A WORD ADDRESS A S SLAVE ADDRESS 1A DATA A R/W at this moment master transmitter becomes master receiver and PCF8564A slave receiver becomes slave transmitter R/W n bytes auto increment memory word address no acknowledgement from master DATA 1 P last byte auto increment memory word address 013aaa034 Fig 18. Master reads word after setting word address (write word address; READ data) acknowledgement from slave acknowledgement from master no acknowledgement from master S SLAVE ADDRESS 1A DATA A DATA 1 P R/W n bytes auto increment word address last byte auto increment word address mgl665 Fig 19. Master reads slave immediately after first byte (READ mode) PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 24 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 11. Internal circuitry CLKOE OSCI VDD OSCO CLKOUT SCL INT VSS SDA PCF8564A 013aaa035 Fig 20. Device diode protection diagram 12. Limiting values Table 28. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDD VI VO IDD II IO ISS Ptot Tamb VESD supply voltage input voltage output voltage supply current input current output current ground supply current total power dissipation ambient temperature electrostatic discharge voltage HBM die type 1 and 3 die type 2 MM die type 1 and 3 die type 2 Ilu Tstg [1] [2] [3] [4] PCF8564A_1 Conditions Min -0.5 -0.5 -0.5 -50.0 -10.0 -10.0 -50.0 -40.0 [1] Max +6.5 +6.5 +6.5 +50.0 +10.0 +10.0 +50.0 300 +85 2500 3500 200 250 100 +150 Unit V V V mA mA mA mA mW C V V V V mA C [2] [3] [4] latch-up current storage temperature all pins but OSCI -65.0 Pass level; Human Body Model (HBM) according to Ref. 6 "JESD22-A114". Pass level; Machine Model (MM), according to Ref. 7 "JESD22-A115". Pass level; latch-up testing, according to Ref. 8 "JESD78" at maximum ambient temperature (Tamb(max) = +85 C). According to the NXP store and transport conditions (see Ref. 10 "SNW-SQ-623") the devices have to be stored at a temperature of +5 C to +45 C and a humidity of 25 % to 75 %. (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 25 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 13. Static characteristics Table 29. Static characteristics VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 C to +85 C; fosc = 32.768 kHz; quartz Rs = 40 k; CL = 8 pF; unless otherwise specified. Symbol Supplies VDD supply voltage interface inactive; Tamb = 25 C interface active; fSCL = 400 kHz for clock data integrity; Tamb = 25 C IDD supply current interface active fSCL = 400 kHz fSCL = 100 kHz interface inactive (fSCL = 0 Hz); CLKOUT disabled; Tamb = 25 C VDD = 5.0 V VDD = 3.0 V VDD = 2.0 V interface inactive (fSCL = 0 Hz); CLKOUT disabled; Tamb = -40 C to +85 C VDD = 5.0 V VDD = 3.0 V VDD = 2.0 V interface inactive (fSCL = 0 Hz); CLKOUT enabled at 32 kHz; Tamb = 25 C VDD = 5.0 V VDD = 3.0 V VDD = 2.0 V interface inactive (fSCL = 0 Hz); CLKOUT enabled at 32 kHz; Tamb = -40 C to +85 C VDD = 5.0 V VDD = 3.0 V VDD = 2.0 V Inputs VI input voltage on pins SDA and SCL on pins CLKOE and CLKOUT (test mode) VIL LOW-level input voltage -0.5 -0.5 +5.5 V VDD + 0.5 V [4] [5] [6] [4] [5] [6] [2] [3] [4] [2] [3] [4] [1] Parameter Conditions Min 1.0 1.8 Vlow Typ - Max 5.5 5.5 5.5 Unit V V V [1] - - 800 200 A A - 275 250 225 550 500 450 nA nA nA - 500 400 400 750 650 600 nA nA nA - 1500 1000 700 3000 2000 1400 nA nA nA - 1700 1100 800 3400 2200 1600 nA nA nA - - 0.3VDD V PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 26 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Table 29. Static characteristics ...continued VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 C to +85 C; fosc = 32.768 kHz; quartz Rs = 40 k; CL = 8 pF; unless otherwise specified. Symbol VIH ILI Ci Outputs VO IOL output voltage LOW-level output current on pin CLKOUT on pin INT on pin SDA; VOL = 0.4 V; VDD = 5 V on pin INT; VOL = 0.4 V; VDD = 5 V on pin CLKOUT: VOL = 0.4 V; VDD = 5 V IOH ILO Vlow [1] [2] [3] [4] [5] [6] Parameter HIGH-level input voltage input leakage current input capacitance Conditions VI = VDD or VSS [7] Min 0.7VDD -1 -0.5 -0.5 3 -1 -1 1 -1 - Typ 0 0 0.9 Max +1 7 Unit V A pF VDD + 0.5 V +5.5 +1 1.0 V mA mA mA mA A V HIGH-level output current output leakage current low voltage on pin CLKOUT; VOH = 4.6 V; VDD = 5 V VO = VDD or VSS Tamb = 25 C Voltage detector For reliable oscillator start-up at power-on: VDD(po)min = VDD(min) + 0.3 V. Timer source clock = 160 Hz. CLKOUT disabled (FE = 0 or CLKOE = 0). VIL and VIH with an input voltage swing of VSS to VDD. CLKOUT is open circuit. Current consumption when the CLKOUT pin is enabled is a function of the load on the pin, the output frequency, and the supply voltage. The additional current consumption for a given load is calculated from: I DD = C x V DD x F CLKOUT . [7] Tested on sample basis. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 27 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 1 IDD (A) 0.8 mgr888 1 IDD (A) 0.8 mgr889 0.6 0.6 0.4 0.4 0.2 0.2 0 0 2 4 VDD (V) 6 0 0 2 4 VDD (V) 6 Tamb = 25 C; timer = 1 minute; CLKOUT disabled. Tamb = 25 C; timer = 1 minute; CLKOUT = 32 kHz. Fig 21. IDD as a function of VDD 1 IDD (A) 0.8 mgr890 Fig 22. IDD as a function of VDD mgr891 4 frequency deviation (ppm) 2 0.6 0 0.4 -2 0.2 -4 0 -40 0 40 80 120 T (C) 0 2 4 VDD (V) 6 VDD = 3 V; timer = 1 minute; CLKOUT = 32 kHz. Tamb = 25 C; normalized to VDD = 3 V. Fig 23. IDD as a function of T Fig 24. Frequency deviation as a function of VDD PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 28 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 14. Dynamic characteristics Table 30. Dynamic characteristics VDD = 1.8 V to 5.5 V; VSS = 0 V; Tamb = -40 C to +85 C; fosc = 32.768 kHz; quartz Rs = 40 k; CL = 8 pF; unless otherwise specified. Symbol Oscillator CL(itg) fosc/fosc integrated load capacitance relative oscillator frequency variation VDD = 200 mV; Tamb = 25 C [1] Parameter Conditions Min 6 - Typ 8 0.2 Max 10 - Unit pF ppm Quartz crystal parameters Rs CL CLKOUT fSCL tHD;STA tSU;STA tLOW tHIGH tr tf Cb tSU;DAT tHD;DAT tSU;STO tw(spike) [1] [2] [3] [4] series resistance load capacitance duty cycle on pin CLKOUT SCL clock frequency hold time (repeated) START condition set-up time for a repeated START condition LOW period of the SCL clock HIGH period of the SCL clock rise time of both SDA and SCL signals fall time of both SDA and SCL signals capacitive load for each bus line data set-up time data hold time set-up time for STOP condition spike pulse width [2] 0.6 0.6 1.3 0.6 100 0 0.6 - 8 50 - 100 400 0.3 0.3 400 50 k pF % kHz s s s s s s pF ns ns s ns CLKOUT output I2C-bus timing characteristics (see Figure 25)[3][4] Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series: C L ( itg ) = -------------------------------------------- . Unspecified for fCLKOUT = 32.768 kHz. All timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD. A detailed description of the I2C-bus specification is given in Ref. 11 "UM10204". ( C OSCI C OSCO ) ( C OSCI + C OSCO ) PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 29 of 44 NXP Semiconductors PCF8564A Real time clock and calendar SDA tBUF tLOW tf SCL tHD;STA tr tHD;DAT tHIGH tSU;DAT SDA tSU;STA tSU;STO mga728 Fig 25. I2C-bus timing waveforms 15. Application information VDD SDA MASTER TRANSMITTER/ RECEIVER 1F SCL VDD SCL CLOCK/CALENDAR OSCI OSCO PCF8564A SDA VSS VDD R R SDA SCL (I2C-bus) 013aaa193 Fig 26. Application diagram PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 30 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 16. Bare die outline Wire bond die; 9 bonding pads PCF8564AU D e A e1 y e2 0,0 x E X (2) P1 P2 Dimensions Die type 1 Unit mm max nom min A(3) 0.2 D(1) 1.27 E(1) 1.9 e e1 e2 0.9 P1 0.1 P2 0.09 P3 0.1 P4 detail X 1.05 0.22 0.09 P4 P3 Dimensions Die type 2 Unit mm max nom min A(3) 0.2 D(1) E(1) e e1 e2 0.9 P1 0.1 P2 0.09 P3 0.1 P4 0 1.26 1.89 1.05 0.22 0.09 0.5 scale 1 mm Note 1. Chip dimensions including sawline. 2. Marking code: PC8564A-1 3. Dimension depending on delivery form Outline version PCF8564AU References IEC JEDEC JEITA European projection pcf8564au_do Issue date 09-08-25 09-09-10 Fig 27. Bare die outline of PCF8564AU PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 31 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Table 31. Bonding pad description for all PCF8564AU types All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip; see Figure 27. Symbol OSCI OSCO INT VSS SDA SCL CLKOUT VDD CLKOE Pad 1 2 3 4 5 6 7 8 9 X (m) -523.0 -523.0 -523.0 -523.0 524.9 524.9 524.9 524.9 524.9 Y (m) 689.4 469.4 -429.8 -684.4 -523.8 -138.6 162.5 443.3 716.3 Description oscillator input oscillator output open-drain interrupt output (active LOW) ground (substrate) serial data I/O serial clock input CMOS push-pull clock output supply CLKOUT output enable PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 32 of 44 NXP Semiconductors PCF8564A Real time clock and calendar WLCSP9: wafer level chip-size package; 9 bumps; 1.27 x 1.9 x 0.29 mm D e b PCF8564ACX9 y 0,0 x e1 e2 E X A1 A2 A Dimensions Unit mm (2) detail X A1 A2 0.2 b 0.2 D(1) 1.27 E(1) 1.9 e e1 e2 A max nom 0.29 0.09 min 0.73 0.45 0.27 0 0.5 scale 1 mm Note 1. Chip dimensions including sawline. 2. Marking code: PC8564A-1 Outline version PCF8564ACX9 References IEC JEDEC JEITA pcf8564acx9_po European projection Issue date 09-08-25 09-09-09 Fig 28. Bare die outline of PCF8564ACX9 Table 32. Solder bump description for all PCF8564ACX types All x/y coordinates represent the position of the center of each bump with respect to the center (x/y = 0) of the chip; see Figure 28. Symbol OSCI OSCO INT VSS SDA SCL CLKOUT VDD CLKOE Bump 1 2 3 4 5 6 7 8 9 X (m) -368 -368 -368 -368 362 362 362 0 362 Y (m) 738 188 -262 -712 -712 -262 188 456 738 Description oscillator input oscillator output open-drain interrupt output (active LOW) ground (substrate) serial data I/O serial clock input CMOS push-pull clock output supply CLKOUT output enable PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 33 of 44 NXP Semiconductors PCF8564A Real time clock and calendar REF REF C1 C2 REF 013aaa036 F Fig 29. Alignment marks of all PCF8564A types Table 33. Alignment marks of all PCF8564A types All x/y coordinates represent the position of the REF point (see Figure 29) with respect to the center (x/y = 0) of the chip; see Figure 27 and Figure 28. Alignment markers C1 C2 F Size (m) 100 x 100 100 x 100 90 x 117 X (m) 465.2 -523.0 -569.9 Y (m) -826.3 890.0 -885.5 17. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 34 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 18. Packing information 18.1 Wafer and FFC information 18 m die type 1 = 84 m die type 2 = 74 m 18 m Saw lane Seal ring plus gap to active circuit ~18 m die type 1 = 84 m die type 2 = 74 m detail X Marking code Pin 1 Straight edge of the wafer X 013aaa037 Wafer thickness, see Table 1. Fig 30. Wafer layout of PCF8564AU PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 35 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 18 m 18 m 84 m Saw lane Seal ring plus gap to active circuit ~18 m 84 m detail X Marking code Pin 1 Straight edge of the wafer X 013aaa192 Wafer thickness, see Table 1. Fig 31. Wafer layout of PCF8564ACX9 PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 36 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 18.2 Tape and reel information 4 mm A0 K0 W B0 P1 direction of feed 013aaa202 Fig 32. Tape and reel details for PCF8564ACX9/B/1 Table 34. W A0 B0 K0 P1 [1] Tape and reel dimensions [1] Description tape width pocket length pocket width pocket depth pocket pitch Value 8 mm 1.5 mm 2.2 mm 0.25 mm 4 mm Dimension Die is placed in pocket bump side down. pin 1 013aaa191 Transparent top view. The orientation of the IC in a pocket is indicated by the position of pin 1, with respect to the sprocket holes. Fig 33. Pin 1 indication for PCF8564ACX9/B/1 19. Soldering of WLCSP packages 19.1 Introduction to soldering WLCSP packages This text provides a very brief insight into a complex technology. A more in-depth account of soldering WLCSP (Wafer Level Chip-Size Packages) can be found in application note AN10439 "Wafer Level Chip Scale Package" and in application note AN10365 "Surface mount reflow soldering description". Wave soldering is not suitable for this package. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 37 of 44 NXP Semiconductors PCF8564A Real time clock and calendar All NXP WLCSP packages are lead-free. 19.2 Board mounting Board mounting of a WLCSP requires several steps: 1. Solder paste printing on the PCB 2. Component placement with a pick and place machine 3. The reflow soldering itself 19.3 Reflow soldering Key characteristics in reflow soldering are: * Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to higher minimum peak temperatures (see Figure 34) than a PbSn process, thus reducing the process window * Solder paste printing issues, such as smearing, release, and adjusting the process window for a mix of large and small components on one board * Reflow temperature profile; this profile includes preheat, reflow (in which the board is heated to the peak temperature), and cooling down. It is imperative that the peak temperature is high enough for the solder to make reliable solder joints (a solder paste characteristic) while being low enough that the packages and/or boards are not damaged. The peak temperature of the package depends on package thickness and volume and is classified in accordance with Table 35. Table 35. Lead-free process (from J-STD-020C) Package reflow temperature (C) Volume (mm3) < 350 < 1.6 1.6 to 2.5 > 2.5 260 260 250 350 to 2000 260 250 245 > 2000 260 245 245 Package thickness (mm) Moisture sensitivity precautions, as indicated on the packing, must be respected at all times. Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 34. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 38 of 44 NXP Semiconductors PCF8564A Real time clock and calendar temperature maximum peak temperature = MSL limit, damage level minimum peak temperature = minimum soldering temperature peak temperature time 001aac844 MSL: Moisture Sensitivity Level Fig 34. Temperature profiles for large and small components For further information on temperature profiles, refer to application note AN10365 "Surface mount reflow soldering description". 19.3.1 Stand off The stand off between the substrate and the chip is determined by: * The amount of printed solder on the substrate * The size of the solder land on the substrate * The bump height on the chip The higher the stand off, the better the stresses are released due to TEC (Thermal Expansion Coefficient) differences between substrate and chip. 19.3.2 Quality of solder joint A flip-chip joint is considered to be a good joint when the entire solder land has been wetted by the solder from the bump. The surface of the joint should be smooth and the shape symmetrical. The soldered joints on a chip should be uniform. Voids in the bumps after reflow can occur during the reflow process in bumps with high ratio of bump diameter to bump height, i.e. low bumps with large diameter. No failures have been found to be related to these voids. Solder joint inspection after reflow can be done with X-ray to monitor defects such as bridging, open circuits and voids. 19.3.3 Rework In general, rework is not recommended. By rework we mean the process of removing the chip from the substrate and replacing it with a new chip. If a chip is removed from the substrate, most solder balls of the chip will be damaged. In that case it is recommended not to re-use the chip again. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 39 of 44 NXP Semiconductors PCF8564A Real time clock and calendar Device removal can be done when the substrate is heated until it is certain that all solder joints are molten. The chip can then be carefully removed from the substrate without damaging the tracks and solder lands on the substrate. Removing the device must be done using plastic tweezers, because metal tweezers can damage the silicon. The surface of the substrate should be carefully cleaned and all solder and flux residues and/or underfill removed. When a new chip is placed on the substrate, use the flux process instead of solder on the solder lands. Apply flux on the bumps at the chip side as well as on the solder pads on the substrate. Place and align the new chip while viewing with a microscope. To reflow the solder, use the solder profile shown in application note AN10365 "Surface mount reflow soldering description". 19.3.4 Cleaning Cleaning can be done after reflow soldering. PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 40 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 20. Abbreviations Table 36. Acronym BCD CMOS FFC HBM I2C IC LSB MM MOS MSB MSL PCB POR ROM RTC SCL SDA SRAM WLCSP Abbreviations Description Binary Coded Decimal Complementary Metal Oxide Semiconductor Film Frame Carrier Human Body Model Inter-Integrated Circuit Integrated Circuit Least Significant Bit Machine Model Metal Oxide Semiconductor Most Significant Bit Moisture Sensitivity Level Printed-Circuit Board Power-On Reset Read Only Memory Real Time Clock Serial Clock Line Serial Data Line Static Random Access Memory Wafer Level Chip-Size Package 21. References AN10365 -- Surface mount reflow soldering description AN10706 -- Handling bare die IEC 60134 -- Rating systems for electronic tubes and valves and analogous semiconductor devices [4] IEC 61340-5 -- Protection of electronic devices from electrostatic phenomena [5] IPC/JEDEC J-STD-020 -- Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [6] JESD22-A114 -- Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [7] JESD22-A115 -- Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [8] JESD78 -- IC Latch-Up Test [9] JESD625-A -- Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [10] SNW-SQ-623 -- NXP store and transport conditions [11] UM10204 -- I2C-bus specification and user manual [1] [2] [3] PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 41 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 22. Revision history Table 37. Revision history Release date 20091008 Data sheet status Product data sheet Change notice Supersedes Document ID PCF8564A_1 PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 42 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 23. Legal information 23.1 Data sheet status Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet [1] [2] [3] Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification. Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. 23.2 Definitions Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Bare die -- All die are tested on compliance with their related technical specifications as stated in this data sheet up to the point of wafer sawing and are handled in accordance with the NXP Semiconductors storage and transportation conditions. If there are data sheet limits not guaranteed, these will be separately indicated in the data sheet. There are no post-packing tests performed on individual die or wafers. NXP Semiconductors has no control of third party procedures in the sawing, handling, packing or assembly of the die. Accordingly, NXP Semiconductors assumes no liability for device functionality or performance of the die or systems after third party sawing, handling, packing or assembly of the die. It is the responsibility of the customer to test and qualify their application in which the die is used. All die sales are conditioned upon and subject to the customer entering into a written die sale agreement with NXP Semiconductors through its legal department. 23.3 Disclaimers General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. 23.4 Trademarks Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. I2C-bus -- logo is a trademark of NXP B.V. 24. Contact information For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com PCF8564A_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 -- 8 October 2009 43 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 25. Contents 1 2 3 4 5 6 7 7.1 7.2 8 8.1 8.2 8.3 8.3.1 8.3.2 8.3.2.1 8.4 8.4.1 8.4.1.1 8.4.2 8.4.3 8.4.4 8.4.5 8.4.6 8.4.7 8.5 8.6 8.6.1 8.6.2 8.6.3 8.6.4 8.6.5 8.7 8.8 8.8.1 8.8.2 8.9 8.9.1 8.10 8.11 8.11.1 9 9.1 9.2 9.3 9.4 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 5 CLKOUT output . . . . . . . . . . . . . . . . . . . . . . . . 5 Register organization . . . . . . . . . . . . . . . . . . . . 6 Control registers . . . . . . . . . . . . . . . . . . . . . . . . 7 Register Control_1 . . . . . . . . . . . . . . . . . . . . . . 7 Register Control_2 . . . . . . . . . . . . . . . . . . . . . . 7 Interrupt output . . . . . . . . . . . . . . . . . . . . . . . . . 8 Time and date registers . . . . . . . . . . . . . . . . . . 9 Register Seconds . . . . . . . . . . . . . . . . . . . . . . . 9 Voltage low detector and clock monitor . . . . . . 9 Register Minutes. . . . . . . . . . . . . . . . . . . . . . . 10 Register Hours . . . . . . . . . . . . . . . . . . . . . . . . 10 Register Days . . . . . . . . . . . . . . . . . . . . . . . . . 10 Register Weekdays. . . . . . . . . . . . . . . . . . . . . 10 Register Months . . . . . . . . . . . . . . . . . . . . . . . 11 Register Years . . . . . . . . . . . . . . . . . . . . . . . . 12 Setting and reading the time. . . . . . . . . . . . . . 12 Alarm registers . . . . . . . . . . . . . . . . . . . . . . . . 13 Register Minute_alarm . . . . . . . . . . . . . . . . . . 13 Register Hour_alarm . . . . . . . . . . . . . . . . . . . 14 Register Day_alarm . . . . . . . . . . . . . . . . . . . . 14 Register Weekday_alarm . . . . . . . . . . . . . . . . 14 Alarm flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Register CLKOUT_ctrl and clock output . . . . . 15 Timer function . . . . . . . . . . . . . . . . . . . . . . . . . 16 Register Timer_ctrl . . . . . . . . . . . . . . . . . . . . . 16 Register Timer . . . . . . . . . . . . . . . . . . . . . . . . 17 EXT_CLK test mode . . . . . . . . . . . . . . . . . . . . 17 Operation example . . . . . . . . . . . . . . . . . . . . . 17 STOP bit function . . . . . . . . . . . . . . . . . . . . . . 18 Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Power-On Reset (POR) override . . . . . . . . . . 20 Characteristics of the I2C-bus. . . . . . . . . . . . . 21 Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 START and STOP conditions . . . . . . . . . . . . . 21 System configuration . . . . . . . . . . . . . . . . . . . 21 Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . 22 10 10.1 10.2 11 12 13 14 15 16 17 18 18.1 18.2 19 19.1 19.2 19.3 19.3.1 19.3.2 19.3.3 19.3.4 20 21 22 23 23.1 23.2 23.3 23.4 24 25 I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . Addressing . . . . . . . . . . . . . . . . . . . . . . . . . . . Clock and calendar READ or WRITE cycles . Internal circuitry . . . . . . . . . . . . . . . . . . . . . . . Limiting values . . . . . . . . . . . . . . . . . . . . . . . . Static characteristics . . . . . . . . . . . . . . . . . . . Dynamic characteristics . . . . . . . . . . . . . . . . . Application information . . . . . . . . . . . . . . . . . Bare die outline . . . . . . . . . . . . . . . . . . . . . . . . Handling information . . . . . . . . . . . . . . . . . . . Packing information . . . . . . . . . . . . . . . . . . . . Wafer and FFC information . . . . . . . . . . . . . . Tape and reel information. . . . . . . . . . . . . . . . Soldering of WLCSP packages . . . . . . . . . . . Introduction to soldering WLCSP packages. . Board mounting . . . . . . . . . . . . . . . . . . . . . . . Reflow soldering. . . . . . . . . . . . . . . . . . . . . . . Stand off. . . . . . . . . . . . . . . . . . . . . . . . . . . . . Quality of solder joint . . . . . . . . . . . . . . . . . . . Rework . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Cleaning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . References . . . . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . Legal information . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 23 23 25 25 26 29 30 31 34 35 35 37 37 37 38 38 39 39 39 40 41 41 42 43 43 43 43 43 43 44 Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'. (c) NXP B.V. 2009. All rights reserved. For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 8 October 2009 Document identifier: PCF8564A_1 |
Price & Availability of PCF8564ACX91 |