|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769 Features * * * Superfast switching time for hight efficiency Low reverse leakage current High surge capacity MURH805CT THRU MURH860CT 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts Maximum Ratings * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V TO-220AB B C K E L M D A Catalog Number MURH805CT MURH810CT MURH820CT MURH840CT MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT MURH860CT 35V 70V 140V 280V 420V F G I J N HH Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time MURH805-820CT MURH840-860CT IF(AV) IFSM 8.0A 65A TC = 120C 8.3ms, half sine A B C D E F G H I J K L M N PIN 1 PIN 3 PIN 2 CASE VF 2.2 V 2.8 V IR 10 uA 800 uA MURH805-840CT MURH860CT IFM = 4 A per element; TA = 25C* TJ = 25C TJ = 100C IF=1.0A, di/dt=50A/uS Trr 35ns 50ns INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115 MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92 *Pulse test: Pulse width 300 sec, Duty cycle 2% www.cnelectr.com MURH805CT thru MURH860CT Figure 1 Typical Forward Characteristics Figure 2 Typical Reverse Characteristics i F, INSTANTANEOUS FORWARD CURRENT (AMPS) 50 20 10 7 5 3 2 805~840CT 860CT 1 0.7 0.5 0.3 0.2 0.1 0 0.5 1 1.5 2 2.5 3 3.5 4 vF, INSTANTANEOUS VOLTAGE (VOLTS) 4.5 5 Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 12 Figure 4 Maximum Non-Repetitive Forward Surge Current 150 10 125 100 75 Amps 50 25 8 6 Amps 4 2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100 www.cnelectr.com |
Price & Availability of MURH805CT |