Part Number Hot Search : 
05472G0 240GFRAC D1001 AU680 CAT522 19DD21 AN650 CAT955
Product Description
Full Text Search
 

To Download MUR1520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MUR1505 THRU MUR1560
15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
Features
* * * * Glass passivated chip Superfast switching time for hight efficiency Low reverse leakage current High surge capacity
* *
Maximum Ratings
Operating Temperature: - 55C to +175C Storage Temperature: - 55C to +175C Device Marking Maximum Re current Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
I
TO-220AC
B C K L M D A
PIN 1 2
Catalog Number
MUR1505 MUR1510 MUR1520 MUR1540 MUR1560
MUR1505 MUR1510 MUR1520 MUR1540 MUR1560
35V 70V 140V 280V 420V
E
F G J H N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element 1505-1520
1540-1560
IF(AV) IFSM
15.0A 150A
TC = 120 C 8.3ms, half sine
PIN 1 PIN 2
CASE
VF
1.25V 2.0 V 10u A 1000uA
IFM = 15A TJ = 25C TJ = 25C TJ = 100C
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
1505-1520 1540-1560
IR
Trr
CJ
35ns 60ns
160pF
IF=0.5A, Ir=1.0A, Irr=0.25A
Measured at 1.0MHz, VR=4.0V
Typical Junction Capacitance
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www cnelectr.com .
MUR1505 thru MUR1560
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .006 .06 .04 .02 .01 .001 20 .2 .4 .6 1.0 1.4 1.8 2.2 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 15 200 12 150 100 75 Amps 4 25 2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Case Temperature - C 100 150 175 0 50 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 40 80 100 120 140 160 .00 4 .002 1540-1560 1505-1520 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 Figure 2 Typical Reverse Characteristics
Figure 4 Maximum Non-Repetitive Forward Surge Current
10
6 Amps
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MUR1520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X