Part Number Hot Search : 
1N5355A 2SK1192 S82C42PE TC5081 STU405D CL766 PC100 H5TQ2G
Product Description
Full Text Search
 

To Download MSS1260-102NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 281-1
SMT Power Inductors-MSS1260
* 12.3 x 12.3 mm footprint; 6 mm high shielded inductors * Low DCR and excellent current handling
Designer's Kit C360 contains 3 each of all values. Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant matte tin over nickel over phos bronze. Other terminations available at additional cost. Weight: 2.8 - 3.3 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 500/13 reel; Plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing, 6.3 mm pocket depth PCB washing Only pure water or alcohol recommended DCR3 SRF (mOhms) typ4 typ max (MHz) 5.8 6.5 100 8.8 9.8 80.0 11.5 12.8 55.0 12.6 14.0 42.0 13.9 15.5 33.0 14.9 16.6 30.0 16.6 18.5 27.0 20.2 22.5 26.0 21.5 23.9 22.0 24.5 27.3 20.0 30.7 34.2 18.0 35.4 39.4 16.0 36.6 40.7 15.0 51.3 57.0 13.0 54.9 61.0 12.4 58.0 64.5 12.0 80.1 89.0 11.6 82.5 91.7 10.5 94.5 105.0 10.0 131.6 146.3 8.6 141.8 157.6 7.8 193.3 214.8 6.8 215.4 239.4 6.4 254.2 282.5 6.1 314.1 349.0 5.5 368.8 409.8 4.3 481.3 534.8 4.0 517.5 575.0 3.6 721.2 801.4 3.0 773.1 859.0 2.8 867.6 964.0 2.6 1158 1287 2.5 1273 1415 2.4 Isat (A)5 Irms (A)6 10% 20% 30% 20C 40C drop drop drop rise rise 19.1 21.4 22.7 6.00 8.00 15.0 16.6 17.6 6.00 7.50 11.7 13.0 13.9 5.50 7.00 10.4 11.7 12.5 5.00 7.00 9.22 10.1 10.8 4.50 7.00 7.86 9.02 9.74 4.00 6.40 7.40 8.26 8.80 3.80 5.90 7.10 7.96 8.50 3.40 4.80 6.18 6.92 7.40 3.00 4.00 5.18 5.94 6.42 2.80 3.70 4.80 5.40 5.78 2.60 3.50 4.58 5.22 5.62 2.50 3.30 4.06 4.64 4.96 2.30 3.10 3.52 3.96 4.28 2.10 2.90 3.22 3.74 4.02 2.00 2.70 3.08 3.56 3.80 1.90 2.60 2.66 3.04 3.30 1.85 2.50 2.54 2.96 3.14 1.75 2.40 2.40 2.70 2.94 1.70 2.30 2.16 2.46 2.64 1.60 2.20 1.88 2.16 2.32 1.50 2.10 1.70 1.92 2.10 1.38 1.85 1.58 1.80 1.98 1.20 1.66 1.40 1.60 1.72 1.14 1.58 1.28 1.44 1.56 1.00 1.42 1.10 1.26 1.38 0.90 1.45 1.00 1.14 1.24 0.84 1.16 0.93 1.06 1.15 0.78 1.08 0.87 0.99 1.06 0.70 0.96 0.81 0.92 1.00 0.64 0.88 0.74 0.85 0.92 0.58 0.80 0.66 0.76 0.81 0.53 0.73 0.60 0.69 0.74 0.48 0.68
1. Please specify termination and packaging codes: MSS1260-184KLD Termination: L =RoHS compliant matte tin over nickel over phos bronze. Special order: T = RoHStin-silver-copper(95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D=13 machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel). B=Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR meter or equivalent. 3. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test fixture. 4. SRF measured using Agilent/HP 4191A or equivalent. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Inductance2 Part number1 (H) MSS1260-102NL_ 1.0 30% MSS1260-152NL_ 1.5 30% MSS1260-222NL_ 2.2 30% MSS1260-332NL_ 3.3 30% MSS1260-472ML_ 4.7 20% MSS1260-562ML_ 5.6 20% MSS1260-682ML_ 6.8 20% MSS1260-822ML_ 8.2 20% MSS1260-103ML_ 10 20% MSS1260-123ML_ 12 20% MSS1260-153ML_ 15 20% MSS1260-183ML_ 18 20% MSS1260-223ML_ 22 20% MSS1260-273ML_ 27 20% MSS1260-333ML_ 33 20% MSS1260-393ML_ 39 20% MSS1260-473ML_ 47 20% MSS1260-563ML_ 56 20% MSS1260-683ML_ 68 20% MSS1260-823ML_ 82 20% MSS1260-104ML_ 100 20% MSS1260-124KL_ 120 10% MSS1260-154KL_ 150 10% MSS1260-184KL_ 180 10% MSS1260-224KL_ 220 10% MSS1260-274KL_ 270 10% MSS1260-334KL_ 330 10% MSS1260-394KL_ 390 10% MSS1260-474KL_ 470 10% MSS1260-564KL_ 560 10% MSS1260-684KL_ 680 10% MSS1260-824KL_ 820 10% MSS1260-105KL_ 1000 10%
Specifications subject to change without notice. Please check our website for latest information.
Document 281-1
Revised 10/15/08
(c) Coilcraft, Inc. 2009
Document 281-2
SMT Power Inductors - MSS1260
Typical L vs Current
10000
1000 H
Typical L vs Frequency
10000
1000 H
1000
1000
Inductance (H)
100
100 H
Inductance (H)
100
100 H
10 H
10
10
10 H
1 H
1
1
1 H
0.1 0.1 1 10 100
0.1 0.01 0.1 1 10
Current (A)
Frequency (MHz)
Typical Current Derating
120 110
0.484 max 12,3
Percent of rated current
100 90 80 70 60 50 40
0.484 max 12,3
123 X
Dash number Internal code
Parts manufactured prior to Sept. 2007 were marked with only the dash number.
0.24 0.008* 6,0 0,2
25C
30 20 10 0 -40 -20 Isat Irms 0 20
0.197 5,0 0.138 3,5
0.025 * 0,635
Recommended Land Pattern
0.217 5,5 0.157 4,0
40
60
80
100
120 140
Ambient temperature (C)
0.197 5,0
0.334 8,5
* For optional tin-lead and tin-silver-copper terminations,
dimensions are for the mounted part. Dimensions before mounting can be an additional 0.012 inch (0,3 mm).
Dimensions are in
inches mm
Specifications subject to change without notice. Please check our website for latest information.
Document 281-2
Revised 10/15/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of MSS1260-102NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X