Part Number Hot Search : 
10D390 1300A IDT71V 897010 SAA7367 LVC2G74 1B23A10 TDA7515
Product Description
Full Text Search
 

To Download MS5470-AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MS54xx
MINIATURE SMD PRESSURE SENSOR
* * * * * * * 1, 7, 12, and 70 bar absolute pressure range Uncompensated Piezoresistive silicon micromachined sensor Miniature surface mount Ceramic or PCB carrier Low noise, high sensitivity, high linearity RoHS-compatible & Pb-free*
DESCRIPTION
The MS54xx SMD pressure sensor series is designed for pressure sensor systems with highest demands on resolution and accuracy. The device consists of a silicon micromachined pressure sensor die mounted on a 6.2 x 6.4 mm ceramic carrier or a 6.1 x 6.3 mm PCB protected by a metal or plastic cap. The MS54xx can be delivered in a high sensitivity version giving a maximal output voltage or in a high linearity version. Both versions provide an output voltage directly proportional to the applied pressure. Full Scale Pressure 1 bar Ceramic 7 bar 12 bar 70 bar PCB 1 bar
MS5470-AM MS5401-APF 310 mV / 0.25% FS 240 mV / 0.2% FS MS5401-BPF 150 mV / 0.05% FS
High Sensitivity Versions Product Code
MS5401-AM MS5407-AM
High Linearity Versions Product Code
MS5401-BM
Carrier
Full Scale Span / Linearity
240 mV / 0.2% FS 392 mV / 0.2% FS
Full Scale Span / Linearity
150 mV / 0.05% FS 150 mV / 0.05% FS
MS5412-BM
FEATURES
* Low cost SMD package * Small size * High reliability, low drift * -40 to +125 C operation range C * Gel protection against humidity and water
APPLICATIONS
* Brake systems * High resolution altimeters, variometers * Barometers * Engine management * Water proof watches and diving computers * Tire pressure monitoring systems (TPMS)
*
The European RoHS directive 2002/95/EC (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment) bans the use of lead, mercury, cadmium, hexavalent chromium and polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
1
PIN CONFIGURATION
3: VS+
4: OUT+
1: OUT-
2: GND
PIN DESCRIPTION
Pin Name OUTGND VS+ OUT+ Pin No. 1 2 3 4 Function Negative output voltage of Wheatstone bridge Ground Supply voltage of Wheatstone bridge Positive output voltage of Wheatstone bridge
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Storage temperature Overpressure MS5401-AM MS5401-APF MS5401-BPF MS5401-BM MS5407-AM MS5412-BM MS5470-AM Symbol VS+ TS Conditions Ta = 25 C
o
Min -40 -
Max 20 +125 5 5 5 10 21 30 180
Unit V o C
Notes
P
Ta = 25 oC
bar
(1) (2) -
NOTES 1) The MS5401-BM is qualified referring to ISO Standard 2281 and can withstand an absolute pressure of 11 bar in salt water or 100 m water respectively. 2) The MS5407-AM is qualified referring to ISO Standard 2281 and can withstand an absolute pressure of 21 bar in salt water or 200 m water respectively.
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
2
ELECTRICAL CHARACTERISTICS HIGH SENSITIVITY VERSIONS
(VS+ = 5 V; Ta = 25 ) C
Parameter Operating pressure range MS5401-AM MS5401-APF Full-scale span (FS) Sensitivity Linearity Operating pressure range MS5407-AM Full-scale span (FS) Sensitivity Linearity Operating pressure range MS5470-AM Full-scale span (FS) Sensitivity Linearity Operating temperature range Zero pressure offset Pressure hysteresis Temperature hysteresis All Ranges Repeatability Bridge resistance Temperature coefficient of resistance Temperature coefficient of span Temperature coefficient of offset
Min 0 190 190 0 322 46 0 250 3.6 -40 -40 3.0 +2 400 -1 500 -80
Typ 240 240 0.15 392 56 0.15 310 4.4 0.25 0 0.3 3.4 2 900 -1 900 -
Max 1 290 290 0.4 7 462 66 0.4 70 370 5.3 0.50 125 40 0.20 0.8 0.20 3.8 +3 300 -2 300 +80
Unit bar mV mV/bar % FS bar mV mV/bar % FS bar mV mV/bar % FS C mV % FS % FS % FS k ppm/C ppm/C V/C
Notes
1, 6
1, 6
1, 6
2, 6 3, 6 4, 6 5, 6 5, 6 5, 6
NOTES 1) Deviation at one half full-scale pressure from the least squares best line fit over pressure range. 2) Maximum difference of output voltage after 1 pressure cycle at any pressure within the operating pressure range. 3) Maximum difference in offset after one thermal cycle from -40 to +125 C C. 4) Same as 2) after 10 pressure cycles. 5) Slope of the end-point straight line from 25 to 60 C C. 6) Not 100% tested.
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
3
ELECTRICAL CHARACTERISTICS (CONT.) HIGH LINEARITY VERSIONS
(VS+ = 5 V; Ta = 25 ) C
Parameter Operating pressure range MS5401-BM MS5401-BPF Full-scale span (FS) Sensitivity Linearity Operating pressure range MS5412-BM Full-scale span (FS) Sensitivity Linearity Operating temperature range Zero pressure offset Pressure hysteresis Temperature hysteresis All Ranges Repeatability Bridge resistance Temperature coefficient of resistance Temperature coefficient of span Temperature coefficient of offset
Min 0 120 120 0 120 10 -40 -40 3.0 +2 400 -1 500 -80
Type 150 150 0.05 150 12.5 0.05 0 0.3 3.4 2 900 -1 900 -
Max 1 180 180 0.2 12 180 15 0.15 125 40 0.20 0.8 0.20 3.8 +3 300 -2 300 +80
Unit bar mV mV/bar % FS bar mV mV/bar % FS C mV % FS % FS % FS k ppm/C ppm/C V/C
Notes 8
1, 6 8
1, 6
2, 6 3, 6 4, 6, 7 5, 6 5, 6 5, 6
NOTES 1) Deviation at one half full-scale pressure from the least squares best line fit over pressure range. 2) Maximum difference of output voltage after 1 pressure cycle at any pressure within the operating pressure range. 3) Maximum difference in offset after one thermal cycle from -40 to +125 C C. 4) Same as 2) after 10 pressure cycles. 5) Slope of the end-point straight line from 25 to 60 C C. 6) Not 100% tested. 7) MS5412-BM: Max. 0.3% FS 8) This sensor family is optimised for the linearity; it is suitable for applications with higher pressure where the linearity requirement is less critical.
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
4
APPLICATION INFORMATION
GENERAL The MS54xx is a miniaturised absolute pressure sensor series which has been designed as a surface mount device (SMD). Its main advantages are the high performance of the semiconductor sensor and a design which makes it suitable for applications requiring small dimensions and cost efficiency. The sensor element of the MS54xx consists of a micromachined silicone membrane with Pyrex glass wafer-bonded under vacuum to the back side for reference pressure. Implanted resistors make use of the piezoresistive effect to sense pressure applied to the membrane. The sensor is mounted using a special process allowing best offset stability making the device suitable for direct PCB assembly. Typical applications for this miniaturised pressure sensor MS54xx are altitude measurements and the measurement of atmospheric reference pressure in medical and industrial equipment as well as in automotive and household applications, consumer electronics and pneumatics. Full Scale Pressure 1 bar 7 bar 12 bar 70 bar Engine Control, Diving Computer High Sensitivity Versions (MS54xx-Axx) Variometer, Altimeter, Barometer Divers Watch, Tire Pressure, Electronic Scale High Linearity Versions (MS54xx-Bxx) High End Altimeter, Medical Instrumentation High End Electronic Scale Pneumatic Brake, Diving Computer
HUMIDITY, WATER PROTECTION MS54xx-xM with METAL CAP: The MS54xx-AM / -BM has an anticorrosive and antimagnetic metallic protection cap filled with silicone gel for enhanced protection against humidity. The properties of this gel ensure function of the sensor even when in direct water contact. This feature can be useful for waterproof watches or other applications, where direct water contact cannot be avoided. Nevertheless the user should avoid drying of hard materials like for example salt particles on the silicone gel surface. In this case it is advisable to rinse with clean water afterwards. Special care has to be taken not to mechanically damage the gel. Damaged gel may lead to air entrapment and consequently to unstable sensor signal, especially if the damage is close to the sensor surface. The metal cap is fabricated of special anticorrosive alloy in order to avoid any galvanic effects within the end product. The MS5401-BM is qualified referring to the ISO Standard 2281 and can withstand a pressure of 11 bar in salt water. The concentration of the sea water used for the qualification is 41 g of sea salt per 1 litre of DI water. The MS5407-AM satisfies salt-water testing with a pressure capability of 21 bar. For underwater operations as specified in ISO Standard 2281 it is important to seal the sensor with a rubber Oring around the metal cap. Any salt water reaching the contact side (ceramic and pads) of the sensor could lead to permanent damage. Especially for "water-resistant 100 m" watches and for diving computers, it is recommended to provide a stable mechanical pusher from the backside of the sensor; otherwise the overpressure may push the sensor backwards and even deform the electronic board on which the sensor is mounted. MS54xx-xPx with PLASTIC CAP: The sensor die of the MS54xx-xPx is protected by a drop of silicone gel. The properties of this gel ensure function of the sensor even in a humid environment. DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
5
LIGHT SENSITIVITY The MS54xx is sensitive to sunlight (visible and near-infrared spectrum). This is due to the strong photo effect of silicon. As the effect is reversible there will be no damage, but the user has to take care that in the final product the sensor cannot be exposed to direct light during operation as it effects the measurement. This can be achieved for instance by placing mechanical parts with holes in such that light cannot pass. CONNECTION TO PCB The package outline of the module enables the use of a flexible PCB to connect it. This can be important for applications in watches and other special devices, and will also reduce mechanical stress on the device. For applications subjected to mechanical shock, it is recommended to enhance the mechanical reliability of the solder junctions by covering the rim or the corners of MS54xx ceramic substrate with glue or globtop-like material. SOLDERING Please refer to the application note AN808 for all soldering issues. CLEANING The MS54xx has been manufactured under clean-room conditions. Each device is inspected for homogeneity and cleanness of the silicone gel. It is therefore recommended to assemble the sensor under class 10 000 or better conditions. Should this not be possible, it is recommended to protect the sensor opening during assembly from entering particles and dust. To avoid cleaning of the PCB, solder paste of type "no-clean" must be used. Cleaning might damage the sensor.
RECOMMENDED PAD LAYOUT
Recommended pad layout for soldering of the MS54xx on a printed circuit board
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
6
PACKAGE OUTLINES
VERSIONS WITH CERAMIC CARRIER AND METAL CAP
Device package outlines of MS54xx-AM and MS54xx-BM (M = anticorrosive and antimagnetic stainless steel cap)
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
7
VERSIONS WITH PCB CARRIER AND PLASTIC CAP
Device package outlines of MS54xx-APF and MS54xx-BPF
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
8
PACKING
The MS54xx is packed in 51 cm (20-inch) antistatic plastic tubes with rubber end-plugs of different colours: one green and one black. The dot on the carrier next to Pin 1 is facing the green end-plug. Each tube contains 80 sensors. The tubes are marked "ANTISTATIC" and have an information label. See the drawings below for more details.
PACKING TUBE OUTLINES
4.4
Information label
8.2 510 All measures in mm
ORDERING INFORMATION
MS5401-AM MS5401-APF MS5401-BM MS5401-BPF MS5407-AM MS5412-BM MS5470-AM Ax x Bx x x Mx xPx xx F Miniature Pressure Sensor 1 bar, high sensitivity, ceramic carrier Miniature Pressure Sensor 1 bar, high sensitivity, PCB carrier Miniature Pressure Sensor 1 bar, high linearity, ceramic carrier Miniature Pressure Sensor 1 bar, high linearity, PCB carrier Miniature Pressure Sensor 7 bar, high sensitivity, ceramic carrier Miniature Pressure Sensor 12 bar, high linearity, ceramic carrier Miniature Pressure Sensor 70 bar, high sensitivity, ceramic carrier Art.-Nr. 325401001 Art.-Nr. 325401004 Art.-Nr. 325401000 Art.-Nr. 325401005 Art.-Nr. 325407000 Art.-Nr. 325412000 Art.-Nr. 325470000
= high sensitivity = high linearity = anticorrosive and antimagnetic metallic cap = plastic cap = PCB carrier
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
9
CONTACTS
Factory and European Sales office
Intersema Sensoric SA Ch. Chapons-des-Pres 11 CH-2022 Bevaix Switzerland Phone: +41 32 847 9550 Fax: +41 32 847 9569 e-mail: Website: www.intersema.ch
USA
Measurement Specialties Inc. 1000 Lucas Way Hampton, VA 23666 USA Phone: Fax: e-mail: Website: +1 800 555 1551 +1 757 766 4297 sales@meas-spec.com www.meas-spec.com
ASIA
Measurement Specialties (China), Ltd. F1.6-4D, Tian An Development Compound Shenzhen, China 518048 Phone: Fax: e-mail: Website: +86 755 8330 1004 +86 755 8330 6797 pfc.cs.asia@meas-spec.com www.meas-spec.com
NOTICE Intersema reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Intersema assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Intersema makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
DA54xx_014
000054xx280 ECN 1243
June 15th, 2009
10


▲Up To Search▲   

 
Price & Availability of MS5470-AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X