Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download MRC1-100-1000-C-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal GlazeTM High Power Density Surface Mount Power Resistor
MRC Series
* 1/2 watt in 1/8 watt package * 1 watt in 1/2 watt package (2010 footprint) * MRC1/2: 0.05 to 1.0 (contact factory for higher values) * 150C maximum operating temperature * Superior surge handling capability
Metal GlazeTM thick film element fired at 1000C to solid ceramic substrate
High temperature dielectric coating
60/40 Solder over nickel barrier
Environmental Data
Size Industry Code1 Footprint IRC Type Max. Working Power Rating Voltage2 Tolerance Max. Resistance TCR (%)3 (ppm/C)3 Voltage Range (ohms)3
0.1 to 0.99 C 1206 MRC1/2 1/2W @ 70C 200 400 1.0 to 10K 20 to 10K E 2010 MRC1 1W @ 70C 350 700 0.05 to 0.099 0.10 to 1.0 1,2,5 1,2,5 0.25, 0.5 2,5 1,2,5 100 50,100 50,100 200 100
Product Catagory
Low Range Standard Tight Tolerance Low Range Low Range
MRC Applications: The MRC1/2 will dissipate 1/2 watt at 70C on a 1206 footprint, while the MRC 1 will dissipate 1 watt at 70C on a 2010 footprint. The MRC is recommended for applications where board real estate is a major concern. Due to high power density and superior surge handling capability, it is also recommended as a direct replacement on existing board designs where standard 1206 and 2010 resistors are marginal or failing.
Environmental Data
Characteristics Temperature Coefficient Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Maximum Change As specified (0.5% + 0.01) (0.25% + 0.01) (1.0% + 0.01) (0.5% + 0.01) Test Method MIL-R-55342E Par 4.7.9 (-55C + 125C) MIL-R-55342E Par 4.7.3 (-65C + 150C, 5 cycles) MIL-R-55342E Par 4.7.4 (-65C @ working voltage) MIL-R-55342E Par 4.7.5 2.5 x PxR for 5 seconds MIL-R-55342E Par 4.7.6 (+150C for 100 hours) MIL-R-55342E Par 4.7.7 (Reflow soldered to board at 260C for 10 seconds) MIL-STD-202, Method 208 (245C for 5 seconds) MIL-R-55342E Par 4.7.8 (10 cycles, total 240 hours) MIL-R-55342E Par 4.7.10 (2000 hours @ 70C intermittent) 1200 gram push from underside of mounted chip for 60 seconds Chip mounted in center of 90mm long board, deflected 5mm so as to exert pull on chip contacts for 10 seconds
Resistance to Bonding Exposure (0.25% + 0.01) Solderability Moisture Resistance Life Test Terminal Adhesion Strength Resistance to Board Bending
General Note
95% minimum coverage (0.5% + 0.01) (1.0% + 0.01) (1% + 0.01) no mechanical damage (1% + 0.01) no mechanical damage
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Wirewound and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc MRC Series Issue June 2008 Sheet 1 of 2
Metal GlazeTM High Power Density Surface Mount Power Resistor
Repetitive Surge Curve
1000
Peak Power (watts)
100
MRC 1
MRC 1/2
10
1 0.0001
0.001
0.01
0.1
1
Surge or Pulse Duration (seconds) Note: Use for repetitive pulses where the average power dissipation is not to exceed the component rating at 70C. Surge handling capacity for low-repetitive surges may be significantly greater than shown above. Contact factory for recommendations.
Power Derating Curve
100
Ordering Data
Sample Part No. MRC1/2 - 100 - 1000 - F - 13 IRC Type
(MRC 1/2 & MRC 1)
% Of Rated Power
60
Temperature Coefficient
50 ppm, 100 ppm, 200 ppm
Resistance Value
0
25
70
150
(100 and greater - First 3 significant figures plus 4th digit multiplier) Example: 100 = 1000, 1000 = 1001, 150,000 = 1503 (Less than 100 - "R" is used to designate decimal) Example: 51 = 51R0, 1 = 1R00, 0.25 = R250
Ambient Temperature (C)
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%, G = 2.0%, J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
(c) IRC Wirewound and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
MRC Series Issue June 2008 Sheet 2 of 2


▲Up To Search▲   

 
Price & Availability of MRC1-100-1000-C-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X