Part Number Hot Search : 
MV8W00 SZN6329 SDR3000 LT158 DD203 SXXXBF 3EZ62D5 PIC18
Product Description
Full Text Search
 

To Download MMSZ5226B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221B~MMSZ5263B 500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
SOD-123F
B
Features
Wide zener voltage range selection : 2.4V to 56V VZ Tolerance Selection of 5% Moisture sensitivity level 1 Matte Tin(Sn) lead finish Pb free version and RoHS compliant Green compound (Halogen free) with suffix "G" on packing code and prefix "G" on date code
C
A
D E F Unit (mm) Min 1.5 3.3 0.5 2.5 0.8 0.05 Max 1.7 3.7 0.7 2.7 1.0 0.2 Unit (inch) Min 0.130 0.020 Max 0.146 0.028 0.059 0.067
Mechanical Data
Case : Flat lead SOD-123 small outline plastic package Terminal: Matte tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed High temperature soldering guaranteed: 260 C/10s Polarity : Indicated by cathode band Weight : 8.850.5 mg
Dimensions A B C D E F
0.098 0.106 0.031 0.039 0.002 0.008
Ordering Information
Part No. MMSZ52xxB RH Package SOD-123F Packing 3Kpcs / 7" Reel
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified.
Maximum Ratings
Type Number Power Dissipation Forward Voltage Thermal Resistance (Junction to Ambient) Junction and Storage Temperature Range IF=10mA (Note 1) Symbol PD VF RJA TJ, TSTG Value 500 1 330 -65 to + 150 Units mW V C/W C
Notes:1. Valid provided that electrodes are kept at ambient temperature
Zener I vs. V Characteristics
Current IF
VZM VZ VBR
VR IR IZK VF
Voltage
VBR IZK ZZK IZT VZ ZZT
Forward Region
: Voltage at IZK : Test current for voltage V BR : Dynamic impedance at I ZK : Test current for voltage V Z : Voltage at current IZT : Dynamic impedance at I ZT : Maximum steady state current : Voltage at IZM
IZT
IZM BreakdownRegion Leakage Region
IZM VZM
Version : B09
MMSZ5221B~MMSZ5263B 500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25C unless otherwise noted VF Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers Part Number MMSZ5221B MMSZ5222B MMSZ5223B MMSZ5224B MMSZ5225B MMSZ5226B MMSZ5227B MMSZ5228B MMSZ5229B MMSZ5230B MMSZ5231B MMSZ5232B MMSZ5233B MMSZ5234B MMSZ5235B MMSZ5236B MMSZ5237B MMSZ5238B MMSZ5239B MMSZ5240B MMSZ5241B MMSZ5242B MMSZ5243B MMSZ5244B MMSZ5245B MMSZ5246B MMSZ5247B MMSZ5248B MMSZ5249B MMSZ5250B MMSZ5251B MMSZ5252B MMSZ5253B MMSZ5254B MMSZ5255B MMSZ5256B MMSZ5257B MMSZ5258B MMSZ5259B MMSZ5260B MMSZ5261B MMSZ5262B MMSZ5263B VZ @ IZT (Volt) Nom 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 Min 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 Max 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 IZT(mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 ZZT @ IZT() Max 30 30 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 IZK(mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 ZZK @ IZK() IR @ VR(A) Max Max 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 16900 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR(V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10.0 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 1ms. 2. The device numbers listed have a standard tolerance on the nominal zener voltage of 5%. 3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Taiwan semiconductor representative. 4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
Version : B09
MMSZ5221B~MMSZ5263B 500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1000 100 Ta=25C 10
FIG 2 Zener Breakdown Characteristics
Forward Current (mA)
100 Ta=25C 10
Zener Current (mA)
1
0.1
0
0.01
1 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
0 0 1 2 3 4 5 6 7 8 9 10 11 12
Forward Voltage (V) FIG 3 Zener Breakdown Characteristics
100 600 500 400 300 200 100 0 10 20 30 40 50 60 0 50
Zener Voltage (V) FIG 4 Admissible Power Disspation Curve
10
1
0
0
Power Dissipation (mW)
Zener Current (mA)
100
150
200
Zener Voltage (V)
Ambient Tempeture (C)
FIG 5 Typical Capacitance
1000 1000
FIG 6 Effect of Zener Voltage on Impedence
1V Bias
Ta=150C
Capacitance(pF)
100
Dynamic Impedence ()
Iz=1mA
100
Iz=5m
Ta=25C 10
Bias at 50% of VZ(Nom)
10
Iz=20m
1 1 10 100
1 1 10 100
Zener Voltage (V)
Zener Voltage (V)
Version : B09


▲Up To Search▲   

 
Price & Availability of MMSZ5226B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X