Part Number Hot Search : 
FMMT4 P6KE13CA BU401 F24A1 EM4022 00130 LTC3251 GSC4435
Product Description
Full Text Search
 

To Download MMBT5089 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT5089
NPN General Purpose Amplifier
For low noise, high gain, general purpose amplifier applications at collector currents from 1A to 50mA.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Symbol Collector Emitter Voltage Collector Base Voltage Emitter Base Voltage Collector Current - Continuous Total Device Dissipation Derate above 25OC Thermal Resistance, Junction to Ambient Operating and Storage Junction Temperature Range VCEO VCBO VEBO IC Ptot RJA TJ,TS Value 25 30 4.5 100 200 2.8 357 -55 to +150 Unit V V V mA mW mW/ OC
O
C/W
O
C
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBT5089
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=5V, IC=100A at VCE=5V, IC=1mA at VCE=5V, IC=10mA Small Signal Current Gain at VCE=5V, IC=1mA, f=1KHz Collector Base Breakdown Voltage at IC=100A Collector Emitter Breakdown Voltage at IC=1mA Collector Emitter Saturation Voltage at IC=10mA, IB=1mA Base Emitter On Voltage at IC=10mA, VCE=5V Collector Cutoff Current at VCB=15V Emitter Cutoff Current at VEB=3V at VEB=4.5V Gain Bandwidth Product at VCE=5V, IC=500A, f=20MHz Collector Base Capacitance at VCB=5V, f = 100KHz Emitter Base Capacitance at VBE=0.5V, f = 100KHz Noise Figure at VCE=5V, IC=100A, Rs=10K, f = 10Hz to 15.7KHz NF 2 dB Ceb 10 pF Ccb 4 pF fT 50 MHz IEBO IEBO 50 100 nA nA ICBO 50 nA VBEon 0.8 V VCEsat 0.5 V V(BR)CEO 25 V V(BR)CBO 30 V hfe 450 1800 hFE hFE hFE 400 450 400 1200 Min. Max. Unit
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBT5089
Typical pulsed current gain vs. collector current
Typical pulsed current gain
1200
VCE=5V
Collector emitter saturation voltage vs.collector current
0.3
Collector emitter voltage, V
=10
1000 800 600
25 C
125 C
0.25 0.2
125 C
0.15
-40 C
25 C
400
-40 C
0.1 0.05 0.1 1 10 100
200 0 0.01 0.1 1 10 100
Collector current, mA
Collector current, mA
Base emitter saturation voltage vs.collector current
Base emitter on voltage, V
1 0.8 0.6 0.4 0.2 0.1 1 10 100
=10
Base emitter on voltage vs.collector current
1 0.8 0.6
125 C VCE=5V
Base emitter voltage, V
-40 C
-40 C 25 C
25 C 125 C
0.4 0.2 0.1 1 10 40
Collector current, mA
Collector current, mA
Collector cutoff current vs. ambient temperature
10
Collector current, nA
VCB=45V
1
0.1 25 50 75 100 125 150
Ta ( C)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBT5089
Input and output capacitance vs. reverse bias voltage
5
f=1MHz
Contours of constant gain bandwidth product
10
Capacitance, pF
4 3 2 1
Collector voltage, V
7 5 3
175MHz
Cte
150MHz
Cob
125MHz 100MHz
1 0 4 8 12 16 20 0.1 1
75MHz
10
100
Reverse bias voltage, V
Collector current, mA
Noise figure vs. frequency
10
I C=200 A Rs=10k I C=100 A Rs=10k I C=1mA Rs=500 I C=1mA Rs=5k
Power dissipation vs. ambient temperature
625
Power dissipation, mW
VCE=5V
Noise figure, dB
8 6 4 2 0
0.0001 0.001 0.01
500 375 250 125
0.1
1
10
100
0
25
50
75
100
125
150
Frequency, MHz
Temperature , C
Wideband noise frequency vs. source resistance
5 1000
VCE=5V
BANDWIDETH=15.7kHz
Normalized collector cutoff current vs. ambient temperature
Noise figure, dB
4 3 2 1 0 1,000
I C=100 A
Characteristics relative to value at Ta=25 C
100,000
100
I C=30 A
10
I C=10 A
10,000
1
25
50
75
100
125
150
Source resistance,
Ambient temperature , C
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005
MMBT5089
Typical common emitter characteristics
1.4 1.3 1.2 1.1
h re
Typical common emitter characteristics
1.5
Characteristics relative to value(Ta=25 C)
IC=1mA f=1kHz VCE=5V
Characteristics relative to value(VCE=5V)
h oe
h fe h ie h re h oe
h ie
1.3 1.1 0.9
h re h fe h oe
1.0
h ie
IC=1mA f=1kHz Ta=25 C
h oe
0.9 h fe 0.8 0 5 10 15 20
0.7 0.5 -100
h fe h re h ie
25
-50
0
50
100
150
Collector Voltage, V
Junction Temperature,
C
Typical common emitter characteristics
100
Characteristics relative to value(IC=1mA)
f=1kHz
h oe
10
h ie and h re h re
1
h oe h fe h ie h fe
0.1
0.01 0.1
1
10
100
Collector current, mA
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 20/10/2005


▲Up To Search▲   

 
Price & Availability of MMBT5089

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X