Part Number Hot Search : 
KGR80 MDU1513 ZL8800 LVC1G LM710I PSA1675A EW427 PDSP1882
Product Description
Full Text Search
 

To Download MMBT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT-23
MMBT3904
Plastic-Encapsulate Transistors
TRANSISTOR (NPN)
SOT-23
FEATURES As complementary type the PNP transistor MMBT3906 is recommended Epitaxial planar die construction MARKING: 1AM MAXIMUM RATINGS (TA=25 unless otherwise noted)
Symbol VCBO VCEO VEBO IC PC RJA TJ Tstg Parameter Value 60 40 6 200 200 625 150 -55 to +150 Units V V V mA mW /W
1. BASE 2. EMITTER 3. COLLECTOR
Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Total Device Dissipation Thermal Resistance Junction to Ambient Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Symbol VCBO VCEO VEBO ICBO ICEX IEBO hFE(1) DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Delay Time Rise Time Storage Time Fall Time hFE(2) hFE(3) VCE(sat) VBE(sat) Test IC= 10A, IE=0 IC= 1mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VCE=30V,VBE(off)=3V VEB=5V, IC=0 VCE=1V, IC=10mA VCE=1V, IC= 50mA VCE=1V, IC= 100mA IC=50mA, IB= 5mA IC= 50mA, IB= 5mA VCE= 20V, IC= 10mA,f=100MHz VCC=3V,VBE=-0.5V IC=10mA, IB1=-IB2=1.0mA VCC=3.0V,IC=10mAdc IB1=-IB2=1mA 300 35 35 200 50 100 60 30 0.3 0.95 V V MHz nS nS nS nS conditions MIN 60 40 6 0.1 50 0.1 400 MAX UNIT V V V A nA A
Collector-emitter breakdown voltage
Emitter-base breakdown voltage Collector cut-off Collector cut-off Emitter cut-off current current current
fT td tr ts tf hFE(1)
O 100-200
CLASSIFICATION OF
Rank Range
Y 200-300
G 300-400
Typical Characteristics
MMBT3904


▲Up To Search▲   

 
Price & Availability of MMBT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X