Part Number Hot Search : 
PCA9541 UPD65523 35977 K6A65D SL28773 13FAD 74904 SF20SC6
Product Description
Full Text Search
 

To Download MBRB10H100HE345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR(F,B)10H90 & MBR(F,B)10H100
Vishay General Semiconductor
High-Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
TO-220AC ITO-220AC
FEATURES * Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * Low leakage current * High forward surge capability * High frequency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AC and ITO-220AC package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
2 MBR10H90 MBR10H100
PIN 1
PIN 2
2 1 MBRF10H90 MBRF10H100
PIN 1
PIN 2
1
CASE
TO-263AB K
2 1 MBRB10H90 MBRB10H100
PIN 1 PIN 2 K HEATSINK
TYPICAL APPLICATIONS For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. MECHANICAL DATA
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF IR TJ max. 10 A 90 V, 100 V 250 A 0.64 V 4.5 A 175 C
Case: TO-220AC, ITO-220AC, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Peak repetitive reverse current at tp = 2 s, 1 kHz Voltage rate of change (rated VR) Operating junction and storage temperature range Isolation voltage (ITO-220AC only) from terminal to heatsink t = 1 min SYMBOL VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TJ, TSTG VAC MBR10H90 90 90 90 10 250 0.5 10 000 - 65 to + 175 1500 MBR10H100 100 100 100 UNIT V V V A A A V/s C V
Document Number: 88667 Revision: 07-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
MBR(F,B)10H90 & MBR(F,B)10H100
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS IF = 10 A IF = 10 A IF = 20 A IF = 20 A TC = 25 C TC = 125 C TC = 25 C TC = 125 C TJ = 25 C TJ = 125 C SYMBOL VALUE 0.77 0.64 0.88 0.73 4.5 6.0 UNIT
Maximum instantaneous forward voltage (1)
VF
V
Maximum reverse current at working peak reverse voltage (1) Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle
IR
A mA
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance SYMBOL RJC MBR 2.7 MBRF 5.8 MBRB 2.7 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AC ITO-220AC TO-263AB TO-263AB TO-220AC ITO-220AC TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N MBR10H100-E3/45 MBRF10H100-E3/45 MBRB10H100-E3/45 MBRB10H100-E3/81 MBR10H100HE3/45 (1) MBRF10H100HE3/45
(1)
UNIT WEIGHT (g) 1.80 1.94 1.33 1.33 1.80 1.94 1.33 1.33
PACKAGE CODE 45 45 45 81 45 45 45 81
BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel
DELIVERY MODE Tube Tube Tube Tape and reel Tube Tube Tube Tape and reel
MBRB10H100HE3/45 (1) MBRB10H100HE3/81
(1)
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
20 300
Peak Forward Surge Current (A)
Resistive or Inductive Load
Average Forward Current (A)
16 MBR MBRB 12
250
TJ = TJ Max. 8.3 ms Single Half Sine-Wave
200
150
8
100
4
MBRF
50
0 0 50 100 150 180
0 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88667 Revision: 07-May-08
MBR(F,B)10H90 & MBR(F,B)10H100
Vishay General Semiconductor
100
10 000
Instantaneous Forward Current (A)
10 TJ = 150 C 1.0 TJ = 125 C TJ = 100 C
Junction Capacitance (pF)
1.0
TJ = 175 C
1000
100
0.1
TJ = 25 C
0.01 0.1
10 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance
10 000 TJ = 125 C TJ = 100 C 100
100
1000
Transient Thermal Impedance (C/W)
100
Instantaneous Reverse Current (A)
TJ = 150 C
10
10
1
1
0.1
TJ = 25 C
0.01 20 40 60 80
0.1 0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics
Figure 6. Typical Transient Thermal Impedance
Document Number: 88667 Revision: 07-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
MBR(F,B)10H90 & MBR(F,B)10H100
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) DIA. 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41)
PIN 1 PIN 2 CASE
ITO-220AC
0.404 (10.26) 0.384 (9.75) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 45 REF. 0.671 (17.04) 0.651 (16.54) PIN 0.076 (1.93) REF. 0.076 (1.93) REF. 7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA. 0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40)
0.603 (15.32) 0.573 (14.55)
0.600 (15.24) 0.580 (14.73)
7 REF. 0.350 (8.89) 0.330 (8.38)
PIN
1
2 0.191 (4.85) 0.171 (4.35) 7 REF.
2
0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.560 (14.22) 0.530 (13.46)
0.057 (1.45) 0.045 (1.14)
0.110 (2.79) 0.100 (2.54)
0.037 (0.94) 0.027 (0.68) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.36)
0.025 (0.64) 0.015 (0.38)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88667 Revision: 07-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBRB10H100HE345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X