Part Number Hot Search : 
00130 M5220P XP1504 32R0525 24FC515 24FC515 1004KL Z5246B
Product Description
Full Text Search
 

To Download MBR1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR10XX SERIES
Schottky Barrier Rectifiers
PRODUCT SUMMARY
Reverse Voltage 35 to 60 Volts Forward current 10.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams
Pb-free; RoHS-compliant
TO-220AC ITO-220AC
07/28/2007 Rev.1.00
www.SiliconStandard.com
1
MBR10XX SERIES
Mounting Pad Layout TO-263AB
TO-263AB(D2PAK)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TC=25 C unless otherwise noted)
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current (See Fig. 1) Peak repetitive forward current (sq. wave, 20KHz) at TC=135oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse current at tp = 2.0us, 1KHz Voltage rate of change (rated VR) Maximum instantaneous forward voltage (Note 4) at IF=10A, TC=25oC at IF=10A, TC=125oC at IF=20A, TC=25oC at IF=20A, TC=125oC Maximum instantaneous reverse current at rated DC blocking voltage (Note 4) TC=25oC TC=125oC IR 15 RJC VISOL TJ TSTG MBR 2.0 / MBRF 4.0 / MBRB 2.0 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +150 -55 to +150
o
o
Symbol VRRM VRWM V DC IF(AV) IFRM IFSM IRRM dv/dt
MBR1035 35 35 35
MBR1045 45 45 45 10 20 150 1.0
MBR1050 50 50 50
MBR1060 60 60 60
Unit Volts Volts Volts Amps Amps Amps
0.5 10,000
Amps V/us
VF 0.57 0.84 0.72 0.10
0.80 0.70 0.95 0.85 mA Volts
Maximum thermal resistance from junction to case RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range
Notes:
C/W
Volts
o
C C
o
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
07/28/2007 Rev.1.00
www.SiliconStandard.com
2
MBR10XX SERIES
RATINGS AND CHARACTERISTIC CURVES
(TA=25 C unless otherwise noted)
o
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
07/28/2007 Rev.1.00
www.SiliconStandard.com
3


▲Up To Search▲   

 
Price & Availability of MBR1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X