Part Number Hot Search : 
SGM8552 D2W101 TK15402M L7405 SI7430D SM5063 SGM8552 05D15
Product Description
Full Text Search
 

To Download MAA02021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
MAA 02 Series
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Features
* * * * Regulated output 500 VDC isolation voltage 24-pin DIP Package Low ripple and noise
Specifications
INPUT Nominal voltage Voltage range Isolation Filter OUTPUT Power Regulation 1.5W. Line:0.3%. Load:0.5% 10% min load required to meet specification. 4%. 50mV p-p max. Short term. 0.02 %/C. 50% typ. -25C to +71C. -40C to +100C. Convection. 200 000 hours at 25C ambient. Min. 20 kHz. 30 pF. Non-conductive black plastic. 10.2 x 20.3 x 31.8 mm. 12g max. AS/NZS CISPR11 Group 1 Class A EN55022 Class B 5V, 12V, 24V, 48V 10 %. 10 %. 500VDC (3kV available). PI-type.
Setting accuracy Ripple and noise Short circuit protection Temp coefficient Efficiency ENVIRONMENTAL Ambient temperature Storage temperature Cooling GENERAL MTTF Switching frequency Equivalent capacitance Case Dimensions (H x W x L) Weight STANDARDS C-Tick EMI standards
152
MAA 02 Series
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODULES
Selection Table
POWERBOX ARTICLE NUMBER INPUT VOLTAGE VDC OUTPUT VOLTAGE VDC OUTPUT CURRENT mA INPUT CURRENT NO LOAD mA INPUT CURRENT FULL LOAD mA
MAA 02 003 MAA 02 006 MAA 02 009 MAA 02 012 MAA 02 015 MAA 02 018 MAA 02 021 MAA 02 024 MAA 02 027 MAA 02 030 MAA 02 033 MAA 02 036 MAA 02 039 MAA 02 042 MAA 02 045 MAA 02 048 MAA 02 051 MAA 02 054 MAA 02 057 MAA 02 060
5 5 5 5 5 12 12 12 12 12 24 24 24 24 24 48 48 48 48 48
5 12 15 12 15 5 12 15 12 15 5 12 15 12 15 5 12 15 12 15
300 125 100 60 50 300 125 100 60 50 300 125 100 60 50 300 125 100 60 50
110 110 110 110 110 40 40 40 40 40 20 20 20 20 20 15 15 15 15 15
620 550 550 550 550 260 215 215 215 215 130 115 115 115 115 65 60 60 60 60
For isolation voltage 3kV add suffix -H to the article number. Ex MAA 02 003H.
Pin Connection 500VDC
PIN 1, 24 2, 23 3, 22 10 11 12 13 14 15 SINGLE OUTPUT +V Input NC NC -V Output +V Output -V Input -V Input +V Output -V Output DUAL OUTPUT +V Input -V Output Common Common +V Output -V Input -V Input +V Output Common
Pin Connection 3kVDC
PIN 1, 2, 3 22, 23, 24 10, 11 12 13 14 15 16 17 SINGLE OUTPUT +V Input -V Input NP -V Output +V Output NP NP NP +TP DUAL OUTPUT +V Input -V Input Go Output -TP -V Output NP +V Output +TP NP
NC = No connection with pin.
Your dependable power partner - www.powerbox.com.au
153


▲Up To Search▲   

 
Price & Availability of MAA02021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X