Part Number Hot Search : 
SP3220EB TDA9102 PS1101 FAN5071 IC18F AR709LT ANTXV2N TLP11507
Product Description
Full Text Search
 

To Download M50100DD1600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M50 Diode Series
* High Surge Current Rectifier Circuits * 5 Different Circuits to Choose from * Up to 1600 Volt Blocking Standard
AVAILABLE OPTIONS
ELECTRICAL SPECIFICATIONS
Description
Maximum DC Output Current (Tc = 85C) Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range
Symbol
ID VF TJ
M5060
60 A 1.35V @ 50A -40 - 125C 400 (120 VAC) 600 (240 VAC) 800 (280 VAC) 1200 (480 VAC) 1400 (530 VAC) 1600 (600 VAC)
M50100
100 A 1.2V @ 100 A -40 - 125C
Repetitive Peak Reverse Voltage (AC Line Nominal) [Vpk]
VRRM
Maximum Non-Repetitive Surge Current (1/2 Cycle, 60 Hz) [A] Maximum IT for Fusing (t=8.3ms) [Asec] Maximum Thermal Resistance, Junction to Ceramic Base per Chip [C/W] Isolation Voltage [Vrms]
ITSM I2T RJC VISOL
800 2650 0.45C/W 2500
1500 9350 0.3C/W
GENERAL SPECIFICATIONS
Description
Weight (typical) 4.5 oz (158g)
MECHANICAL SPECIFICATIONS
CIRCUIT DIAGRAMS
AGENCY APPROVALS
Rev. 012309
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of M50100DD1600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X