Part Number Hot Search : 
AD1882 MAX8560 NTE71 R80188B 01901 KBU401 0P100 F1100
Product Description
Full Text Search
 

To Download LT41050T-3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL41050
Isolated High-Speed CAN Transceiver
Functional Diagram
S TxD RxD CANH
Features
* * * * * * * * * * * * * * * * * * * *
CANL
IL41050
VDD2 (V) 4.75 to 5.25 4.75 to 5.25 4.75 to 5.25 <2V (no pwr) 2>VDD2<4.75 TxD(1) X X >2V S Low X X X
(2)
CANH High VDD2/2
CANL Low VDD2/2 VDD2/2
Bus State Dominant Recessive Recessive
RxD Low High High High High
High VDD2/2
0Single-chip isolated CAN/DeviceNet transceiver Fully compliant with the ISO 11898 CAN standard Best-in-class loop delay (180 ns) 3.0 V to 5.5 V input power supplies >110-node fan-out High speed (up to 1 Mbps) 2,500 VRMS isolation (1 minute) Very low Electromagnetic Emission (EME) Differential signaling for excellent Electromagnetic Immunity (EMI) 30 kV/s transient immunity Silent mode to disable transmitter Unpowered nodes do not disturb the bus Transmit data (TxD) dominant time-out function Edge triggered, non-volatile input improves noise performance Bus pin transient protection for automotive environment Thermal shutdown protection Short-circuit protection for ground and bus power -55C to +125C operating temperature 0.15" and 0.3" and 16-pin JEDEC-standard SOIC packages UL1577 and IEC 61010-2001 approved
Table 1. Function table.
Applications
* * * *
Notes: 1. TxD input is edge triggered: = Logic Lo to Hi, = Hi to Lo 2. Valid for logic state as described or open circuit X = don't care
Noise-critical CAN Partially-powered CAN DeviceNet Factory automation
Description
The IL41050 is a galvanically isolated, high-speed CAN (Controller Area Network) transceiver, designed as the interface between the CAN protocol controller and the physical bus. The IL41050 provides isolated differential transmit capability to the bus and isolated differential receive capability to the CAN controller via NVE's patented* IsoLoop spintronic Giant Magnetoresistance (GMR) technology. Advanced features facilitate reliable bus operation. Unpowered nodes do not disturb the bus, and a unique non-volatile programmable power-up feature prevents unstable nodes. The devices also have a hardware-selectable silent mode that disables the transmitter. Designed for harsh CAN and DeviceNet environments, IL41050T transceivers have transmit data dominant time-out, bus pin transient protection, thermal shutdown protection, and short-circuit protection, Unique edge-triggered inputs improve noise performance. Unlike optocouplers or other isolation technologies, IsoLoop isolators have indefinite life at high voltage.
IsoLoop(R) is a registered trademark of NVE Corporation. *U.S. Patent number 5,831,426; 6,300,617 and others.
REV. F
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
(c)NVE Corporation
IL41050
Absolute Maximum Ratings(1) (2)
Parameters Storage temperature Ambient operating temperature DC voltage at CANH and CANL pins Supply voltage Digital input voltage Digital output voltage DC voltage at VREF Transient Voltage at CANH or CANL Electrostatic discharge at all pins Electrostatic discharge at all pins Symbol TS TA VCANH VCANL VDD1 , VDD2 VTxD , VS VRxD VREF Vtrt(CAN) Vesd Vesd Min. -55 -55 -27 -0.5 -0.3 -0.3 -0.3 -200 -4,000 -200 Typ. Max. 150 135 40 6 VDD + 0.3 VDD + 0.3 VDD + 0.3 200 4,000 200 Units C C V V V V V V V V Test Conditions
0 V< VDD2 < 5.25 V; indefinite duration
Human body model Machine model
Recommended Operating Conditions
Parameters Supply voltage Input voltage at any bus terminal (separately or common mode) High-level digital input voltage (3) (4) Low-level digital input voltage (3) (4) Digital output current (RxD) Ambient operating temperature Digital input signal rise and fall times Symbol VDD1 VDD2 VCANH VCANL VIH VIL IOH TA tIR, tIF Min. 3.0 4.75 -12 2.0 2.4 2.0 0 -8 -55 Typ. Max. 5.5 5.25 12 VDD1 VDD1 VDD2 0.8 8 125 1 Units V V V V mA C s VDD1 = 3.3 V VDD1 = 5.0 V VDD2 = 5.0 V VDD1 = 3.3V to 5V Test Conditions
Insulation Specifications
Parameters Creepage distance (external) Barrier impedance Leakage current Symbol Min. 8.08 Typ. > 1014 || 7 0.2 Max. Units mm || pF ARMS Test Conditions
240 VRMS, 60 Hz
Safety and Approvals IEC61010-2001
TUV Certificate Numbers: N1502812 (pending) Package SOIC (0.15" and 0.3") Pollution Degree II Material Group III Max. Working Voltage 300 VRMS
Classification: Reinforced Insulation
Model IL41050
UL 1577
Component Recognition Program File Number: E207481 (pending) Rated 2,500VRMS for 1 minute
Soldering Profile
Per JEDEC J-STD-020C Moisture Sensitivity Level: MSL=2
Notes:
1. Absolute Maximum specifications mean the device will not be damaged if operated under these conditions. It does not guarantee performance. 2. All voltages are with respect to network ground except differential I/O bus voltages. 3. The TxD input is edge sensitive. Voltage magnitude of the input signal is specified, but edge rate specifications must also be met. 4. The maximum time allowed for a logic transition at the TxD input is 1 s. 2
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 Phone: (952) 829-9217 Fax: (952) 829-9189 www.IsoLoop.com (c)NVE Corporation
IL41050
IL41050-3 Pin Connections (0.15" SOIC Package)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VDD1 GND1 TxD RxD NC NC NC NC IsoRxD CANL VDD2 CANH S IsoTxD GND2 VDD2 VDD1 power supply input VDD1 power supply ground return Transmit Data input Receive Data output No internal connection No internal connection No internal connection No internal connection Isolated RxD output. No connection should be made to this pin. Low level CANbus line VDD2 power supply input High level CANbus line Mode select input. Leave open or set low for normal operation; set high for silent mode. Isolated TxD output. No connection should be made to this pin. VDD2 power supply ground return VDD2 power supply input
VDD1 GND1 TxD RxD NC NC NC NC VDD2 GND2 IsoTxD S CANH VDD2 CANL IsoRxD
IL41050 Pin Connections (0.3" SOIC Package)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VDD1 GND1 TxD NC RxD NC NC GND1 GND2 VREF VDD2 CANL CANH S GND2 VDD2 VDD1 power supply input VDD1 power supply ground return (pin 2 is internally connected to pin 8) Transmit Data input No internal connection Receive Data output No internal connection No internal connection VDD1 power supply ground return (pin 8 is internally connected to pin 2) VDD2 power supply ground return (pin 9 is internally connected to pin 15) Reference voltage output VDD2 power supply input Low level CANbus line High level CANbus line Mode select input. Leave open or set low for normal operation; set high for silent mode. VDD2 power supply ground return (pin 15 is internally connected to pin 9) VDD2 power supply input
TxD NC RxD NC NC GND1 VDD1 GND1 VDD2 GND2 S CANH CANL VDD2 VREF GND2
3
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 Phone: (952) 829-9217 Fax: (952) 829-9189 www.IsoLoop.com (c)NVE Corporation
IL41050
Specifications
Electrical Specifications are Tmin to Tmax and VDD1, VDD2= 4.75 V to 5.25 V unless otherwise stated. Parameters Symbol Min. Typ. Max. Power Supply Current 1 1.75 3.0 Quiescent supply current (recessive) IQVDD1 0.7 1.4 2.0 1.2 Dynamic supply current (dominant) Quiescent supply current (recessive) Dynamic supply current (dominant) Transmitter Data input (TxD)(1) High level input voltage High level input voltage Low level input voltage TxD input rise and fall time(2) High level input current Low level input current Mode select input (S) High level input voltage Low level input voltage High level input current Low level input current Receiver Data output (RxD) High level output current Low level output current Failsafe supply voltage(4) Reference Voltage output (VREF) Reference Voltage output Bus lines (CANH and CANL) Recessive voltage at CANH pin Recessive voltage at CANL pin Recessive current at CANH pin Recessive current at CANL pin Dominant voltage at CANH pin Dominant voltage at CANL pin Differential bus input voltage (VCANH - VCANL) Short-circuit output current at CANH Short-circuit output current at CANL Differential receiver threshold voltage Differential receiver input voltage hysteresis Common Mode input resistance at CANH Common Mode input resistance at CANL Matching between Common Mode input resistance at CANH, CANL Differential input resistance Input capacitance, CANH Input capacitance, CANL IVDD1 0.9 IQVDD2 IVDD2 VIH VIH VIL tr IIH IIL VIH VIL IIH IIL IOH IOL VDD2 VREF VO(reces) CANH VO(reces) CANL IO(reces) CANH IO(reces) CANL VO(dom) CANH VO(dom) CANL Vi(dif)(bus) -50 IO(sc) CANH IO(sc) CANL Vi(dif)(th) Vi(dif)(hys) Ri(CM)(CANH) Ri(CM)(CANL) Ri(CM)(m) Ri(diff) Ci(CANH) Ci(CANL) -45 45 0.5 50 15 15 -3 25 0 -70 70 0.7 70 25 25 0 50 7.5 7.5 4
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 Phone: (952) 829-9217 Fax: (952) 829-9189 www.IsoLoop.com (c)NVE Corporation
Units mA
Test Conditions dr = 0 bps; VDD1 = 5 V dr = 0 bps; VDD1 = 3.3 V dr = 1 Mbps, RL= 60; VDD1 = 5 V dr = 1 Mbps, RL= 60; VDD1 = 3.3 V 0 bps 1 Mbps, RL = 60 VDD1 = 5 V; recessive VDD1 = 3.3 V; recessive Output dominant 10% to 90% tr VTxD = VDD1 VTxD = 0 V Silent mode High-speed mode VS = 2 V VS = 0 V VRxD = 0.8 VDD1 VRxD = 0.45 V -50 A2.0 1.6 6.75 52
3.2 mA 2.2 13 78 5.25 3.6 0.8 1 10 10 VDD2 + 0.3 0.8 45 10 -20 20 3.9 0.55 VDD2 3.0 3.0 +2.5 +2.5 mA V V V s A A V V A A mA mA V V V V mA mA V V V mV mA mA V mV k k % k pF pF
3.5 26 2.4 2.0 -0.3 -10 10 2.0 -0.3 20 15 -2 2 3.6 0.45 VDD2 2.0 2.0 -2.0 -2.0 3.0 0.5 1.5
30 30 -8.5 8.5
0.5 VDD2 2.5 2.5
3.6 1.4 2.25
4.25 1.75 3.0 +50 -95 100 0.9 100 35 35 +3 75 20 20
VCANL = VCANH VTxD = VDD1 VTxD = VDD1
IL41050
Specifications (...cont.)
Electrical Specifications are Tmin to Tmax and VDD1, VDD2= 4.5 V to 5.5 V unless otherwise stated. Differential input capacitance Ci(dif) 3.75 10 Input leakage current at CANH ILI(CANH) 100 170 250 Input leakage current at CANL ILI(CANL) 100 170 250 Thermal Shutdown Shutdown junction temperature Tj(SD) 155 165 180 Timing Characteristics 29 63 125 TxD to bus active delay td(TxD-BUSon) 32 66 128 29 68 110 TxD to bus inactive delay td(TxD-BUSoff) 32 71 113 24 58 125 Bus active to RxD delay td(BUSon-RxD) 27 61 128 49 103 170 Bus inactive to RxD delay td(BUSoff-RxD) 52 106 173 TxD dominant time for timeout Tdom(TxD) 250 457 765 pF A A C ns ns ns ns s VS= 0 V; VDD1 = 5 V VS = 0 V; VDD1 = 3.3 V VS = 0 V; VDD1 = 5 V VS = 0 V; VDD1 = 3.3 V VS = 0 V; VDD1 = 5 V VS = 0 V; VDD1 = 3.3 V VS = 0 V; VDD1 = 5 V VS = 0 V; VDD1 = 3.3 V VTxD = 0 V 3.0 V > VDD1 < 5.5 V VTxD = VDD1 VCANH= 5 V, VDD2= 0 V VCANL= 5 V, VDD2= 0 V
Magnetic Field Immunity(3)
Power frequency magnetic immunity Pulse magnetic field immunity Cross-axis immunity multiplier Power frequency magnetic immunity Pulse magnetic field immunity Cross-axis immunity multiplier HPF HPM KX HPF HPM KX VDD1 = 5 V, VDD2 = 5 V 2,500 3,000 3,000 3,500 1.8 VDD1 = 3.3 V, VDD2 = 5 V 1,000 1,500 1,800 2,000 1.5 A/m A/m 50 Hz/60 Hz tp = 8 s Figure 1 50 Hz/60 Hz tp = 8 s Figure 1
A/m A/m
Notes:
1. The TxD input is edge sensitive. Voltage magnitude of the input signal is specified, but edge rate specifications must also be met. 2. The maximum time allowed for a logic transition at the TxD input is 1 s. 3. Uniform magnetic field applied across the pins of the device. Cross-axis multiplier effective when field is applied perpendicular to the pins. 4. If VDD2 falls below the specified failsafe supply voltage, RxD will go High.
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to complete failure.
Electromagnetic Compatibility
The IL41050 is fully compliant with generic EMC standards EN50081, EN50082-1 and the umbrella line-voltage standard for Information Technology Equipment (ITE) EN61000. The IsoLoop Isolator's Wheatstone bridge configuration and differential magnetic field signaling ensure excellent EMC performance against all relevant standards. NVE conducted compliance tests in the categories below: EN50081-1 Residential, Commercial & Light Industrial Methods EN55022, EN55014 EN50082-2: Industrial Environment Methods EN61000-4-2 (ESD), EN61000-4-3 (Electromagnetic Field Immunity), EN61000-4-4 (Electrical Transient Immunity), EN61000-4-6 (RFI Immunity), EN61000-4-8 (Power Frequency Magnetic Field Immunity), EN61000-4-9 (Pulsed Magnetic Field), EN61000-4-10 (Damped Oscillatory Magnetic Field) ENV50204 Radiated Field from Digital Telephones (Immunity Test) Immunity to external magnetic fields is higher if the field direction is "end-to-end" (rather than to "pin-to-pin") as shown in the diagram at right. 5
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 Phone: (952) 829-9217 Fax: (952) 829-9189 www.IsoLoop.com (c)NVE Corporation
Fig. 1
IL41050
Application Information Power Supply Decoupling
Both VDD1 and VDD2 must be bypassed with 100 nF ceramic capacitors. These supply the dynamic current required for the isolator switching and should be placed as close as possible to VDD and their respective ground return pins.
Dominant Mode Time-out and Failsafe Receiver Functions
CAN bus latch up is prevented by an integrated Dominant mode timeout function. If the TxD pin is forced permanently low by hardware or software application failure, the time-out returns the RxD output to the high state no more than 765 s after TxD is asserted dominant. The timer is triggered by a negative edge on TxD. If the duration of the low is longer than the internal timer value, the transmitter is disabled, driving the bus to the recessive state. The timer is reset by a positive edge on pin TxD. If power is lost on Vdd2, the IL41050 asserts the RxD output high when the supply voltage falls below 3.8 V. RxD will return to normal operation as soon as Vdd2 rises above approximately 4.2 V.
The Isolation Advantage
Battery fire caused by over or under charging of individual lithium ion cells is a major concern in multi-cell high voltage electric and hybrid vehicle batteries. To combat this, each cell is monitored for current flow, cell voltage, and in some advanced batteries, magnetic susceptibility. The IL41050 allows seamless connection of the monitoring electronics of every cell to a common CAN bus by electrically isolating inputs from outputs, effectively isolating each cell from all other cells. Cell status is then monitored via the CAN controller in the Battery Management System (BMS). Another major advantage of isolation is the tremendous increase in noise immunity it affords the CAN node, even if the power source is a battery. Inductive drives and inverters can produce transient swings in excess of 20 kV/s. The traditional, non-isolated CAN node provides some protection due to differential signaling and symmetrical driver/receiver pairs, but the IL41050 typically provides more than twice the dV/dt protection of a traditional CAN node.
ADR 0...7, CS XTAL1 XTAL2
Tx0 Rx0
TxD RxD
CANH CANL
SJA1000
IL41050
Fig. 2. Isolated CAN node using the IL41050 and an SJA1000 MCU.
Programmable Power-Up
A unique non-volatile programmable power-up feature prevents unstable nodes. A state that needs to be present at node power up can be programmed at the last power down. For example if a CAN node is required to "pulse" dominant at power up, TxD can be sent low by the controller immediately prior to power down. When power is resumed, the node will immediately go dominant allowing self-check code in the microcontroller to verify node operation. If desired, the node can also power up silently by presetting the TxD line high at power down. At the next power on, the IL41050 will remain silent, awaiting a dominant state from the bus. The microcontroller can check that the CAN node powered down correctly before applying power at the next "power on" request. If the node powered down as intended, RxD will be set high and stored in IL41050's non-volatile memory. The level stored in the RxD bit can be read before isolated node power is enabled, avoiding possible CAN bus disruption due to an unstable node.
6
NVE Corporation 11409 Valley View Road Eden Prairie, MN 55344-3617 USA Telephone: (952) 829-9217 Fax (952) 829-9189 Internet: www.isoloop.com
IL41050
Package Drawings, Dimensions and Specifications 0.15" 16-pin SOIC Package
Dimensions in inches (mm) 0.152 (3.86) 0.157 (3.99)
NOM
0.013 (0.3) 0.020 (0.5)
0.386 (9.8) 0.394 (10.0) Pin 1 identified by either an indent or a marked dot
0.007 (0.2) 0.013 (0.3)
0.016 (0.4) 0.050 (1.3)
0.054 (1.4) 0.072 (1.8) 0.040 (1.02) 0.050 (1.27) 0.040 (1.0) NOTE: Pin spacing is a BASIC 0.060 (1.5) dimension; tolerances do not accumulate 0.004 (0.1) 0.012 (0.3)
0.228 (5.8) 0.244 (6.2)
0.3" 16-pin SOIC Package
Dimensions in inches (mm) 0.287 (7.29) 0.300 (7.62)
NOM
0.013 (0.3) 0.020 (0.5)
0.397 (10.1) 0.413 (10.5)
0.007 (0.2) 0.013 (0.3)
0.016 (0.4) 0.050 (1.3) 0.092 (2.34) 0.105 (2.67)
Pin 1 identified by either an indent or a marked dot
0.08 (2.0) 0.10 (2.5) 0.040 (1.0) NOTE: Pin spacing is a BASIC 0.060 (1.5) dimension; tolerances do not accumulate 0.004 (0.1) 0.012 (0.3)
0.394 (10.00) 0.419 (10.64)
7
NVE Corporation 11409 Valley View Road Eden Prairie, MN 55344-3617 USA Telephone: (952) 829-9217 Fax (952) 829-9189 Internet: www.isoloop.com
IL41050
Ordering Information and Valid Part Numbers
IL 4 1050 T -3 E TR13
Bulk Packaging Blank = Tube (50 pcs) TR7 = 7'' Tape and Reel (800 pcs; 0.15'' SOIC only) TR13 = 13'' Tape and Reel (3,000 pcs 0.15'' SOIC or 1,500 pcs 0.3'' SOIC) Package E = RoHS Compliant Package Type Blank = 0.3'' SOIC -3 = 0.15'' SOIC Temperature Range T = Extended (-55C to +125C) Channel Configuration 1050 = CAN Transceiver Base Part Number 4 = Isolated Transceiver Product Family IL = Isolators Valid Part Numbers IL41050TE IL41050TE TR13 IL41050T-3E IL41050T-3E TR7 IL41050T-3E TR13
RoHS
COMPLIANT
8
NVE Corporation 11409 Valley View Road Eden Prairie, MN 55344-3617 USA Telephone: (952) 829-9217 Fax (952) 829-9189 Internet: www.isoloop.com
IL41050
Revision History ISB-DS-001-IL41050-F April 2010
Changes
* Added 7-inch tape-and-reel bulk packaging option (TR7) for narrow-body parts (p. 8).
ISB-DS-001-IL41050-E March 2010
Changes
* Changed narrow-body pinouts for pins 9, 10, 12, 13, and 14 (p. 3).
ISB-DS-001-IL41050-D March 2010
Changes
* * Added 0.15" narrow-body SOIC package. Added failsafe supply voltage specification and related Note 4.
ISB-DS-001-IL41050-C February 2010
Changes
* * Extended min. operating temperature to -55C. Misc. changes and clarifications for final release.
ISB-DS-001-IL41050-B January 2010
Change
* * Clarified TxD edge trigger mode. Added information to Applications section. Tightened timing specifications based on qualification data.
ISB-DS-001-IL41050-A January 2010
Change
* Initial release.
9
NVE Corporation 11409 Valley View Road Eden Prairie, MN 55344-3617 USA Telephone: (952) 829-9217 Fax (952) 829-9189 Internet: www.isoloop.com
IL41050
About NVE
An ISO 9001 Certified Company NVE Corporation manufactures innovative products based on unique spintronic Giant Magnetoresistive (GMR) technology. Products include Magnetic Field Sensors, Magnetic Field Gradient Sensors (Gradiometers), Digital Magnetic Field Sensors, Digital Signal Isolators, and Isolated Bus Transceivers. NVE pioneered spintronics and in 1994 introduced the world's first products using GMR material, a line of ultra-precise magnetic sensors for position, magnetic media, gear speed and current sensing. NVE Corporation 11409 Valley View Road Eden Prairie, MN 55344-3617 USA Telephone: (952) 829-9217 Fax: (952) 829-9189 Internet: www.nve.com e-mail: isoinfo@nve.com The information provided by NVE Corporation is believed to be accurate. However, no responsibility is assumed by NVE Corporation for its use, nor for any infringement of patents, nor rights or licenses granted to third parties, which may result from its use. No license is granted by implication, or otherwise, under any patent or patent rights of NVE Corporation. NVE Corporation does not authorize, nor warrant, any NVE Corporation product for use in life support devices or systems or other critical applications, without the express written approval of the President of NVE Corporation. Specifications are subject to change without notice.
ISB-DS-001-IL41050-F April 2010
10
NVE Corporation 11409 Valley View Road Eden Prairie, MN 55344-3617 USA Telephone: (952) 829-9217 Fax (952) 829-9189 Internet: www.isoloop.com


▲Up To Search▲   

 
Price & Availability of LT41050T-3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X