Part Number Hot Search : 
C74VHC2 IRFS610A PJ14126L HT2830 S1100 OM6206 EGL34K F1G59
Product Description
Full Text Search
 

To Download LPT1606-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 214 -1
SMT Power Inductors - LPT1606 Series
This product has been discontinued as of September 1, 2000
A recommended alternative is the DO1606 Series. Existing customers will be supported. For more information, please contact Coilcraft.
The LPT1606 Power Wafer(R) is a very small self-shielded power inductor. Its toroid construction minimizes stray noise while its 2 mm height and tiny footprint free up board space. The 1 H part has a saturation current rating of 3 A, remarkable for an inductor this size.
Part number1 LPT1606-102ML_ LPT1606-152ML_ LPT1606-222ML_ LPT1606-332ML_ LPT1606-472ML_ LPT1606-682ML_ LPT1606-103ML_ LPT1606-153ML_ LPT1606-223ML_
L 20%2 (H) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22
DCR max (Ohms) 0.11 0.13 0.16 0.195 0.24 0.345 0.44 0.65 0.83
SRF typ (MHz) 840 505 360 230 165 130 80 60 25
Isat3 Irms4 (A) (A) 3.0 2.0 2.4 1.8 1.8 1.6 1.6 1.5 1.2 1.5 1.1 1.3 0.8 1.1 0.7 .9 0.6 .8
Terminations: Tape and reel:
Silver-palladium-platinum 750/7 reel; 2500/13 reel 8 mm tape width
1. When ordering, please specify packaging code: LPT1606MLC Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (7500 parts per full reel). 2. Inductance tested at 100 kHz, 0.1 Vrms. 3. DC current at which the inductance drops 30% (typ) from its value without current. 4. Average current for a 40C temperature rise from 25C ambient. 5. Operating and storage temperature range -40C to +85C. 6. Electrical specifications at 25C. See Qualification Standards section for environmental and test data.
Typical L vs Current
Specifications subject to change without notice. Please check our website for latest information.
Document 214-1
Revised 04/27/05
(c) Coilcraft, Inc. 2006


▲Up To Search▲   

 
Price & Availability of LPT1606-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X