Part Number Hot Search : 
FX510 SM3P2 1S205Q D82C43C ENA1511A N60CT BU4325G BU4325G
Product Description
Full Text Search
 

To Download KTC8550A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH CURRENT APPLICATION. FEATURE
Complementary to KTC8050A.
B
KTC8550A
EPITAXIAL PLANAR PNP TRANSISTOR
C
A
N
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg RATING -35 -30 -5 -800 800 400 150 -55 150 UNIT V V V mA
L
K D
G
E
H
F
F
mA mW
M
1
2
3
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. BASE 3. COLLECTOR
TO-92 (F)
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance Note : hFE(1) Classification C : 100 200, D : 150
)
TEST CONDITION VCB=-15V, IE=0 IC=-0.5mA, IE=0 IC=-1mA, IB=0 VCE=-1V, IC=-50mA VCE=-1V, IC=-350mA IC=-500mA, IB=-50mA VCE=-1V, IC=-500mA VCE=-5V, IC=-10mA VCB=-10V, f=1MHz, IE=0 MIN. -35 -30 100 60 TYP. 120 19 MAX. -50 300 -0.5 -1.2 V V MHz pF UNIT nA V V
SYMBOL ICBO V(BR)CBO V(BR)CEO hFE(1) (Note) hFE(2) VCE(sat) VBE fT Cob 300
2010. 1. 28
Revision No : 2
1/2
KTC8550A
I C - V CE
-1k COLLECTOR CURRENT I C (mA) -800 -600 -400 -200 0
COMMON EMITTER Ta=25 C -8 -7 -6 -5 -4 -3 -2 IB =-1mA 0
h FE - I C
2k DC CURRENT GAIN h FE 1k 500 300 100 50 30 10 -1 -3 -10 -30 -100 -300
-1k
COMMON EMITTER VCE =-1V
Ta=100 C Ta=25 C Ta=-25 C
0
-1
-2
-3
-4
-5
-6
COLLECTOR-EMITTER VOLTAGE V CE (V)
COLLECTOR CURRENT I C (mA)
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VCE(sat) (V) COLLECTOR CURRENT I C (mA) -3 -1 -0.5 -0.3 -0.1 -0.05 -0.03 -0.01 -1 -3 -10 -30 -100 -300 -1k COLLECTOR CURRENT I C (mA)
Ta=100 C Ta=25 C Ta=-25 C COMMON EMITTER I C /I B =25
I C - V BE
-1k -500 -300 -100 -50 -30 -10 -5 -3 -1 -0.2
COMMON EMITTER VCE =-1V
Ta= 100 C
25 C
-0.4
-0.6
Ta= -25
Ta=
C
-0.8
-1.0
BASE-EMITTER VOLTAGE V BE (V)
COLLECTOR POWER DISSIPATION PC (mW)
Pc - Ta
700 600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE Ta ( C)
2010. 1. 28
Revision No : 2
2/2


▲Up To Search▲   

 
Price & Availability of KTC8550A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X